Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XHP35A-00-0000-0D0UC40E4 Datasheet(PDF) 1 Page - Cree, Inc

Part # XHP35A-00-0000-0D0UC40E4
Description  Cree XLamp XHP35 LEDs
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XHP35A-00-0000-0D0UC40E4 Datasheet(HTML) 1 Page - Cree, Inc

  XHP35A-00-0000-0D0UC40E4 Datasheet HTML 1Page - Cree, Inc XHP35A-00-0000-0D0UC40E4 Datasheet HTML 2Page - Cree, Inc XHP35A-00-0000-0D0UC40E4 Datasheet HTML 3Page - Cree, Inc XHP35A-00-0000-0D0UC40E4 Datasheet HTML 4Page - Cree, Inc XHP35A-00-0000-0D0UC40E4 Datasheet HTML 5Page - Cree, Inc XHP35A-00-0000-0D0UC40E4 Datasheet HTML 6Page - Cree, Inc XHP35A-00-0000-0D0UC40E4 Datasheet HTML 7Page - Cree, Inc XHP35A-00-0000-0D0UC40E4 Datasheet HTML 8Page - Cree, Inc XHP35A-00-0000-0D0UC40E4 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
Product family data sheet
Copyright © 2015-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and
EasyWhite® are registered trademarks and the Cree logo and SC5 Technology™ are trademarks of Cree, Inc. UL® and the UR logo are registered
trademarks of UL LLC.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Cree® XLamp® XHP35 LEDs
ProDuCt DEsCriPtion
The XLamp® XHP35 LeD brings the
performance of Cree’s extreme High
Power LeDs to the XP footprint, setting a
new standard for performance delivered
by a 3.45  x  3.45  mm LED. Leveraging the
breakthrough 12-v monolithic power die
built on Cree’s innovative architecture and
uniquely enabled by the SC5 Technology™
Platform, the XHP35 LeD allows the
use of readily available cost--optimized
drivers to unleash the capabilities of
Cree’s high-power LeDs. Available in both
high-density and high-intensity versions,
the XHP35 LeD is application optimized
to enable new designs and radically lower
system costs.
FEAturEs
• Available in white in high-density and
high-intensity versions for design
flexibility
• XHP35 High Intensity LeD is
optimized to deliver maximum
candela through secondary optics
• Available in 5-step easyWhite® bins
at 2700 K to 5700 K CCT and 3-step
EasyWhite bins at 2700 K to 3500 K
CCT
• Available in ANSI white bins at
2700 K to 7000 K CCT
• Available in standard, 70-, 80-, 85-
and 90-minimum CRI options
• Binned at 85 °C
• Maximum drive current: 1050 mA
• Low thermal resistance: 1.8 °C/W
• Wide viewing angle: 115° for high
intensity, 125° for high density
• Unlimited floor life at
≤ 30 ºC/85% RH
• Reflow solderable - JEDEC
J-STD-020C
• RoHS and ReACh compliant
• UL® recognized component
(e349212)
tAbLE oF ContEnts
Characteristics ..............................................2
Flux Characteristics, High Density
easyWhite® Order Codes and Bins...............3
Flux Characteristics, High Density ANSI
White Order Codes and Bins ........................5
Flux Characteristics, High Intensity
easyWhite® Order Codes and Bins...............8
Flux Characteristics, High Intensity ANSI
White Order Codes and Bins ..................... 11
Relative Spectral Power Distribution ........ 15
Relative Flux vs. Junction Temperature.... 15
electrical Characteristics........................... 16
Relative Flux vs. Current ............................ 16
Relative Chromaticity vs. Current.............. 17
Relative Chromaticity vs. Temperature..... 18
Typical Spatial Distribution........................ 19
Thermal Design.......................................... 20
Performance Groups – Luminous Flux..... 20
Performance Groups – Chromaticity........ 21
Cree’s easyWhite® Chromaticity Regions
Plotted on the 1931 CIe Curve .................. 24
Cree’s Standard Cool White Kits Plotted
on ANSI Standard Chromaticity Regions.. 27
Cree’s Standard Warm and Neutral White
Kits Plotted on ANSI Standard
Chromaticity Regions ................................ 28
Bin and Order Code Formats..................... 29
Reflow Soldering Characteristics.............. 30
Notes .......................................................... 31
Mechanical Dimensions ............................ 33
Tape and Reel............................................. 35
Packaging................................................... 37
XHP35 High Density LED
XHP35 High intensity LED


Similar Part No. - XHP35A-00-0000-0D0UC40E4

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XHP35.2 CREE-XHP35.2 Datasheet
2Mb / 26P
   Cree짰 XLamp짰 XHP35.2 LEDs
XHP35B-00-0000-0D00D20E5 CREE-XHP35B-00-0000-0D00D20E5 Datasheet
2Mb / 26P
   Cree짰 XLamp짰 XHP35.2 LEDs
XHP35B-00-0000-0D00D40DT CREE-XHP35B-00-0000-0D00D40DT Datasheet
2Mb / 26P
   Cree짰 XLamp짰 XHP35.2 LEDs
XHP35B-00-0000-0D00D40DV CREE-XHP35B-00-0000-0D00D40DV Datasheet
2Mb / 26P
   Cree짰 XLamp짰 XHP35.2 LEDs
XHP35B-00-0000-0D00D40E1 CREE-XHP35B-00-0000-0D00D40E1 Datasheet
2Mb / 26P
   Cree짰 XLamp짰 XHP35.2 LEDs
More results

Similar Description - XHP35A-00-0000-0D0UC40E4

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
MX3SWT-A1-0000-000E51 CREE-MX3SWT-A1-0000-000E51 Datasheet
988Kb / 10P
   Cree XLamp MX-3S LEDs
XP-L CREE-XP-L Datasheet
2Mb / 35P
   Cree XLamp XP-L LEDs
XP-G3 CREE-XP-G3 Datasheet
2Mb / 33P
   Cree XLamp XP-G3 LEDs
XQ-E CREE-XQ-E Datasheet
2Mb / 31P
   Cree XLamp XQ-E LEDs
XM-L2 CREE-XM-L2 Datasheet
1Mb / 14P
   Cree XLamp XM-L2 LEDs
XQ-A CREE-XQ-A Datasheet
1Mb / 19P
   Cree XLamp XQ-A LEDs
XT-E CREE-XT-E Datasheet
2Mb / 45P
   Cree XLamp XT-E LEDs
MX6SWT-A1-0000-000F51 CREE-MX6SWT-A1-0000-000F51 Datasheet
999Kb / 10P
   Cree XLamp MX-6S LEDs
logo
List of Unclassifed Man...
XL7090 ETC1-XL7090 Datasheet
455Kb / 19P
   Cree XLamp 7090 Packaged LEDs
logo
Cree, Inc
XMLAWT-00-0000-0000T5051 CREE-XMLAWT-00-0000-0000T5051 Datasheet
727Kb / 12P
   Cree XLamp XM-L LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com