Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA453TA-1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA453TA-1
Description  80V, 50mA OPERATIONAL AMPLIFIERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA453TA-1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA453TA-1 Datasheet HTML 2Page - Texas Instruments OPA453TA-1 Datasheet HTML 3Page - Texas Instruments OPA453TA-1 Datasheet HTML 4Page - Texas Instruments OPA453TA-1 Datasheet HTML 5Page - Texas Instruments OPA453TA-1 Datasheet HTML 6Page - Texas Instruments OPA453TA-1 Datasheet HTML 7Page - Texas Instruments OPA453TA-1 Datasheet HTML 8Page - Texas Instruments OPA453TA-1 Datasheet HTML 9Page - Texas Instruments OPA453TA-1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
OPA452, 453
6
SBOS127C
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
At TJ = +25°C, VS = ±40V, and RL = 3.8kΩ, unless otherwise noted.
All temperatures are junction temperatures unless otherwise noted. Refer to the Applications Information section to calculate junction temperatures from ambient
temperatures for a specific configuration.
45
40
35
30
25
20
15
10
5
0
1k
10k
100k
1M
Frequency (Hz)
MAXIMUM OUTPUT VOLTAGE SWING
vs FREQUENCY
Without Slew-Induced
Distortion
OPA452
OPA453
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
(V+)
(V+) – 2
(V+) – 4
(V+) – 6
(V–) – 8
(V–) + 4
(V–) + 2
(V–)
0
20
40
60
80
100
120
Output Current (mA)
+85
°C
+25
°C
+25
°C
–55
°C
+85
°C
–55
°C
160
140
120
100
80
60
–55
–35
–15
5
25
65
45
85
105
125
Temperature (
°C)
5.7
5.5
5.3
QUIESCENT CURRENT AND SHORT-CIRCUIT
CURRENT vs TEMPERATURE
+I
SC
–I
SC
I
Q
10
8
6
4
2
0
–55
–35
–15
5
25
65
45
85
105
125
Temperature (
°C)
GAIN BANDWIDTH PRODUCT
vs TEMPERATURE
OPA453
OPA452
120
110
100
90
80
70
–55
–35
–15
5
25
65
45
85
105
125
Temperature (
°C)
OPEN-LOOP GAIN, POWER-SUPPLY
REJECTION RATIO, AND COMMON-MODE
REJECTION RATIO vs TEMPERATURE
AOL
PSRR
CMRR
10000
1000
100
10
1
0.1
–55
–35
–15
5
25
65
45
85
105
125
Temperature (
°C)
INPUT BIAS CURRENT AND INPUT
OFFSET CURRENT vs TEMPERATURE
–I
B
I
OS
+I
B


Similar Part No. - OPA453TA-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA453TA-1G3 TI1-OPA453TA-1G3 Datasheet
924Kb / 21P
[Old version datasheet]   80V, 50mA OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA453TA-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA452 TI1-OPA452_13 Datasheet
924Kb / 21P
[Old version datasheet]   80V, 50mA OPERATIONAL AMPLIFIERS
OPA454 TI-OPA454 Datasheet
1Mb / 36P
[Old version datasheet]   High-Voltage (100V), High-Current (50mA) OPERATIONAL AMPLIFIERS, G = 1 Stable
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
logo
National Semiconductor ...
LM108 NSC-LM108 Datasheet
289Kb / 10P
   Operational Amplifiers
logo
Motorola, Inc
LM301A MOTOROLA-LM301A Datasheet
130Kb / 6P
   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com