Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE5517 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NE5517
Description  Dual Operational Transconductance Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NE5517 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NE5517_13 Datasheet HTML 3Page - ON Semiconductor NE5517_13 Datasheet HTML 4Page - ON Semiconductor NE5517_13 Datasheet HTML 5Page - ON Semiconductor NE5517_13 Datasheet HTML 6Page - ON Semiconductor NE5517_13 Datasheet HTML 7Page - ON Semiconductor NE5517_13 Datasheet HTML 8Page - ON Semiconductor NE5517_13 Datasheet HTML 9Page - ON Semiconductor NE5517_13 Datasheet HTML 10Page - ON Semiconductor NE5517_13 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
NE5517, NE5517A, AU5517
http://onsemi.com
7
APPLICATIONS
4, 13
2, 15
3, 14
+
NE5517
11
6
5, 12
1, 16
+15V
−15V
7, 10
8, 9
INPUT
OUTPUT
390pF
−15V
51W
0.01mF
0.001mF
0.01mF
Figure 20. Unity Gain Follower
10kW
1.3kW
10kW
62kW
5kW
CIRCUIT DESCRIPTION
The circuit schematic diagram of one-half of the
AU5517/NE5517, a dual operational transconductance
amplifier with linearizing diodes and impedance buffers, is
shown in Figure 21.
Transconductance Amplifier
The transistor pair, Q4 and Q5, forms a transconductance
stage. The ratio of their collector currents (I4 and I5,
respectively) is defined by the differential input voltage, VIN,
which is shown in Equation 1.
VIN +
KT
q In
I5
I4
(eq. 1)
Where VIN is the difference of the two input voltages
KT
≅ 26 mV at room temperature (300°k).
Transistors Q1, Q2 and diode D1 form a current mirror which
focuses the sum of current I4 and I5 to be equal to amplifier bias
current IB:
I4 ) I5 + IB
(eq. 2)
If VIN is small, the ratio of I5 and I4 will approach unity and
the Taylor series of In function can be approximated as
KT
q In
I5
I4
[ KT
q
I5 * I4
I4
(eq. 3)
and I4 ^ I5 ^ IB
KT
q In
I5
I4
[ KT
q
I5 * I4
1 2IB
+ 2KT
q
I5 * I4
IB
+ VIN (eq. 4)
I5 * I4 + VIN
IB
q
2KT
The remaining transistors (Q6 to Q11) and diodes (D4 to D6)
form three current mirrors that produce an output current equal
to I5 minus I4. Thus:
VIN IB
q
2KT +
IO
(eq. 5)
The term
IB
q
2KT
is then the transconductance of the amplifier
and is proportional to IB.
Figure 21. Circuit Diagram of NE5517
V+
11
D4
Q6
Q7
2,15
D2
Q4
Q5
D3
−INPUT
4,13
+INPUT
3,14
AMP BIAS
INPUT
1,16
Q2
Q1
D1
V−
6
Q10
D6
Q11
VOUTPUT
5,12
Q9
Q8
D5
Q14
Q15
Q16
R1
D7
D8
Q3
7,10
Q12
Q13
8,9


Similar Part No. - NE5517_13

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5517A PHILIPS-NE5517A Datasheet
298Kb / 13P
   Dual operational transconductance amplifier
2002 Dec 06
logo
ON Semiconductor
NE5517A ONSEMI-NE5517A Datasheet
187Kb / 14P
   Dual Operational Transconductance Amplifier
April, 2006 ??Rev. 3
logo
NXP Semiconductors
NE5517AN PHILIPS-NE5517AN Datasheet
298Kb / 13P
   Dual operational transconductance amplifier
2002 Dec 06
NE5517AN PHILIPS-NE5517AN Datasheet
193Kb / 18P
   Dual operational transconductance amplifier
2002 Dec 06
logo
ON Semiconductor
NE5517AN ONSEMI-NE5517AN Datasheet
187Kb / 14P
   Dual Operational Transconductance Amplifier
April, 2006 ??Rev. 3
More results

Similar Description - NE5517_13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NE5517 ONSEMI-NE5517 Datasheet
187Kb / 14P
   Dual Operational Transconductance Amplifier
April, 2006 ??Rev. 3
logo
NXP Semiconductors
NE5517 PHILIPS-NE5517 Datasheet
298Kb / 13P
   Dual operational transconductance amplifier
2002 Dec 06
NE5517 PHILIPS-NE5517 Datasheet
193Kb / 18P
   Dual operational transconductance amplifier
2002 Dec 06
logo
New Japan Radio
NJM13600 NJRC-NJM13600 Datasheet
294Kb / 7P
   DUAL OPERATIONAL TRANSCONDUCTANCE AMPLIFIER???
logo
JSC ALFA.
AS3280 ALFA-AS3280 Datasheet
457Kb / 4P
   Dual Operational Transconductance Amplifier (OTA)
logo
National Semiconductor ...
LM3080 NSC-LM3080 Datasheet
188Kb / 6P
   Operational Transconductance Amplifier
logo
Intersil Corporation
CA3280 INTERSIL-CA3280 Datasheet
286Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
September 1998
logo
Burr-Brown (TI)
OPA2662 BURR-BROWN-OPA2662 Datasheet
328Kb / 18P
   Dual, Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
logo
Intersil Corporation
CA3280 INTERSIL-CA3280_02 Datasheet
393Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
logo
Renesas Technology Corp
CA3280 RENESAS-CA3280 Datasheet
644Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com