Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE592D14G Datasheet(PDF) 10 Page - ON Semiconductor

Part # NE592D14G
Description  Video Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NE592D14G Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NE592D14G Datasheet HTML 2Page - ON Semiconductor NE592D14G Datasheet HTML 3Page - ON Semiconductor NE592D14G Datasheet HTML 4Page - ON Semiconductor NE592D14G Datasheet HTML 5Page - ON Semiconductor NE592D14G Datasheet HTML 6Page - ON Semiconductor NE592D14G Datasheet HTML 7Page - ON Semiconductor NE592D14G Datasheet HTML 8Page - ON Semiconductor NE592D14G Datasheet HTML 9Page - ON Semiconductor NE592D14G Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
NE592
www.onsemi.com
10
PACKAGE DIMENSIONS
SOIC−14
CASE 751A−03
ISSUE L
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE PROTRUSION
SHALL BE 0.13 TOTAL IN EXCESS OF AT
MAXIMUM MATERIAL CONDITION.
4. DIMENSIONS D AND E DO NOT INCLUDE
MOLD PROTRUSIONS.
5. MAXIMUM MOLD PROTRUSION 0.15 PER
SIDE.
H
14
8
7
1
M
0.25
B M
C
h
X 45
SEATING
PLANE
A1
A
M
_
S
A
M
0.25
B S
C
b
13X
B
A
E
D
e
DETAIL A
L
A3
DETAIL A
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
D
8.55
8.75
0.337
0.344
E
3.80
4.00
0.150
0.157
A
1.35
1.75
0.054
0.068
b
0.35
0.49
0.014
0.019
L
0.40
1.25
0.016
0.049
e
1.27 BSC
0.050 BSC
A3
0.19
0.25
0.008
0.010
A1
0.10
0.25
0.004
0.010
M
0
7
0
7
H
5.80
6.20
0.228
0.244
h
0.25
0.50
0.010
0.019
__
__
6.50
14X
0.58
14X
1.18
1.27
DIMENSIONS: MILLIMETERS
1
PITCH
SOLDERING FOOTPRINT*
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
0.10
ON Semiconductor and the
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC) or its subsidiaries in the United States and/or other countries.
SCILLC owns the rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property. A listing of SCILLC’s product/patent coverage may be accessed
at www.onsemi.com/site/pdf/Patent− Marking.pdf.
SCILLC reserves the right to make changes without further notice to any products herein.
SCILLC makes no warranty,
representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product
or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. “Typical” parameters which may be provided in
SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must
be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products
are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or
for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products
for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against
all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended
or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action
Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
NE592/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
19521 E. 32nd Pkwy, Aurora, Colorado 80011 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - NE592D14G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NE592D14G ONSEMI-NE592D14G Datasheet
173Kb / 12P
   Video Amplifier
October, 2006 ??Rev. 4
More results

Similar Description - NE592D14G

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM592 NJRC-NJM592 Datasheet
193Kb / 7P
   VIDEO AMPLIFIER
logo
NXP Semiconductors
NE592 PHILIPS-NE592 Datasheet
141Kb / 8P
   Video amplifier
April 15, 1992
logo
Agamem Microelectronic ...
AA8500 AGAMEM-AA8500 Datasheet
41Kb / 1P
   VIDEO AMPLIFIER
AA8630 AGAMEM-AA8630 Datasheet
153Kb / 6P
   VIDEO AMPLIFIER
AA8500AP AGAMEM-AA8500AP Datasheet
160Kb / 5P
   VIDEO AMPLIFIER
logo
Mitsumi Electronics, Co...
MM1002 MITSUMI-MM1002 Datasheet
104Kb / 6P
   Video Amplifier
logo
ON Semiconductor
NE592 ONSEMI-NE592 Datasheet
173Kb / 12P
   Video Amplifier
October, 2006 ??Rev. 4
logo
NXP Semiconductors
NE5592 PHILIPS-NE5592 Datasheet
63Kb / 6P
   Video amplifier
1987 Oct 20
logo
Zetex Semiconductors
ZXFV202 ZETEX-ZXFV202 Datasheet
34Kb / 2P
   Video Amplifier
logo
Mitsumi Electronics, Co...
MM1207 MITSUMI-MM1207 Datasheet
129Kb / 5P
   85MHz RGB Video Amplifier/130MHz RGB Video Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com