Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM15WTRZB-3S Datasheet(PDF) 4 Page - Hirose Electric

Part # RM15WTRZB-3S
Description  General-purpose Multi-Contact Circular Waterproof Connectors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

RM15WTRZB-3S Datasheet(HTML) 4 Page - Hirose Electric

  RM15WTRZB-3S Datasheet HTML 1Page - Hirose Electric RM15WTRZB-3S Datasheet HTML 2Page - Hirose Electric RM15WTRZB-3S Datasheet HTML 3Page - Hirose Electric RM15WTRZB-3S Datasheet HTML 4Page - Hirose Electric RM15WTRZB-3S Datasheet HTML 5Page - Hirose Electric RM15WTRZB-3S Datasheet HTML 6Page - Hirose Electric RM15WTRZB-3S Datasheet HTML 7Page - Hirose Electric RM15WTRZB-3S Datasheet HTML 8Page - Hirose Electric RM15WTRZB-3S Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
109-1616-9-ππ
Part Number
CL No.
Number of Contacts
Weight RoHS
RM15WTPZ-2P(ππ)
RM15WTPZ-3P(ππ)
RM15WTPZ-4P(ππ)
RM15WTPZ-8P(ππ)
RM15WTPZ-10P(ππ)
RM15WTPZ-12P(ππ)
2
32g
YES
109-1622-1-ππ
109-1617-1-ππ
109-1618-4-ππ
109-1619-7-ππ
109-1620-6-ππ
3
4
8
10
12
34g
33g
32g
33g
33g
M19∞1
M16∞0.75
Wrench opening dimension
of 18 mm
36.3
Part Number
CL No.
Number of Contacts Weight RoHS
RM15WTPZ-2S(ππ)
RM15WTPZ-3S(ππ)
RM15WTPZ-4S(ππ)
RM15WTPZ-8S(ππ)
RM15WTPZ-10S(ππ)
RM15WTPZ-12S(ππ)
109-1611-5-ππ
2
34g
YES
109-1621-9-ππ
109-1612-8-ππ
109-1613-0-ππ
109-1614-3-ππ
109-1615-6-ππ
3
4
8
10
12
36g
34g
34g
34g
34g
17
M16∞0.75
Wrench opening dimension
of 17 mm
Drive screw(2)
7.5
M16∞0.75
Wrench opening dimension
of 17 mm
RM15WTPZ-10S
JR13WCC-10(72)
JR13WCCA-10(72)
Part Number
CL No.
A
Weight
RoHS
JR13WCC-4(72)
JR13WCC-5(72)
JR13WCC-6(72)
114-2045-0-72
4
17g
YES
114-2046-3-72
114-2047-6-72
5
17g
6
17g
Part Number
CL No.
A
Weight
RoHS
JR13WCC-7(72)
JR13WCC-8(72)
JR13WCC-9(72)
JR13WCC-10(72)
114-2048-9-72
7
17g
YES
114-2049-1-72
114-2050-0-72
114-2051-3-72
8
17g
9
17g
10
17g
Part Number
CL No.
A
Weight
RoHS
JR13WCCA-4(72)
JR13WCCA-5(72)
Notes : 1. Cable jacket diameter: Use A ± 0.2mm
2. When using the self-tightening strain relief verify the cable pull force requirements.
JR13WCCA-6(72)
114-2069-9-72
114-2070-8-72
114-2071-0-72
4
12g
5
12g
6
12g
YES
Part Number
CL No.
A
Weight
RoHS
JR13WCCA-7(72)
JR13WCCA-8(72)
JR13WCCA-9(72)
JR13WCCA-10(72)
114-2072-3-72
114-2073-6-72
114-2074-9-72
114-2075-1-72
7
12g
8
12g
9
12g
10
12g
YES
sPlugs - Straight, short back shell
sApplicable Strain reliefs
q External cable clamp + internal, self-tightening
q Internal, self tightening
[Specification number] (**), -**
(71) : Silver plated contacts
(72) : Gold plated contacts
(shown one example)
(shown one example)
(shown one example)
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - RM15WTRZB-3S

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RM15 MITSUBISHI-RM15 Datasheet
47Kb / 3P
   HIGH VOLTAGE MEDIUM POWER GENERAL USE INSULATED TYPE
logo
Micro Commercial Compon...
RM15 MCC-RM15 Datasheet
71Kb / 3P
   500 Milliamp High Voltage Silicon Rectifier 1200 to 2000 Volts
logo
Mitsubishi Electric Sem...
RM1500DC-66F MITSUBISHI-RM1500DC-66F Datasheet
226Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
logo
Micro Commercial Compon...
RM1500E MCC-RM1500E Datasheet
71Kb / 3P
   500 Milliamp High Voltage Silicon Rectifier 1200 to 2000 Volts
RM1500E MCC-RM1500E Datasheet
244Kb / 3P
   500 Milliamp High Voltage Silicon Rectifier 1200 to 2000 Volts
More results

Similar Description - RM15WTRZB-3S

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
RM HIROSE-RM_18 Datasheet
522Kb / 13P
   Multi-contact Compact Circular Connectors
logo
DDK Ltd.
CE02-2A18-10P-D DDK-CE02-2A18-10P-D Datasheet
191Kb / 3P
   Waterproof Circular Connectors
CE02-2A DDK-CE02-2A Datasheet
192Kb / 3P
   Waterproof Circular Connectors
logo
Hirose Electric
JR-W HIROSE-JR-W Datasheet
823Kb / 13P
   Waterproof Circular Connectors
logo
Japan Aviation Electron...
SRCN JAE-SRCN Datasheet
429Kb / 2P
   Low Cost, General Purpose Miniature Circular Connectors
logo
ITT Industries
KPT ITT-KPT Datasheet
325Kb / 31P
   General purpose solder contact connectors
031-8704-203 ITT-031-8704-203 Datasheet
326Kb / 31P
   KPT General purpose solder contact connectors
logo
List of Unclassifed Man...
KPT06E22-41PF80 ETC2-KPT06E22-41PF80 Datasheet
326Kb / 31P
   KPT General purpose solder contact connectors
logo
Japan Aviation Electron...
JN2 JAE-JN2 Datasheet
294Kb / 8P
   JN2 SERIES CONNECTORS - General Purpose Waterproof, Miniature Connectors
logo
DDK Ltd.
DMS3106A10SL-29SW(D190) DDK-DMS3106A10SL-29SW(D190) Datasheet
1Mb / 10P
   Waterproof Circular Connectors (MIL-DTL-5015 Compatible)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com