Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SE5230 Datasheet(PDF) 10 Page - ON Semiconductor

Part # SE5230
Description  Low Voltage Operational Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SE5230 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button SE5230 Datasheet HTML 6Page - ON Semiconductor SE5230 Datasheet HTML 7Page - ON Semiconductor SE5230 Datasheet HTML 8Page - ON Semiconductor SE5230 Datasheet HTML 9Page - ON Semiconductor SE5230 Datasheet HTML 10Page - ON Semiconductor SE5230 Datasheet HTML 11Page - ON Semiconductor SE5230 Datasheet HTML 12Page - ON Semiconductor SE5230 Datasheet HTML 13Page - ON Semiconductor SE5230 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
NE5230, SA5230, SE5230
http://onsemi.com
10
REMOTE TRANSDUCER WITH CURRENT
TRANSMISSION
There are many ways to transmit information along two
wires, but current transmission is the most beneficial when
the sensing of remote signals is the aim. It is further
enhanced in the form of 4.0 to 20 mA information which is
used in many control−type systems. This method of
transmission provides immunity from line voltage drops,
large load resistance variations, and voltage noise pickup.
The zero reference of 4mA not only can show if there is a
break in the line when no current is flowing, but also can
power the transducer at the remote location. Usually the
transducer itself is not equipped to provide for the current
transmission. The unique features of the NE5230 can
provide high output current capability coupled with low
power consumption. It can be remotely connected to the
transducer to create a current loop with minimal external
components. The circuits for this are shown in Figures 6
and 7. Here, the part is configured as a voltage−to−current,
or transconductance amplifier. This is a novel circuit that
takes advantage of the NE5230’s large open−loop gain. In
AC applications, the load current will decrease as the
open−loop gain rolls off in magnitude. The low offset
voltage and current sinking capabilities of the NE5230 must
also be considered in this application.
The NE5230 circuit shown in Figure 6 is a pseudo
transistor configuration. The inverting input is equivalent to
the “base,” the point where VEE and the non−inverting input
meet is the “emitter,” and the connection after the output
diode meets the VCC pin is the collector. The output diode
is essential to keep the output from saturating in this
configuration. From here it can be seen that the base and
emitter form a voltage−follower and the voltage present at
RC must equal the input voltage present at the inverting
input. Also, the emitter and collector form a
current−follower and the current flowing through RC is
equivalent to the current through RL and the amplifier. This
sets up the current loop. Therefore, the following equation
can be formulated for the working current transmission line.
The load current is:
IL +
VIN
RC
(eq. 2)
and proportional to the input voltage for a set RC. Also, the
current is constant no matter what load resistance is used
while within the operating bandwidth range of the op amp.
When the NE5230’s supply voltage falls past a certain point,
the current cannot remain constant. This is the “voltage
compliance” and is very good for this application because of
the near rail output voltage. The equation that determines the
voltage compliance as well as the largest possible load
resistor for the NE5230 is as follows:
RLmax +
Vremote supply * VCC min * VIN max
IL
(eq. 3)
Where VCC min is the worst−case power supply voltage
(approximately 1.8 V) that will still keep the part
operational. As an example, when using a 15 V remote
power supply, a current sensing resistor of 1.0
W, and an
input voltage (VIN) of 20 mV, the output current (IL) is
20 mA. Furthermore, a load resistance of zero to
approximately 650
W can be inserted in the loop without any
change in current when the bias current−control pin is tied
to the negative supply pin. The voltage drop across the load
and line resistance will not affect the NE5230 because it will
operate down to 1.8 V. With a 15 V remote supply, the
voltage available at the amplifier is still enough to power it
with the maximum 20 mA output into the 650
W load.
Figure 6. The NE5230 as a Remote Transducer
Transconductance Amp with 4.0 − 20 mA Current
Transmission Output Capability
T
R
A
N
S
D
U
C
E
R
V
REMOTE
POWER
SUPPLY
NE5230
VCC
VEE
VIN
IOUT
3
2
4
5
6
7
+
RC
RL
+
NOTES:
1. IOUT = VIN/RC
2. RL MAX
VREMOTE * 1.8V * VINMAX
IOUT
For RC = 1.0 W
IOUT
4mA
VIN
4mV
20mA
20mV
Figure 7. The Same Type of Circuit as Figure 6, but
for Sourcing Current to the Load
VCC
NE5230
3
2
4
5
6
7
+
VEE
+ IOUT
+
VIN
RC
RL
VCC
+


Similar Part No. - SE5230

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SE5230 ONSEMI-SE5230 Datasheet
245Kb / 18P
   Low Voltage Operational Amplifier
August, 2010 ??Rev. 5
SE5230D ONSEMI-SE5230D Datasheet
245Kb / 18P
   Low Voltage Operational Amplifier
August, 2010 ??Rev. 5
SE5230DR2 ONSEMI-SE5230DR2 Datasheet
245Kb / 18P
   Low Voltage Operational Amplifier
August, 2010 ??Rev. 5
More results

Similar Description - SE5230

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK17010 TOKO-TK17010 Datasheet
47Kb / 8P
   LOW VOLTAGE OPERATIONAL AMPLIFIER
logo
NXP Semiconductors
NE5230 PHILIPS-NE5230 Datasheet
189Kb / 17P
   Low voltage operational amplifier
1994 Aug 31
logo
ON Semiconductor
NE5230 ONSEMI-NE5230 Datasheet
245Kb / 18P
   Low Voltage Operational Amplifier
August, 2010 ??Rev. 5
logo
Advanced Monolithic Sys...
AMSOP-07 ADMOS-AMSOP-07 Datasheet
66Kb / 6P
   LOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
AMSOP-07 ADMOS-AMSOP-07_1 Datasheet
62Kb / 6P
   LOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
logo
TAITRON Components Inco...
LMV358 TAITRON-LMV358 Datasheet
1Mb / 18P
   Dual Low Voltage Operational Amplifier
logo
Maxim Integrated Produc...
OP07 MAXIM-OP07 Datasheet
262Kb / 8P
   Low Offset Voltage Operational Amplifier
Rev 1; 8/95
MAX400 MAXIM-MAX400 Datasheet
151Kb / 4P
   Ultra Low Offset Voltage Operational Amplifier
Rev 0; 1988
OP90 MAXIM-OP90 Datasheet
234Kb / 8P
   Precision Low Voltage Micropower Operational Amplifier
19-2478 10/89
logo
New Japan Radio
NJU7021 NJRC-NJU7021 Datasheet
204Kb / 6P
   LOW VOLTAGE C-MOS OPERATIONAL AMPLIFIER????
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com