Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV431ALPRMG Datasheet(PDF) 7 Page - ON Semiconductor

Part # TLV431ALPRMG
Description  Low Voltage Precision Adjustable Shunt Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TLV431ALPRMG Datasheet(HTML) 7 Page - ON Semiconductor

Back Button TLV431ALPRMG Datasheet HTML 3Page - ON Semiconductor TLV431ALPRMG Datasheet HTML 4Page - ON Semiconductor TLV431ALPRMG Datasheet HTML 5Page - ON Semiconductor TLV431ALPRMG Datasheet HTML 6Page - ON Semiconductor TLV431ALPRMG Datasheet HTML 7Page - ON Semiconductor TLV431ALPRMG Datasheet HTML 8Page - ON Semiconductor TLV431ALPRMG Datasheet HTML 9Page - ON Semiconductor TLV431ALPRMG Datasheet HTML 10Page - ON Semiconductor TLV431ALPRMG Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
TLV431A, TLV431B, TLV431C, SCV431B, NCV431
www.onsemi.com
7
Figure 3. Test Circuit
for VKA = Vref
Figure 4. Test Circuit
for VKA u Vref
Figure 5. Test Circuit
for IK(off)
IK
Input
VKA
Vref
IK(off)
Input
VKA
IK
Input
VKA
Vref
Iref
R2
R1
V
KA +
V
ref
1
) R1
R2
) I
ref S
R1
Vref(min)
Vref(typ)
Figure 6. Cathode Current vs. Cathode Voltage
Figure 7. Cathode Current vs. Cathode Voltage
Figure 8. Reference Input Voltage versus
Ambient Temperature
Figure 9. Reference Input Current versus
Ambient Temperature
VKA, CATHODE VOLTAGE (V)
30
20
10
0
2.0
1.5
1.0
0.5
0
−0.5
−1.0
VKA, CATHODE VOLTAGE (V)
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
90
70
50
30
10
−10
−30
−10
110
TA, AMBIENT TEMPERATURE (°C)
1.25
1.23
35
10
−15
−40
TA, AMBIENT TEMPERATURE (°C)
85
60
35
10
−15
−40
0.14
0.13
0.12
1.22
0.15
85
60
1.24
IK
Input
VKA
VKA = Vref
TA = 25°C
IK
Input
VKA
VKA = Vref
TA = 25°C
IK
Input
VKA
IK = 10 mA
10 k
Iref
VKA = Vref
IK = 10 mA
Input
IK
VKA
Vref(max)
IK(min)
TLV431A Typ.


Similar Part No. - TLV431ALPRMG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TLV431ALPRMG ONSEMI-TLV431ALPRMG Datasheet
193Kb / 15P
   Low Voltage Precision Adjustable Shunt Regulator
November, 2013 ??Rev. 15
TLV431ALPRMG ONSEMI-TLV431ALPRMG Datasheet
394Kb / 19P
   Low Voltage Precision Adjustable Shunt Regulator
January, 2020 ??Rev. 26
More results

Similar Description - TLV431ALPRMG

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK432 KODENSHI-KK432 Datasheet
324Kb / 6P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Leshan Radio Company
LR432AH LRC-LR432AH Datasheet
293Kb / 3P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Microsemi Corporation
LX432 MICROSEMI-LX432_05 Datasheet
202Kb / 10P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Texas Instruments
TLVH431A TI-TLVH431A Datasheet
500Kb / 31P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
International Rectifier
IRU431L IRF-IRU431L Datasheet
47Kb / 6P
   LOW -VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Guangdong Kexin Industr...
TL432 KEXIN-TL432 Datasheet
318Kb / 8P
   Low Voltage Adjustable Precision Shunt Regulator
logo
IK Semicon Co., Ltd
TL432 IKSEMICON-TL432 Datasheet
611Kb / 9P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Fairchild Semiconductor
RC0431A FAIRCHILD-RC0431A Datasheet
540Kb / 9P
   Low-Voltage Adjustable Precision Shunt Regulator
logo
Bookly Micro electronic
BM432 BOOKLY-BM432 Datasheet
401Kb / 14P
   LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Guangdong Kexin Industr...
KL432 KEXIN-KL432 Datasheet
118Kb / 2P
   Low Voltage Adjustable Precision Shunt Regulator
logo
List of Unclassifed Man...
AT431 ETC1-AT431 Datasheet
355Kb / 14P
   Low-Voltage Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com