Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCL17.0MC Datasheet(PDF) 3 Page - Astrodyne Corporation

Part # DCL17.0MC
Description  75 Watt Medical Grade Automobile Power Adapter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

DCL17.0MC Datasheet(HTML) 3 Page - Astrodyne Corporation

  DCL17.0MC Datasheet HTML 1Page - Astrodyne Corporation DCL17.0MC Datasheet HTML 2Page - Astrodyne Corporation DCL17.0MC Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
75 Watt Medical Grade Automobile Power Adapter
WWW.ASTRODYNE.COM
FAX: 1-908-353-1021
PHONE: 1-908-353-5700
INDUSTRIES
JEROME
MECHANICAL DIMENSIONS
AUTOPOWER
PLUG ON
DC INPUT
3.00
1.89
4.75
3.00
3.00
1.97
7
MECHANICAL
5 BUMP-ON (4 CORNERS) -CLEAR
6 OUTPUT:
-VARIOUS OUTPUT CORD AND CONNECTOR
OPTIONS AVAILABLE
7 OPTIONAL- LED POWER INDICATOR
AVAILABLE IN BLUE OR GREEN
MARKINGS
1 CUSTOMIZABLE TOP SURFACE
MARKING AREA = 4.41" X 2.09"
2 STANDARD JEROME/ASTRODYNE INFO
A) JEROME/ASTRODYNE NAME,
AND WEB URL
B) MODEL NUMBER AND PRODUCT
DESCRIPTION
C) ELECTRICAL RATINGS
D) COMPLIANCE AGENCY MARKS
3 OPTIONAL- SERIAL NUMBER
AND/OR BAR CODE
4 DATE CODE
6
US
ALL DIMENSIONS IN INCHES UNLESS
OTHERWISE NOTED
41
4.75
2314


Similar Part No. - DCL17.0MC

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DCL12S0A0S03NFA DELTA-DCL12S0A0S03NFA Datasheet
915Kb / 19P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.69V-5V/20Aout
DCL12S0A0S03NFA DELTA-DCL12S0A0S03NFA Datasheet
998Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin, 0.6-3.3V/12Aout
DCL12S0A0S03NFA DELTA-DCL12S0A0S03NFA Datasheet
1Mb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.69-5.0V/12Aout
DCL12S0A0S03NFA DELTA-DCL12S0A0S03NFA Datasheet
1Mb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.59-5.0V/6Aout
DCL12S0A0S03NFA DELTA-DCL12S0A0S03NFA Datasheet
713Kb / 19P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin 0.6-3.3V/3Aout
More results

Similar Description - DCL17.0MC

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
MMK75S ASTRODYNE-MMK75S Datasheet
748Kb / 3P
   Medical Grade 75 Watt Enclosed Switching Power Supplies
AHP1001 ASTRODYNE-AHP1001 Datasheet
495Kb / 4P
   Medical Grade Class II 10 Watt Adapter
AHP1001A-01 ASTRODYNE-AHP1001A-01 Datasheet
495Kb / 4P
   Medical Grade Class II 10 Watt Adapter
logo
Phihong USA Inc.
PMA18A-120PHW PHIHONG-PMA18A-120PHW Datasheet
85Kb / 2P
   18W Medical Grade Adapter
logo
CINCON ELECTRONICS Corp...
TR160M CINCON-TR160M Datasheet
556Kb / 5P
   160 WATT MEDICAL SWITCH ADAPTER
logo
SL Power Electronics
MW155 SLPOWER-MW155 Datasheet
349Kb / 2P
   120 Watt Medical Adapter Series
MW159 SLPOWER-MW159 Datasheet
381Kb / 2P
   100 Watt Medical Adapter Family
logo
Astrodyne Corporation
MMK40S ASTRODYNE-MMK40S Datasheet
695Kb / 3P
   Medical Grade 40 Watt Enclosed Switching Power Supplies
MMK150S ASTRODYNE-MMK150S Datasheet
580Kb / 3P
   Medical Grade 150 Watt Enclosed Switching Power Supplies
MMK320S ASTRODYNE-MMK320S Datasheet
635Kb / 3P
   Medical Grade 300 Watt Enclosed Switching Power Supplies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com