Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSA590 Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # WSA590
Description  HIGH EFFICIENCY, COMPACT DESIGN SWITCHMODE TECHNOLOGY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

WSA590 Datasheet(HTML) 1 Page - Astrodyne Corporation

  WSA590 Datasheet HTML 1Page - Astrodyne Corporation WSA590 Datasheet HTML 2Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© Copyright 2015, Astrodyne, Inc
This document is believed to be correct at time of publication and Astrodyne, Inc
accepts no responsibility for consequences from printing errors or inaccuracies.
Specifications are subject to change without notice
www.AstrodyneTDI.com
PH: 908-353-5700 | FAX: 908-353-1021
WSA 500 SERIES, 30 WATTS
HIGH EFFICIENCY, COMPACT DESIGN SWITCHMODE TECHNOLOGY
*Add a suffix, “M” for Medical or leave it blank for non-medical.
MODEL NUMBER
VDC
AMPS
WATTS
WSA533
3.3
5
16
WSA540
4.0
5
19
WSA545
4.5
5
22
WSA550
5
5
25
WSA555
5.5
4.5
25
WSA560
6
4.15
25
WSA565
6.5
3.8
25
WSA570
7
3.5
25
WSA575
7.5
3.3
25
WSA580
8
3.1
25
WSA590
9
3
27
WSA510
10
2.7
27
WSA511
11
2.5
27
WSA512
12
2.5
30
WSA513
13
2.3
30
WSA514
14
2.15
30
WSA515
15
2
30
WSA516
16
1.85
30
WSA518
18
1.65
30
WSA520
20
1.5
30
WSA522
22
1.35
30
WSA524
24
1.25
30
WSA526
26
1.15
30
WSA528
28
1.07
30
WSA530
30
1
30
WSA532
32
0.94
30
WSA536
36
0.83
30
WSA540
40
0.75
30
WSA544
44
0.68
30
WSA548
48
0.63
30
UL, cUL, TUV Certified CE marked for European Compliance CEC /
DOE EISA 2007 Compliant
Standard Specifications
• Universal Input Voltage: 90-264Vac 47-63Hz class I or II
• 75 to 85% efficiency
• Output Voltage Tolerance: +/-2.5% Typical, +/-5% Max, from
Full Load to No Load.
• Operating Temperature: 0 - 40°C
• Maximum Output Ripple:
• 3.3 - 6V: 50mVp-p
• 6.1 - 22V: 100mVp-p
• 22.1 - 32V: 150mVp-p
• 32.1 - 48V: 250mVp-p
• Designed for Continuous Duty
• Hold-Up Time : 25mS Minimum @ 120 Vin
• Short Circuit and Over Load Protection
• SELV Output
• MTBF Calculated > 100,000 Hours @ 40°C
• 2 Hour Minimum Loaded Burn-in at 40°C Ambient for
standard output cord configurations
• Leakage current compliant to IEC60601-1 Category B and BF
• 5 Year Warranty
Available Features
• Expanded Operating Temperatures
• 400 Hz Input Rating
• DC Input Rating
• Additional Noise and/or Surge Protection
• LED Power On Indicator
• Fixed-in-place Input Cord
• Wall Plug-in configuration
• Extended Hold-Up Time
• Output Cord Sets and Connector Configurations
• Case Colors, Markings & Logos
• 16 Hour Burn-in
All specifications are typical at nominal input, full load, and 25°C unless
otherwise noted
A-CASE


Similar Part No. - WSA590

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
WSA5800A101151 TAOGLAS-WSA5800A101151 Datasheet
2Mb / 23P
   Phoenix WSA.5800 Wi-Fi I-Bar 5.8GHz Antenna
More results

Similar Description - WSA590

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
WSA430 ASTRODYNE-WSA430 Datasheet
275Kb / 2P
   HIGH EFFICIENCY, COMPACT DESIGN SWITCHMODE TECHNOLOGY
logo
Laird Tech Smart Techno...
DA-045-12-02 LSTD-DA-045-12-02 Datasheet
819Kb / 2P
   Compact design
AA-024-12-22 LSTD-AA-024-12-22 Datasheet
930Kb / 2P
   Compact design
logo
CUI INC
SWI25-N CUI-SWI25-N Datasheet
454Kb / 4P
   compact design
logo
Ohmite Mfg. Co.
ACL-ACD22 OHMITE-ACL-ACD22 Datasheet
610Kb / 1P
   Compact design
logo
Semikron International
SK35GAL12T4 SEMIKRON-SK35GAL12T4 Datasheet
162Kb / 5P
   Compact design
logo
Taoglas antenna solutio...
PA.26A TAOGLAS-PA.26A Datasheet
5Mb / 22P
   Compact High Efficiency Antenna
logo
NXP Semiconductors
AN10829 PHILIPS-AN10829_15 Datasheet
514Kb / 22P
   SSL2101 dimmable high efficiency flyback design
Rev. 3-22 June 2011
logo
BOSER Technology Co., L...
BBS-4016-F BOSER-BBS-4016-F Datasheet
224Kb / 1P
   compact pc design
BBS-4020-F BOSER-BBS-4020-F Datasheet
646Kb / 1P
   Compact PC design
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com