Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM21WTP-CP Datasheet(PDF) 10 Page - Hirose Electric

Part # RM21WTP-CP
Description  General-purpose Multi-Contact Circular Waterproof Connectors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

RM21WTP-CP Datasheet(HTML) 10 Page - Hirose Electric

Back Button RM21WTP-CP Datasheet HTML 6Page - Hirose Electric RM21WTP-CP Datasheet HTML 7Page - Hirose Electric RM21WTP-CP Datasheet HTML 8Page - Hirose Electric RM21WTP-CP Datasheet HTML 9Page - Hirose Electric RM21WTP-CP Datasheet HTML 10Page - Hirose Electric RM21WTP-CP Datasheet HTML 11Page - Hirose Electric RM21WTP-CP Datasheet HTML 12Page - Hirose Electric RM21WTP-CP Datasheet HTML 13Page - Hirose Electric RM21WTP-CP Datasheet HTML 14Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
4 m ø max.
1000 M ø min
No flashover or insulation breakdown.
No electrical discontinuity for 10µs max.
No electrical discontinuity for 10µs max.
8 m ø max.
Insulation resistance: 100 M ø min.
Insulation resistance: 100 M ø min. (Dray state)
0When mated with corresponding connector.
1A DC
500V DC
1800V AC/one minute (4 pos.)
1500V AC/one minute (15, 31, 55 pos.)
1000V AC/one minute (20 pos.)
Frequency: 10 to 55Hz, single amplitude of 0.75mm,for 3
hours in 3 axis.
Acceleration of 490m/s2, 11ms duration, sine half-wave
waveform, 3 cycles in each of the 3 axis.
2000 cycles
Temperature : -55ç ➝ Room temperature ➝ +85ç ➝ Room temperature
Time
: 30 ➝ 10 to 15 ➝ 30 ➝ 10 to 15 (Minutes)
5 cycles
96 hours at temperature 0f 40ç and humidity 0f 90% to 95%.
Complete dust protection. No water penetration
when submerged for 48 hours at the depth of 1.8 meter.
1. Contact resistance
2. Insulation resistance
3. Withstanding voltage
4. Vibration
5. Shock
6. Durability
(insertion/withdrawal)
7. Temperature cycle
8. Humidity
9. Water / dust protection
Rating
Voltage rating
Current rating
Operating temperature range (Note 1)
Storage temperature range (Note 2)
600V AC, 840V DC (40 pos.)
500V AC, 700V DC (15, 31, 55 pos.)
350V AC, 490V DC (20 pos.)
5A
-25ç to +85ç
-25ç to +85ç
sProduct Specifications (RM21WT to RM31WT size products)
sMaterials
Characteristic
Specification
Conditions
Body
Insulator
Contacts
Gasket
Brass
Diallyl phthalate
Brass, copper alloy
Chloroprene rubber or SIR
Chrome plated or nickel plated
Color: Black
Silver plated or gold plated
Color: black
-------------------
UL94V-0
-------------------
-------------------
Item
Material
Finish
Remarks
Note 1: Includes temperature rise caused by the current flow.
Note 2: The term “storage” refers to products stored for long period of time prior to mounting and use. Operating temperature range and humidity range
Note 2: covers non-conducting condition of installed connectors in storage, shipment or during transportation.
Note: Do not mix different contact plating.
sOrdering Information
RM 21 W T P
*
**
* - 2 P (*
**
*)
1
2
1
3
4
5
6
7
Series name : RM-W
Shell size
Lock type
T : Screw Lock
Connector type
P : Plug
R : Receptacle
1
Number of Contacts
Contact type
P : Male contact
S : Female contact
Plating
(71) : Silver plated
(72) : Gold plated
5
6
2
3
4
7
RM 21 W T P - CP (10) (
*
**
*)
8
9
CP: Strain relief
8
() with
: External cable clamp
() without : Internal cable clamp
4~18
: Cable size
9
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - RM21WTP-CP

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
RM21W1P-50-TD WINCHESTER-RM21W1P-50-TD Datasheet
73Kb / 1P
   21W1P D-SUB CONNECTOR
RM21WA4P-1008 WINCHESTER-RM21WA4P-1008 Datasheet
65Kb / 1P
   R/A 21WA4P CONNECTOR WITH PICK AND PLACE BRACKET
RM21WA4P-1009 WINCHESTER-RM21WA4P-1009 Datasheet
69Kb / 1P
   R/A 21WA4P CONNECTOR WITH PICK AND PLACE BRACKET
RM21WA4P-1015 WINCHESTER-RM21WA4P-1015 Datasheet
147Kb / 1P
   21WA4P D-SUB CONNECTOR
RM21WA4P-1023 WINCHESTER-RM21WA4P-1023 Datasheet
128Kb / 1P
   D-SUB PLUG CONNECTOR DEPOPULATED POSITIONS 9, 16, 17
More results

Similar Description - RM21WTP-CP

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
RM HIROSE-RM_18 Datasheet
522Kb / 13P
   Multi-contact Compact Circular Connectors
logo
DDK Ltd.
CE02-2A18-10P-D DDK-CE02-2A18-10P-D Datasheet
191Kb / 3P
   Waterproof Circular Connectors
CE02-2A DDK-CE02-2A Datasheet
192Kb / 3P
   Waterproof Circular Connectors
logo
Hirose Electric
JR-W HIROSE-JR-W Datasheet
823Kb / 13P
   Waterproof Circular Connectors
logo
Japan Aviation Electron...
SRCN JAE-SRCN Datasheet
429Kb / 2P
   Low Cost, General Purpose Miniature Circular Connectors
logo
ITT Industries
KPT ITT-KPT Datasheet
325Kb / 31P
   General purpose solder contact connectors
031-8704-203 ITT-031-8704-203 Datasheet
326Kb / 31P
   KPT General purpose solder contact connectors
logo
List of Unclassifed Man...
KPT06E22-41PF80 ETC2-KPT06E22-41PF80 Datasheet
326Kb / 31P
   KPT General purpose solder contact connectors
logo
Japan Aviation Electron...
JN2 JAE-JN2 Datasheet
294Kb / 8P
   JN2 SERIES CONNECTORS - General Purpose Waterproof, Miniature Connectors
logo
DDK Ltd.
DMS3106A10SL-29SW(D190) DDK-DMS3106A10SL-29SW(D190) Datasheet
1Mb / 10P
   Waterproof Circular Connectors (MIL-DTL-5015 Compatible)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com