Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSA522 Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # WSA522
Description  HIGH EFFICIENCY, COMPACT DESIGN SWITCHMODE TECHNOLOGY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

WSA522 Datasheet(HTML) 2 Page - Astrodyne Corporation

  WSA522 Datasheet HTML 1Page - Astrodyne Corporation WSA522 Datasheet HTML 2Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© Copyright 2015, Astrodyne, Inc
This document is believed to be correct at time of publication and Astrodyne, Inc
accepts no responsibility for consequences from printing errors or inaccuracies.
Specifications are subject to change without notice
www.AstrodyneTDI.com
PH: 908-353-5700 | FAX: 908-353-1021
WSA 500 SERIES, 30 WATTS
HIGH EFFICIENCY, COMPACT DESIGN SWITCHMODE TECHNOLOGY
ALSO AVAILABLE WITH INTERNATIONAL
PLUG-IN CONFIGURATION
A. WALL PLUG-IN OPTION
B. INPUT CORD OPTION
C. IEC 320 OPTION
A CASE ENCLOSURE
VARIOUS INPUT AND OUTPUT CORD
OPTIONS AVAILABLE
IEC 320 OPTION
USED FOR MOST
INTERNATIONAL APPLICATIONS
TOP SURFACE MARKING
AREA = 2.63 X 1.75
3.25
3.25
3.25
3.25
1.89
2.72
2.72
1.89
1.89
2.72
Regulatory Compliance
Designed for use with medical, information technology, and gen-
eral purpose equipment to the following standards: All models are
approved to:
• UL 60601-1 / 60950-1
• CSA 22.2 601-1 / 60950-1
• TUV EN 60601-1 / 60950-1
• CE LVD directive
• *cUL Mark
EMC: All models meet European EMC directive and FCC requirements.
Meets all EMC requirements from EN60601-1-2.
Emissions: Level B requirements of FCC CFR 47 part 15 and CISPR11
(EN55011) and CISPR22 (EN55022), EN61000-6-3 (light industrial)
and line harmonic emissions EN61000-3-2.
Immunity: CISPR24 (EN55024), EN61326 and EN61000-3-2.
Certification records are available upon project request.


Similar Part No. - WSA522

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
WSA5800A101151 TAOGLAS-WSA5800A101151 Datasheet
2Mb / 23P
   Phoenix WSA.5800 Wi-Fi I-Bar 5.8GHz Antenna
More results

Similar Description - WSA522

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
WSA430 ASTRODYNE-WSA430 Datasheet
275Kb / 2P
   HIGH EFFICIENCY, COMPACT DESIGN SWITCHMODE TECHNOLOGY
logo
Laird Tech Smart Techno...
DA-045-12-02 LSTD-DA-045-12-02 Datasheet
819Kb / 2P
   Compact design
AA-024-12-22 LSTD-AA-024-12-22 Datasheet
930Kb / 2P
   Compact design
logo
CUI INC
SWI25-N CUI-SWI25-N Datasheet
454Kb / 4P
   compact design
logo
Ohmite Mfg. Co.
ACL-ACD22 OHMITE-ACL-ACD22 Datasheet
610Kb / 1P
   Compact design
logo
Semikron International
SK35GAL12T4 SEMIKRON-SK35GAL12T4 Datasheet
162Kb / 5P
   Compact design
logo
Taoglas antenna solutio...
PA.26A TAOGLAS-PA.26A Datasheet
5Mb / 22P
   Compact High Efficiency Antenna
logo
NXP Semiconductors
AN10829 PHILIPS-AN10829_15 Datasheet
514Kb / 22P
   SSL2101 dimmable high efficiency flyback design
Rev. 3-22 June 2011
logo
BOSER Technology Co., L...
BBS-4016-F BOSER-BBS-4016-F Datasheet
224Kb / 1P
   compact pc design
BBS-4020-F BOSER-BBS-4020-F Datasheet
646Kb / 1P
   Compact PC design
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com