Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C9911 Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI6C9911
Description  5V High-Speed Programmable Skew Clock Buffers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C9911 Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI6C9911 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C9911 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C9911 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C9911 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C9911 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C9911 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C9911 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C9911 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C9911 Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PS8451B
03/28/01
PI6C9911 & PI6C9911E
5V High Speed Programmable Skew
Clock Buffers - SuperClock®®®®®
DC Characteristics Over the Operating Range
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Pn
o
i
t
i
d
n
o
C
t
s
e
T.
n
i
M.
x
a
Ms
t
i
n
U
V H
O
e
g
a
t
l
o
V
H
G
I
H
t
u
p
t
u
OI
,
.
n
i
M
=
c
c
V
H
O
A
m
6
1
=4
.
2
V
V L
O
e
g
a
t
l
o
V
W
O
L
t
u
p
t
u
OI
,
.
n
i
M
=
c
c
V
L
O
A
m
6
4
=5
4
.
0
V H
I
s
t
u
p
n
i
B
F
,
F
E
R
f
o
e
g
a
t
l
o
V
H
G
I
H
t
u
p
n
I
0
.
2V C
C
V L
I
s
t
u
p
n
i
B
F
,
F
E
R
f
o
e
g
a
t
l
o
V
W
O
L
t
u
p
n
I
5
.
0
–8
.
0
V 3
H
I
s
t
u
p
n
i
l
e
v
e
l
-
3
f
o
e
g
a
t
l
o
V
H
G
I
H
t
u
p
n
I
n
F
x
,
S
F
,
T
S
E
T
)
6
(
n
i
M
≤V C
C
x
a
M
V C
C
V
5
8
.
0
–V C
C
V
3
M
I
s
t
u
p
n
i
l
e
v
e
l
-
3
f
o
e
g
a
t
l
o
V
D
I
M
t
u
p
n
I
n
F
x
,
S
F
,
T
S
E
T
)
6
(
V C
C
5
.
0
2
/
V C
C
2
/
5
.
0
+
V 3
L
I
s
t
u
p
n
i
l
e
v
e
l
-
3
f
o
e
g
a
t
l
o
V
W
O
L
t
u
p
n
I
n
F
x
,
S
F
,
T
S
E
T
)
6
(
5
8
.
0
I N
I
s
t
u
p
n
i
B
F
,
F
E
R
f
o
t
n
e
r
r
u
C
e
g
a
k
a
e
L
t
u
p
n
IV N
I
V
=
C
C
V
,
D
N
G
r
o
C
C
x
a
M
=0
1
Α
µ
I3
t
n
e
r
r
u
C
C
D
t
u
p
n
I
l
e
v
e
L
-
3
)
0
:
1
F
n
,
S
F
,
T
S
E
T
(
V N
I
V
=
C
C
)
l
e
v
e
l
H
G
I
H
(0
0
2
V N
I
V
=
C
C
)
l
e
v
e
l
D
I
M
(
2
/0
5
V N
I
)
l
e
v
e
l
W
O
L
(
D
N
G
=0
0
2
I S
O
t
n
e
r
r
u
C
t
i
u
c
r
i
C
t
r
o
h
S
V C
C
V
.
x
a
M
=
T
U
O
°
5
2
(
D
N
G
=
)
y
l
n
o
0
5
2
A
m
I
Q
C
C
l
a
n
r
e
t
n
I
y
b
d
s
u
t
n
e
r
r
u
C
g
n
i
t
a
r
e
p
O
y
r
t
i
u
c
r
i
C
V
N
C
C
V
=
Q
C
C
.
x
a
M
=
n
e
p
O
t
c
e
l
e
S
s
t
u
p
n
I
l
l
A
5
8
I
N
C
C
r
i
a
P
t
u
p
t
u
O
r
e
p
t
n
e
r
r
u
C
r
e
f
f
u
B
t
u
p
t
u
O
V
N
C
C
V
=
Q
C
C
I
,
x
a
M
=
T
U
O
A
m
0
=
f
,
n
e
p
O
s
t
c
e
l
e
S
t
u
p
n
I
X
A
M
4
1
D
Pr
i
a
P
t
u
p
t
u
O
r
e
p
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
8
7W
m
r
e
t
e
m
a
r
a
Pn
o
it
p
i
r
c
s
e
Ds
n
o
it
i
d
n
o
C
t
s
e
T.
x
a
Ms
ti
n
U
C N
I
e
c
n
a
ti
c
a
p
a
C
t
u
p
n
ITA
V
,z
H
M
1
=
f
,
C
º
5
2
=
C
C
V
0
.
5
=0
1F
p
Capacitance at REF and FB
AC Test Loads and Waveforms (PI6C9911)
5V
R1
R2
R1 = 130Ω
R2=91Ω
CL = 30pF
(Includes fixture
and probe capacitance)
CL
TTL AC Test Load(16)
TTL Input Test Waveform
≤1ns
≤1ns
2.0V
Vth = 1.5V
0.8V
2.0V
Vth = 1.5V
0.8V
0.0V
3.0V


Similar Part No. - PI6C9911

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C918 PERICOM-PI6C918 Datasheet
55Kb / 3P
   3.3V PRECISION CLOCK GENERATOR
PI6C918AW PERICOM-PI6C918AW Datasheet
55Kb / 3P
   3.3V PRECISION CLOCK GENERATOR
PI6C918BW PERICOM-PI6C918BW Datasheet
55Kb / 3P
   3.3V PRECISION CLOCK GENERATOR
PI6C918W PERICOM-PI6C918W Datasheet
55Kb / 3P
   3.3V PRECISION CLOCK GENERATOR
PI6C919 PERICOM-PI6C919 Datasheet
55Kb / 3P
   3.3V PRECISION CLOCK GENERATOR
More results

Similar Description - PI6C9911

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B9911V CYPRESS-CY7B9911V_11 Datasheet
419Kb / 17P
   High Speed Low Voltage Programmable Skew Clock Buffer
CY7B9911V CYPRESS-CY7B9911V_07 Datasheet
384Kb / 14P
   High Speed Low Voltage Programmable Skew Clock Buffer
logo
Exar Corporation
XRK4991A EXAR-XRK4991A Datasheet
373Kb / 13P
   3.3V HIGH-SPEED (85 MHZ) PROGRAMMABLE SKEW CLOCK BUFFER
XRK4991 EXAR-XRK4991 Datasheet
262Kb / 12P
   3.3V HIGH-SPEED (85 MHZ) PROGRAMMABLE SKEW CLOCK BUFFER
XRK49911 EXAR-XRK49911 Datasheet
262Kb / 12P
   3.3V HIGH-SPEED (110 MHZ) PROGRAMMABLE SKEW CLOCK BUFFER
logo
Cypress Semiconductor
CY7B991.2JC CYPRESS-CY7B991.2JC Datasheet
519Kb / 19P
   Programmable Skew Clock Buffer
CY7B9911 CYPRESS-CY7B9911_07 Datasheet
392Kb / 13P
   Programmable Skew Clock Buffer
logo
Pericom Semiconductor C...
PI6C3991 PERICOM-PI6C3991 Datasheet
500Kb / 11P
   3.3V High-Speed, Low-Voltage Programmable Skew Clock Buffer SuperClock
logo
Cypress Semiconductor
CY7B9911V CYPRESS-CY7B9911V Datasheet
223Kb / 11P
   High-Speed Low-Voltage Programmable Skew Clock Buffer LV-PSCB
CY7B991 CYPRESS-CY7B991_11 Datasheet
520Kb / 21P
   Programmable Skew Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com