Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CFPP-40 Datasheet(PDF) 1 Page - IQD Frequency Products Ltd

Part # CFPP-40
Description  Fast Make Oscillator Specification
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IQD [IQD Frequency Products Ltd]
Direct Link  http://www.iqdfrequencyproducts.com/
Logo IQD - IQD Frequency Products Ltd

CFPP-40 Datasheet(HTML) 1 Page - IQD Frequency Products Ltd

  CFPP-40 Datasheet HTML 1Page - IQD Frequency Products Ltd CFPP-40 Datasheet HTML 2Page - IQD Frequency Products Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CFPP-40
Fast Make Oscillator Specification
ISSUE 10; June 2016
Outline (mm)
Description
PLL based, one time only factory programmable for a fast lead
time
Crystal oscillator in a hermetically sealed ceramic package
with a metal lid
See CFPS-40 for our standard crystal oscillator alternative
Frequency Parameters
Frequency
1.0MHz to 90.0MHz
Frequency Stability
±20.00ppm to ±100.00ppm
Electrical Parameters
2.5V ±10%
Supply Voltage
Standby Current: 10μA max
Start Up Time: 8ms max
Operating Temperature Ranges
-10 to 60°C
-20 to 70°C
-40 to 85°C
Output Details
Output Compatability
CMOS
Drive Capability
15pF max
Output Control
Logic ‘1’ (>70%Vs) to pad 1 enables oscillator output
Logic ‘0’ (<30%Vs) to pad 1 disables oscillator output; when
disabled the oscillator output goes to the high impedance state
No connection to pad 1 enables oscillator output
Noise Parameters
Period Jitter: 150ps max
Environmental Parameters
Storage Temperature Range: –55 to 125°C
Ordering Information
Frequency*
Model*
Output Compatibility
Frequency Stability (over operating temperature range)*
Operating Temperature Range*
Supply Voltage
(*minimum required)
Example
20.0MHz CFPP-40
CMOS ±50ppm –40 to 85C 2.5V
Compliance
Compliant
RoHS Status (2011/65/EU)
Compliant
REACh Status
MSL Rating (JDEC-STD-033):
Not Applicable
Printed on 31 Aug 16 11:22 using Model Data Sheet V1.2550
Page 1 of 2
Sales Office Contact Details:
USA: +1.760.318.2824
France: 0800 901 383
UK: +44 (0)1460 270200
Germany: 0800 1808 443
Email: info@iqdfrequencyproducts.com
Web: www.iqdfrequencyproducts.com


Similar Part No. - CFPP-40

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
CFPP-41 IQD-CFPP-41 Datasheet
307Kb / 2P
   Fast Make Oscillator Specification
More results

Similar Description - CFPP-40

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
CFPP-23 IQD-CFPP-23 Datasheet
954Kb / 2P
   Fast Make Oscillator Specification
CFPP-73 IQD-CFPP-73 Datasheet
702Kb / 2P
   Fast Make Oscillator Specification
CFPP-54 IQD-CFPP-54 Datasheet
277Kb / 2P
   Fast Make Oscillator Specification
CFPP-303 IQD-CFPP-303 Datasheet
960Kb / 2P
   Fast Make Oscillator Specification
CFPP-9 IQD-CFPP-9 Datasheet
365Kb / 2P
   Fast Make Oscillator Specification
CFPP-39 IQD-CFPP-39 Datasheet
304Kb / 2P
   Fast Make Oscillator Specification
CFPP-41 IQD-CFPP-41 Datasheet
307Kb / 2P
   Fast Make Oscillator Specification
IQXP-10 IQD-IQXP-10 Datasheet
186Kb / 2P
   Fast Make Oscillator Specification
CFPP-131 IQD-CFPP-131 Datasheet
1Mb / 2P
   Fast Make Oscillator Specification
CFPP-307 IQD-CFPP-307 Datasheet
1Mb / 2P
   Fast Make Oscillator Specification
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com