Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ5V6ET3 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MMSZ5V6ET3
Description  Zener Voltage Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMSZ5V6ET3 Datasheet(HTML) 2 Page - ON Semiconductor

  MMSZ5V6ET3 Datasheet HTML 1Page - ON Semiconductor MMSZ5V6ET3 Datasheet HTML 2Page - ON Semiconductor MMSZ5V6ET3 Datasheet HTML 3Page - ON Semiconductor MMSZ5V6ET3 Datasheet HTML 4Page - ON Semiconductor MMSZ5V6ET3 Datasheet HTML 5Page - ON Semiconductor MMSZ5V6ET3 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MMSZ2V4ET1 Series
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless
otherwise noted, VF = 0.95 V Max. @ IF = 10 mA)
Symbol
Parameter
VZ
Reverse Zener Voltage @ IZT
IZT
Reverse Current
ZZT
Maximum Zener Impedance @ IZT
IR
Reverse Leakage Current @ VR
VR
Reverse Voltage
IF
Forward Current
VF
Forward Voltage @ IF
Zener Voltage Regulator
IF
V
I
IR
IZT
VR
VZ
VF
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted, VF = 0.9 V Max. @ IF = 10 mA)
VZ1 (V)
(Notes 4 and 5)
ZZT1
(Note 6)
VZ2 (V)
(Notes 4 and 5)
ZZT2
(Note 6)
Leakage Current
Device
@ IZT1 = 5 mA
@ IZT2 = 1 mA
IR @ VR
Device
Device
Marking
Min
Nom
Max
W
Min
Max
W
mA
V
MMSZ2V4ET1
CL1
2.28
2.4
2.52
100
1.7
2.1
600
50
1
MMSZ2V7ET1
CL2
2.57
2.7
2.84
100
1.9
2.4
600
20
1
MMSZ3V0ET1
CL3
2.85
3.0
3.15
95
2.1
2.7
600
10
1
MMSZ3V3ET1
CL4
3.14
3.3
3.47
95
2.3
2.9
600
5
1
MMSZ3V6ET1
CL5
3.42
3.6
3.78
90
2.7
3.3
600
5
1
MMSZ3V9ET1
CL6
3.71
3.9
4.10
90
2.9
3.5
600
3
1
MMSZ4V3ET1
CL7
4.09
4.3
4.52
90
3.3
4.0
600
3
1
MMSZ4V7ET1
CL8
4.47
4.7
4.94
80
3.7
4.7
500
3
2
MMSZ5V1ET1
CL9
4.85
5.1
5.36
60
4.2
5.3
480
2
2
MMSZ5V6ET1
CM1
5.32
5.6
5.88
40
4.8
6.0
400
1
2
MMSZ6V2ET1
CM2
5.89
6.2
6.51
10
5.6
6.6
150
3
4
MMSZ6V8ET1
CM3
6.46
6.8
7.14
15
6.3
7.2
80
2
4
MMSZ7V5ET1
CM4
7.13
7.5
7.88
15
6.9
7.9
80
1
5
MMSZ8V2ET1
CM5
7.79
8.2
8.61
15
7.6
8.7
80
0.7
5
MMSZ9V1ET1
CM6
8.65
9.1
9.56
15
8.4
9.6
100
0.5
6
MMSZ10ET1
CM7
9.50
10
10.50
20
9.3
10.6
150
0.2
7
MMSZ11ET1
CM8
10.45
11
11.55
20
10.2
11.6
150
0.1
8
MMSZ12ET1
CM9
11.40
12
12.60
25
11.2
12.7
150
0.1
8
MMSZ13ET1
CN1
12.35
13
13.65
30
12.3
14.0
170
0.1
8
MMSZ15ET1
CN2
14.25
15
15.75
30
13.7
15.5
200
0.05
10.5
MMSZ16ET1
CN3
15.20
16
16.80
40
15.2
17.0
200
0.05
11.2
MMSZ18ET1
CN4
17.10
18
18.90
45
16.7
19.0
225
0.05
12.6
Devices listed in
bold, italic are ON Semiconductor Preferred devices. Preferred devices are recommended choices for future use and
best overall value.
4. The type numbers shown have a standard tolerance of
±5% on the nominal Zener Voltage.
5. Tolerance and Voltage Designation: Zener Voltage (VZ) is measured with the Zener Current applied for PW = 1 ms.
6. ZZT and ZZK are measured by dividing the AC voltage drop across the device by the AC current applied. The specified limits are for
IZ(AC) = 0.1 IZ(DC), with the AC frequency = 1 kHz.


Similar Part No. - MMSZ5V6ET3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMSZ5V6ET1 ONSEMI-MMSZ5V6ET1 Datasheet
81Kb / 7P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
January, 2006 ??Rev. 5
MMSZ5V6ET1G ONSEMI-MMSZ5V6ET1G Datasheet
159Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
January, 2012 ??Rev. 7
MMSZ5V6ET1G ONSEMI-MMSZ5V6ET1G Datasheet
157Kb / 6P
   Zener Voltage Regulators 500 mW SOD-123 Surface Mount
January, 2012 - Rev. 7
More results

Similar Description - MMSZ5V6ET3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMSZ15T3G ONSEMI-MMSZ15T3G Datasheet
157Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MMBZ5234ELT1G ONSEMI-MMBZ5234ELT1G Datasheet
154Kb / 6P
   Zener Voltage Regulators
December, 2011 ??Rev. 7
SZMM3Z3V0T1G ONSEMI-SZMM3Z3V0T1G Datasheet
107Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
MMSZ5V1T3G ONSEMI-MMSZ5V1T3G Datasheet
174Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MM3ZXXXT1G ONSEMI-MM3ZXXXT1G Datasheet
151Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
BZX84C3V3ET1G ONSEMI-BZX84C3V3ET1G Datasheet
173Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 8
SZMM5Z18VT1G ONSEMI-SZMM5Z18VT1G Datasheet
103Kb / 4P
   Zener Voltage Regulators
January, 2014 ??Rev. 12
MMBZ5221BLT1 ONSEMI-MMBZ5221BLT1 Datasheet
72Kb / 6P
   Zener Voltage Regulators
August, 2004 ??Rev. 5
logo
SHENZHEN YONGERJIA INDU...
BZT52C2V4 WINNERJOIN-BZT52C2V4_15 Datasheet
457Kb / 4P
   Zener Voltage Regulators
logo
Leshan Radio Company
LUDZS20BT1G LRC-LUDZS20BT1G_15 Datasheet
136Kb / 5P
   Zener Voltage Regulators
LM3Z8V2T1G LRC-LM3Z8V2T1G_15 Datasheet
106Kb / 6P
   Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com