Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSS8050 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PSS8050
Description  NPN medium power 25 V transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSS8050 Datasheet(HTML) 2 Page - NXP Semiconductors

  PSS8050 Datasheet HTML 1Page - NXP Semiconductors PSS8050 Datasheet HTML 2Page - NXP Semiconductors PSS8050 Datasheet HTML 3Page - NXP Semiconductors PSS8050 Datasheet HTML 4Page - NXP Semiconductors PSS8050 Datasheet HTML 5Page - NXP Semiconductors PSS8050 Datasheet HTML 6Page - NXP Semiconductors PSS8050 Datasheet HTML 7Page - NXP Semiconductors PSS8050 Datasheet HTML 8Page - NXP Semiconductors PSS8050 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2004 Aug 10
2
Philips Semiconductors
Product specification
NPN medium power 25 V transistor
PSS8050
FEATURES
• High total power dissipation
• High current capability.
APPLICATIONS
• Medium power switching and muting
• Amplification
• Portable radio output amplifier (class-B, push-pull).
DESCRIPTION
NPN transistor in a SOT54 (TO-92) plastic package.
PNP complement: PSS8550.
MARKING
QUICK REFERENCE DATA
PINNING
TYPE NUMBER
MARKING CODE
PSS8050C
S8050C
PSS8050D
S8050D
SYMBOL
PARAMETER
MAX.
UNIT
VCEO
collector-emitter voltage
25
V
IC
collector current (DC)
1.5
A
PIN
DESCRIPTION
1
collector
2
base
3
emitter
handbook, halfpage
1
3
2
MSB033
Fig.1 Simplified outline (SOT54).
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Notes
1. Device mounted on a printed-circuit board; single sided copper; tinplated; standard footprint.
2. Device mounted on a printed-circuit board; single sided copper; tinplated; mounting pad for collector 1 cm2.
3. Device mounted on a printed-circuit board; single sided copper; tinplated; standard footprint. Operated under pulsed
conditions: pulse width tp ≤ 1 s; duty cycle δ≤ 0.75%.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
40
V
VCEO
collector-emitter voltage
open base
25
V
VEBO
emitter-base voltage
open collector
6V
IC
collector current (DC)
1.5
A
ICM
peak collector current
2A
IB
base current (DC)
300
mA
IBM
peak base current
1A
Ptot
total power dissipation
Tamb ≤ 25 °C; note 1
850
mW
Tamb ≤ 25 °C; note 2
900
mW
Tamb ≤ 25 °C; note 3
1W
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
150
°C
Tamb
operating ambient temperature
−65
+150
°C


Similar Part No. - PSS8050

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSS8550 PHILIPS-PSS8550 Datasheet
104Kb / 10P
   PNP medium power 25 V transistor
2004 Aug 10
PSS8550C PHILIPS-PSS8550C Datasheet
104Kb / 10P
   PNP medium power 25 V transistor
2004 Aug 10
PSS8550D PHILIPS-PSS8550D Datasheet
104Kb / 10P
   PNP medium power 25 V transistor
2004 Aug 10
More results

Similar Description - PSS8050

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSS8550 PHILIPS-PSS8550 Datasheet
104Kb / 10P
   PNP medium power 25 V transistor
2004 Aug 10
2N1893 PHILIPS-2N1893 Datasheet
51Kb / 8P
   NPN medium power transistor
1997 Apr 17
BCP68 PHILIPS-BCP68 Datasheet
45Kb / 8P
   NPN medium power transistor
1999 Apr 08
logo
Rohm
UMT4401 ROHM-UMT4401 Datasheet
80Kb / 3P
   NPN Medium Power Transistor
logo
Guangdong Kexin Industr...
BC868 KEXIN-BC868 Datasheet
53Kb / 2P
   NPN Medium Power Transistor
logo
STMicroelectronics
2SD882 STMICROELECTRONICS-2SD882 Datasheet
117Kb / 8P
   NPN medium power transistor
logo
Diodes Incorporated
BC56-16PA DIODES-BC56-16PA Datasheet
376Kb / 7P
   NPN MEDIUM POWER TRANSISTOR
logo
STMicroelectronics
2SD882 STMICROELECTRONICS-2SD882 Datasheet
92Kb / 8P
   NPN MEDIUM POWER TRANSISTOR
October 2007 Rev 3
logo
Guangdong Kexin Industr...
BCP68 KEXIN-BCP68 Datasheet
40Kb / 2P
   NPN Medium Power Transistor
logo
Chenmko Enterprise Co. ...
2SC2411KPT CHENMKO-2SC2411KPT Datasheet
97Kb / 3P
   Medium Power NPN Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com