Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C9911IJ Datasheet(PDF) 9 Page - Pericom Semiconductor Corporation

Part # PI6C9911IJ
Description  5V High-Speed Programmable Skew Clock Buffers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C9911IJ Datasheet(HTML) 9 Page - Pericom Semiconductor Corporation

  PI6C9911IJ Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C9911IJ Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C9911IJ Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C9911IJ Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C9911IJ Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C9911IJ Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C9911IJ Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C9911IJ Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C9911IJ Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PS8451B
03/28/01
PI6C9911 & PI6C9911E
5V High Speed Programmable Skew
Clock Buffers - SuperClock®®®®®
Pericom Semiconductor Corporation
2380 Bering Drive • San Jose, CA 95131 • 1-800-435-2336 • Fax (408) 435-1100 • http://www.pericom.com
Package Diagram 32-Pin PLCC (J)
X.XX
X.XX
DENOTES DIMENSIONS
IN MILLIMETERS
.100
.140
.013
.021
.065
.095
1.524
2.413
.026
.032
0.661
0.812
.490
.530
.390
.430
.015
0.381
Min.
.025
.045 Typ.
Pin 1
.485
.495
.547
.553
13.894
14.046
.045
.447
.453
11.354
11.506
1.143
.050 1.27
.585
.595
14.859
15.113
Typ.
BSC
12.319
12.573
2.450
3.556
0.331
0.533
9.906
10.922
12.446
13.462
1.143
0.635 Typ.
Ordering Information
r
e
b
m
u
N
t
r
a
Py
c
a
r
u
c
c
Ae
g
a
k
c
a
Pe
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
O
J
2
-
1
1
9
9
C
6
I
P
J
5
-
1
1
9
9
C
6
I
P
J
1
1
9
9
C
6
I
P
s
p
0
5
2
s
p
0
0
5
s
p
0
5
7
C
C
L
P
n
i
P
-
2
3
l
ai
c
r
e
m
m
o
C
J
I
5
-
1
1
9
9
C
6
I
P
J
I
1
1
9
9
C
6
I
P
s
p
0
0
5
s
p
0
5
7
l
ai
rt
s
u
d
n
I
J
2
-
E
1
1
9
9
C
6
I
P
J
5
-
E
1
1
9
9
C
6
I
P
J
E
1
1
9
9
C
6
I
P
s
p
0
5
2
s
p
0
0
5
s
p
0
5
7
l
ai
c
r
e
m
m
o
C
J
I
5
-
E
1
1
9
9
C
6
I
P
J
I
E
1
1
9
9
C
6
I
P
s
p
0
0
5
s
p
0
5
7
l
ai
rt
s
u
d
n
I


Similar Part No. - PI6C9911IJ

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C918 PERICOM-PI6C918 Datasheet
55Kb / 3P
   3.3V PRECISION CLOCK GENERATOR
PI6C918AW PERICOM-PI6C918AW Datasheet
55Kb / 3P
   3.3V PRECISION CLOCK GENERATOR
PI6C918BW PERICOM-PI6C918BW Datasheet
55Kb / 3P
   3.3V PRECISION CLOCK GENERATOR
PI6C918W PERICOM-PI6C918W Datasheet
55Kb / 3P
   3.3V PRECISION CLOCK GENERATOR
PI6C919 PERICOM-PI6C919 Datasheet
55Kb / 3P
   3.3V PRECISION CLOCK GENERATOR
More results

Similar Description - PI6C9911IJ

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B9911V CYPRESS-CY7B9911V_11 Datasheet
419Kb / 17P
   High Speed Low Voltage Programmable Skew Clock Buffer
CY7B9911V CYPRESS-CY7B9911V_07 Datasheet
384Kb / 14P
   High Speed Low Voltage Programmable Skew Clock Buffer
logo
Exar Corporation
XRK4991A EXAR-XRK4991A Datasheet
373Kb / 13P
   3.3V HIGH-SPEED (85 MHZ) PROGRAMMABLE SKEW CLOCK BUFFER
XRK4991 EXAR-XRK4991 Datasheet
262Kb / 12P
   3.3V HIGH-SPEED (85 MHZ) PROGRAMMABLE SKEW CLOCK BUFFER
XRK49911 EXAR-XRK49911 Datasheet
262Kb / 12P
   3.3V HIGH-SPEED (110 MHZ) PROGRAMMABLE SKEW CLOCK BUFFER
logo
Cypress Semiconductor
CY7B991.2JC CYPRESS-CY7B991.2JC Datasheet
519Kb / 19P
   Programmable Skew Clock Buffer
CY7B9911 CYPRESS-CY7B9911_07 Datasheet
392Kb / 13P
   Programmable Skew Clock Buffer
logo
Pericom Semiconductor C...
PI6C3991 PERICOM-PI6C3991 Datasheet
500Kb / 11P
   3.3V High-Speed, Low-Voltage Programmable Skew Clock Buffer SuperClock
logo
Cypress Semiconductor
CY7B9911V CYPRESS-CY7B9911V Datasheet
223Kb / 11P
   High-Speed Low-Voltage Programmable Skew Clock Buffer LV-PSCB
CY7B991 CYPRESS-CY7B991_11 Datasheet
520Kb / 21P
   Programmable Skew Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com