Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT4475A Datasheet(PDF) 1 Page - Texas Instruments

Part # PT4475A
Description  100-W 8.5-A Programmable Isolated DC/DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4475A Datasheet(HTML) 1 Page - Texas Instruments

  PT4475A Datasheet HTML 1Page - Texas Instruments PT4475A Datasheet HTML 2Page - Texas Instruments PT4475A Datasheet HTML 3Page - Texas Instruments PT4475A Datasheet HTML 4Page - Texas Instruments PT4475A Datasheet HTML 5Page - Texas Instruments PT4475A Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Features
18V to 36V Input Range
-40° to +100°C Operating Temp
1500 VDC Isolation
88.5% Efficiency
Programmable Output Voltage
6.5V to 17.5V
Remote On/Off
Differential Remote Sense
N+1 Current Sharing
Over-Current Protection
Over-Temperature Protection
Over-Voltage Protection
Solderable Copper Case
Description
The PT4475 Excalibur™ module
combines state-of-the-art power
conversion technology with un-
paralleled flexibility. Operating off a
standard 24V telecom input, the PT4475
provides a full 100W output at load
currents up to 8.5A, and over the
programmable output voltage range of
6.5V to 17.5V.
The PT4475 features high efficiency,
ultra-fast transient response, and the
capability for true N+1 current sharing.
This product also includes output short
circuit and over-temperature protection.
L
O
A
D
PT4475
+V
sns
+V
out
-V
out
-V
sns
7
8-13
14-19
20
21
25
22
24
23
VID0 - VID4
+V
in
–V
in
1
2
3
Inhibit
C
1
+
PROGRAMMING PINS
+V
OUT
+V
IN
–V
IN
–V
OUT
C
2
Standard Application
•C1 = Optional 33µF, 100V electrolytic capacitor
•C2 = Optional 1µF, 100V ceramic capacitor
• Programming pins, VID0–VID4, are shown
configured for Vo =12.0V
• For normal operation, pin 3 (Inhibit) must be
connected to –Vin.
• For operation in N+1 configuration, consult the
related application note.
• Pins 6 & 26 are used for N+1 configurations only.
100-W 8.5-A Programmable
Isolated DC/DC Converter
PT4475—24V
SLTS128A
(Revised 9/4/2001)
Specifications
Characteristics
Conditions
PT4475
(T
a=25
°C unless noted)
Symbols
(V
in= 24V, Vo=12.0V unless noted)
Min
Typ
Max
Units
Output Current
Io
Over Vin range (100W max)
0.1
8.5 (1)
A
Current Limit
Icl
Vin = 18V
10
A
Current Sharing
Single line referenced to –Vsense
——±10
%
Input Voltage Range
Vin
Io = 0 to Iomax
18
24
36
V
Output Voltage Tolerance
∆Vo
Over Vin range, Io =Iomax
Ta =-40 to +100°C case
±1.0
±2.0
%Vo
Line Regulation
Regline
Over Vin range @ max Io
±0.1
±1.0
%Vo
Load Regulation
Regload
0 to 100% of Io max
±0.5
±1.0
%Vo
Vo Ripple/Noise
Vn
Io =Iomax
120
150
mVpp
Transient Response
ttr
50% to 75% Iomax @ 0.1A/µs
N/A
µSec
Vo over/undershoot (no ext caps)
1.0
%Vo
50% to 100% Iomax @1.0A/µs
200
µSec
Vo over/undershoot (no ext. caps)
5
%Vo
Vo Rise Time
Votr
At turn-on
10
mSec
Efficiency
η
Io =5A
89
%
Switching Frequency
ƒo
300
kHz
Remote On/Off
Off
referenced to -Vin
+2.5
+75.0
VDC
On
-0.5
+0.8
Over-Voltage Protection
OVP
Shutdown and latch off
125
%Vo
Isolation
1500
VDC
Operating Temperature Range
Tc
Measured at center of case
–40
+100
°C
Over-Temperature Shutdown
OTP
Case temperature - Auto reset
+110
°C
Storage Temperature
Ts
-40
+125
°C
Reliability
MTBF
Per Bellcore TR-332
1.7
10
6
Hrs
50% stress, t =40°C, ground benign
Mechanical Shock
Per Mil-STD-883D, Method 2002.3,
500
G’s
1mS, Half-sine, mounted to a fixture
Mechanical Vibration
Vertical (Suffix N)
10 (2)
—G’s
(Mil-STD-883D, 20-2000Hz)
Horizontal (Suffixes A, C)
20 (2)
Weight
90
grams
Notes:
(1) The maximum output current is limited to 8.5A or 100/VOUT, Whichever is less.
(2) Only the case pins on the through-hole package types (suffixes N & A) must be soldered. For more information see the applicable package outline drawing.


Similar Part No. - PT4475A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4470 TI-PT4470 Datasheet
154Kb / 7P
[Old version datasheet]   100-W 30-A Programmable Isolated DC/DC Converter
PT4471 TI-PT4471 Datasheet
178Kb / 8P
[Old version datasheet]   100-W 30-A Programmable Isolated DC/DC Converter
PT4471A TI-PT4471A Datasheet
178Kb / 8P
[Old version datasheet]   100-W 30-A Programmable Isolated DC/DC Converter
PT4471C TI-PT4471C Datasheet
178Kb / 8P
[Old version datasheet]   100-W 30-A Programmable Isolated DC/DC Converter
PT4471N TI-PT4471N Datasheet
178Kb / 8P
[Old version datasheet]   100-W 30-A Programmable Isolated DC/DC Converter
More results

Similar Description - PT4475A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4476 TI-PT4476 Datasheet
195Kb / 8P
[Old version datasheet]   100-W 8.5-A Programmable Isolated DC/DC Converter
PT4486 TI-PT4486 Datasheet
208Kb / 9P
[Old version datasheet]   100-W 8.5-A Programmable Isolated DC/DC Converter
PT4484 TI-PT4484 Datasheet
151Kb / 7P
[Old version datasheet]   100-W 20-A Programmable Isolated DC/DC Converter
PT4452 TI-PT4452 Datasheet
112Kb / 4P
[Old version datasheet]   100-W 30-A Programmable Isolated DC/DC Converter
PT4473 TI-PT4473 Datasheet
174Kb / 8P
[Old version datasheet]   100-W 20-A Programmable Isolated DC/DC Converter
PT4481 TI-PT4481 Datasheet
177Kb / 8P
[Old version datasheet]   100-W 30-A Programmable Isolated DC/DC Converter
PT4472 TI-PT4472 Datasheet
154Kb / 7P
[Old version datasheet]   100-W 30-A Programmable Isolated DC/DC Converter
PT4441 TI-PT4441 Datasheet
156Kb / 7P
[Old version datasheet]   100-W 30-A Programmable Isolated DC/DC Converter
PT4474 TI-PT4474 Datasheet
172Kb / 8P
[Old version datasheet]   100-W 20-A Programmable Isolated DC/DC Converter
PT4471 TI-PT4471 Datasheet
178Kb / 8P
[Old version datasheet]   100-W 30-A Programmable Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com