Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1023 Datasheet(PDF) 10 Page - ON Semiconductor

Part # ADM1023
Description  ACPI?륝ompliant, High Accuracy Microprocessor System Temperature Monitor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1023 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button ADM1023_12 Datasheet HTML 6Page - ON Semiconductor ADM1023_12 Datasheet HTML 7Page - ON Semiconductor ADM1023_12 Datasheet HTML 8Page - ON Semiconductor ADM1023_12 Datasheet HTML 9Page - ON Semiconductor ADM1023_12 Datasheet HTML 10Page - ON Semiconductor ADM1023_12 Datasheet HTML 11Page - ON Semiconductor ADM1023_12 Datasheet HTML 12Page - ON Semiconductor ADM1023_12 Datasheet HTML 13Page - ON Semiconductor ADM1023_12 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADM1023
http://onsemi.com
10
Table 7. LIST OF ADM1023 REGISTERS
Read Address (Hex)
Write Address (Hex)
Name
Power-on Default
Not Applicable
Not Applicable
Address Pointer
Undefined
00
Not Applicable
Local Temperature Value
1000 0000 (0x80) (−128C)
01
Not Applicable
Remote Temperature Value High Byte
1000 0000 (0x80) (−128C)
02
Not Applicable
Status
Undefined
03
09
Configuration
0000 0000 (0x00)
04
0A
Conversion Rate
0000 0010 (0x02)
05
0B
Local Temperature High Limit
0111 1111 (0x7F) (+127C)
06
0C
Local Temperature Low Limit
1100 1001 (0xC9) (−55C)
07
0D
Remote Temperature High Limit High Byte
0111 1111 (0x7F) (+127C)
08
0E
Remote Temperature Low Limit High Byte
1100 1001 (0xC9) (−55C)
Not Applicable
0F (Note 1)
One-shot
10
Not Applicable
Remote Temperature Value Low Byte
0000 0000
11
11
Remote Temperature Offset High Byte
0000 0000
12
12
Remote Temperature Offset Low Byte
0000 0000
13
13
Remote Temperature High Limit Low Byte
0000 0000
14
14
Remote Temperature Low Limit Low Byte
0000 0000
19
Not Applicable
Reserved
0000 0000
20
21
Reserved
Undefined
FE
Not Applicable
Manufacturer Device ID
0100 0001 (0x41)
FF
Not Applicable
Die Revision Code
0011 xxxx (0x3x)
1. Writing to Address 0F causes the ADM1023 to perform a single measurement. It is not a data register as such; thus, it does not matter what
data is written to it.
Table 8. OFFSET VALUES
Offset Registers
Remote Temperature
0x11
0x12
Offset Value
With Offset
Without Offset
1111 1100
0000 0000
−4C
14C
18C
1111 1111
0000 0000
−1C
17C
18C
1111 1111
1110 0000
−0.125C
17.875C
18C
0000 0000
0000 0000
0C
18C
18C
0000 0000
0010 0000
+0.125C
18.125C
18C
0000 0001
0000 0000
+1C
19C
18C
0000 0100
0000 0000
+4C
22C
18C
Status Register
Bit 7 of the status register (see Table 9) indicates that the
ADC is busy converting when it is high. Bit 6 to Bit 3 are
flags indicating the results of the limit comparisons.
If the local and/or remote temperature measurement is
above the corresponding high temperature limit or below the
corresponding low temperature limit, one or more of these
flags will be set. Bit 2 is a flag that is set if the remote
temperature sensor is open-circuit. These five flags are
NOR’d together, so that if any of them are high, the ALERT
interrupt latch is set, and the ALERT output goes low.
Reading the status register clears the five flag bits,
provided the error conditions that caused the flags to be set
have gone away. While a limit comparator is tripped due to
a value register containing an out-of-limit measurement or
the sensor is open-circuit, the corresponding flag bit cannot
be reset. A flag bit can be reset only if the corresponding
value register contains an in-limit measurement, or the
sensor is good.
The ALERT interrupt latch is not reset by reading the
status register, but it resets when the ALERT output has been
serviced by the master reading the device address, provided
the error condition has gone away and the status register flag
bits have been reset.


Similar Part No. - ADM1023_12

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1023ARQ AD-ADM1023ARQ Datasheet
170Kb / 12P
   ACPI-Compliant High-Accuracy Microprocessor System Temperature Monitor
REV. A
logo
ON Semiconductor
ADM1023ARQZ ONSEMI-ADM1023ARQZ Datasheet
165Kb / 16P
   ACPI-Compliant, High Accuracy Microprocessor System Temperature Monitor
May, 2010 ??Rev. 9
ADM1023ARQZ-R7 ONSEMI-ADM1023ARQZ-R7 Datasheet
165Kb / 16P
   ACPI-Compliant, High Accuracy Microprocessor System Temperature Monitor
May, 2010 ??Rev. 9
ADM1023ARQZ-REEL ONSEMI-ADM1023ARQZ-REEL Datasheet
165Kb / 16P
   ACPI-Compliant, High Accuracy Microprocessor System Temperature Monitor
May, 2010 ??Rev. 9
More results

Similar Description - ADM1023_12

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1023 AD-ADM1023 Datasheet
170Kb / 12P
   ACPI-Compliant High-Accuracy Microprocessor System Temperature Monitor
REV. A
logo
ON Semiconductor
ADM1023 ONSEMI-ADM1023 Datasheet
165Kb / 16P
   ACPI-Compliant, High Accuracy Microprocessor System Temperature Monitor
May, 2010 ??Rev. 9
logo
National Semiconductor ...
LM81 NSC-LM81_02 Datasheet
419Kb / 33P
   Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
LM80 NSC-LM80 Datasheet
435Kb / 29P
   Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
LM80 NSC-LM80_01 Datasheet
440Kb / 29P
   Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
logo
Texas Instruments
LM80 TI1-LM80_13 Datasheet
1Mb / 35P
[Old version datasheet]   Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
LM81 TI1-LM81_13 Datasheet
2Mb / 43P
[Old version datasheet]   Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
logo
Analog Devices
ADM1021 AD-ADM1021 Datasheet
139Kb / 12P
   Low Cost Microprocessor System Temperature Monitor
REV. 0
ADM1021A AD-ADM1021A Datasheet
203Kb / 16P
   Low-Cost Microprocessor System Temperature Monitor
REV. D
EVAL-ADM1023 AD-EVAL-ADM1023 Datasheet
292Kb / 12P
   Evaluation Board for Microprocessor System Temperature Monitor
REV. A 11/10/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com