Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1024 Datasheet(PDF) 3 Page - ON Semiconductor

Part # ADM1024
Description  System Hardware Monitor with Remote Diode Thermal Sensing
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1024 Datasheet(HTML) 3 Page - ON Semiconductor

  ADM1024_16 Datasheet HTML 1Page - ON Semiconductor ADM1024_16 Datasheet HTML 2Page - ON Semiconductor ADM1024_16 Datasheet HTML 3Page - ON Semiconductor ADM1024_16 Datasheet HTML 4Page - ON Semiconductor ADM1024_16 Datasheet HTML 5Page - ON Semiconductor ADM1024_16 Datasheet HTML 6Page - ON Semiconductor ADM1024_16 Datasheet HTML 7Page - ON Semiconductor ADM1024_16 Datasheet HTML 8Page - ON Semiconductor ADM1024_16 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
ADM1024
www.onsemi.com
3
Table 3. PIN ASSIGNMENT
Pin No.
Mnemonic
Description
1
NTEST_OUT/ADD
Digital I/O. Dual function pin. This is a three-state input that controls the two LSBs of the Serial Bus
Address. This pin functions as an output when doing a NAND test.
2
THERM
Digital I/O. Dual function pin. This pin functions as an interrupt output for temperature interrupts only, or
as an interrupt input for fan control. It has an on-chip 100 k
W pullup resistor.
3
SDA
Digital I/O. Serial bus bidirectional data. Open-drain output.
4
SCL
Digital Input. Serial bus clock.
5
FAN1/AIN1
Programmable Analog/Digital Input. 0 V to 2.5 V analog input or digital (0 to VCC) amplitude fan
tachometer input.
6
FAN2/AIN2
Programmable Analog/Digital Input. 0 V to 2.5 V analog input or digital (0 to VCC) amplitude fan
tachometer input.
7
CI
Digital I/O. An active high input from an external latch that captures a Chassis Intrusion event. This line
can go high without any clamping action, regardless of the powered state of the ADM1024. The
ADM1024 provides an internal open drain on this line, controlled by Bit 6 of Register 40h or Bit 7 of
Register 46h, to provide a minimum 20 ms pulse on this line to reset the external Chassis Intrusion Latch.
8
GND
System Ground.
9
VCC
Power (2.8 V to 5.5 V). Typically powered from 3.3 V power rail. Bypass with the parallel combination of
10
mF (electrolytic or tantalum) and 0.1 mF (ceramic) bypass capacitors.
10
INT
Digital Output. Interrupt request (open-drain). The output is enabled when Bit 1 of Register 40h is set to 1.
The default state is disabled. It has an on-chip 100 k
W pullup resistor.
11
NTEST_IN/AOUT
Digital Input/Analog Output. An active-high input that enables NAND Test mode board-level connectivity
testing. Refer to the section on NAND testing. Also functions as a programmable analog output when
NAND Test is not selected.
12
RESET
Digital I/O. Master Reset, 5 mA driver (open drain), active low output with a 45 ms minimum pulse width.
Set using Bit 4 in Register 40h. Also acts as reset input when pulled low (e.g., power-on reset). It has an
on-chip 100 k
W pullup resistor.
13
D1−
Analog Input. Connected to cathode of first external temperature-sensing diode.
14
D1+
Analog Input. Connected to anode of first external temperature-sensing diode.
15
+12 VIN
Programmable Analog Input. Monitors 12 V supply.
16
+5.0 VIN
Analog Input. Monitors 5.0 V supply.
17
VCCP2/D2–
Programmable Analog Input. Monitors second processor core voltage or cathode of second external
temperature-sensing diode.
18
+2.5 VIN/D2+
Programmable Analog Input. Monitors 2.5 V supply or anode of second external temperature-sensing
diode.
19
+VCCP1
Analog Input. Monitors first processor core voltage (0 V to 3.6 V).
20
VID4/IRQ4
Digital Input. Core Voltage ID readouts from the processor. This value is read into the VID4 Status
Register. Can also be reconfigured as an interrupt input. It has an on-chip 100 k
W pullup resistor.
21
VID3/IRQ3
Digital Input. Core Voltage ID readouts from the processor. This value is read into the VID0–VID3 Status
Register. Can also be reconfigured as an interrupt input. It has an on-chip 100 k
W pullup resistor.
22
VID2/IRQ2
Digital Input. Core Voltage ID readouts from the processor. This value is read into the VID0–VID3 Status
Register. Can also be reconfigured as an interrupt input. It has an on-chip 100 k
W pullup resistor.
23
VID1/IRQ1
Digital Input. Core Voltage ID readouts from the processor. This value is read into the VID0–VID3 Status
Register. Can also be reconfigured as an interrupt input. It has an on-chip 100 k
W pullup resistor.
24
VID0/IRQ0
Digital Input. Core Voltage ID readouts from the processor. This value is read into the VID0–VID3 Status
Register. Can also be reconfigured as an interrupt input. It has an on-chip 100 k
W pullup resistor.


Similar Part No. - ADM1024_16

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1024ARU AD-ADM1024ARU Datasheet
285Kb / 28P
   System Hardware Monitor with Remote Diode Thermal Sensing
REV. 0
logo
ON Semiconductor
ADM1024ARUZ ONSEMI-ADM1024ARUZ Datasheet
315Kb / 29P
   System Hardware Monitor with Remote Diode Thermal Sensing
April, 2012 ??Rev. 4
ADM1024ARUZ-REEL ONSEMI-ADM1024ARUZ-REEL Datasheet
315Kb / 29P
   System Hardware Monitor with Remote Diode Thermal Sensing
April, 2012 ??Rev. 4
More results

Similar Description - ADM1024_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADM1024 ONSEMI-ADM1024 Datasheet
315Kb / 29P
   System Hardware Monitor with Remote Diode Thermal Sensing
April, 2012 ??Rev. 4
logo
Analog Devices
ADM1024 AD-ADM1024 Datasheet
285Kb / 28P
   System Hardware Monitor with Remote Diode Thermal Sensing
REV. 0
logo
National Semiconductor ...
LM87 NSC-LM87 Datasheet
470Kb / 32P
   Serial Interface System Hardware Monitor with Remote Diode Temperature Sensing
logo
Texas Instruments
LM87 TI1-LM87 Datasheet
1Mb / 43P
[Old version datasheet]   Serial Interface System Hardware Monitor with Remote Diode Temperature Sensing
logo
Analog Devices
ADM1028 AD-ADM1028 Datasheet
197Kb / 16P
   Remote Thermal Diode Monitor with Linear Fan Control
REV. A
logo
ON Semiconductor
NVT224 ONSEMI-NVT224 Datasheet
618Kb / 58P
   Remote Thermal Monitor
August, 2012 ??Rev. 1
logo
National Semiconductor ...
LM41 NSC-LM41 Datasheet
367Kb / 27P
   Hardware Monitor with Thermal Diode Inputs and SensorPath??Bus
LM96011 NSC-LM96011 Datasheet
80Kb / 2P
   Hardware Monitor with Thermal Diode Input and SensorPath??Bus
LM79 NSC-LM79 Datasheet
481Kb / 31P
   Microprocessor System Hardware Monitor
LM78 NSC-LM78 Datasheet
424Kb / 31P
   Microprocessor System Hardware Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com