Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1023 Datasheet(PDF) 9 Page - ON Semiconductor

Part # ADM1023
Description  ACPI?륝ompliant, High Accuracy Microprocessor System Temperature Monitor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1023 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button ADM1023 Datasheet HTML 5Page - ON Semiconductor ADM1023 Datasheet HTML 6Page - ON Semiconductor ADM1023 Datasheet HTML 7Page - ON Semiconductor ADM1023 Datasheet HTML 8Page - ON Semiconductor ADM1023 Datasheet HTML 9Page - ON Semiconductor ADM1023 Datasheet HTML 10Page - ON Semiconductor ADM1023 Datasheet HTML 11Page - ON Semiconductor ADM1023 Datasheet HTML 12Page - ON Semiconductor ADM1023 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADM1023
http://onsemi.com
9
Temperature Data Format
One LSB of the ADC corresponds to 0.125C, so the
ADM1023 can measure from 0C to 127.875C. The
temperature data format and extended temperature
resolution are shown in Table 5 and Table 6.
Table 5. TEMPERATURE DATA FORMAT
(LOCAL AND REMOTE TEMPERATURE HIGH BYTE)
Temperature (5C) (Note 1)
Digital Output
0
0 000 0000
1
0 000 0001
10
0 000 1010
25
0 001 1001
50
0 011 0010
75
0 100 1011
100
0 110 0100
125
0 111 1101
127
0 111 1111
1. The ADM1023 differs from the ADM1021 in that the temperature
resolution of the remote channel is improved from 1C to
0.125C, but it cannot measure temperatures below 0C. If
negative temperature measurement is required, the ADM1021
should be used.
The results of the local and remote temperature
measurements are stored in the local and remote temperature
value registers and are compared with limits programmed
into the local and remote high and low limit registers.
Table 6. EXTENDED TEMPERATURE RESOLUTION
(REMOTE TEMPERATURE LOW BYTE)
Extended Resolution (5C)
Temperature Low Bits
0.000
0000 0000
0.125
0010 0000
0.250
0100 0000
0.375
0110 0000
0.500
1000 0000
0.625
1010 0000
0.750
1100 0000
0.875
1110 0000
Register Functions
The ADM1023 contains registers that are used to store the
results of remote and local temperature measurements and
high and low temperature limits, and to configure and
control the device. A description of these registers follows,
and further details are given in Table 7 to Table 11. Most of
the registers for the ADM1023 are dual-port and have
different addresses for read and write operations.
Attempting to write to a read address or to read from a write
address produces an invalid result. Register addresses above
0x14 are reserved for future use or factory test purposes and
should not be written to.
Address Pointer Register
The address pointer register does not have, nor does it
require, an address, because it is the register to which the
first data byte of every write operation is automatically
written. This data byte is an address pointer that sets up one
of the other registers for the second byte of the write
operation or for a subsequent read operation.
Value Registers
The ADM1023 has three registers to store the results of
local and remote temperature measurements. These
registers are written to by the ADC and can only be read over
the SMBus.
The Offset Register
Two offset registers are provided at Address 0x11 and
Address 0x12. These are provided so that the user may
remove errors from the measured values of remote
temperature. These errors may be introduced by clock noise
and PCB track resistance. See Table 8 for an example of
offset values.
The offset value is stored as an 11-bit, twos complement
value in Register 0x11 (high byte) and Register 0x12 (low
byte, left justified). The value of the offset is negative if the
MSB of Register 0x11 is 1, and it is positive if the MSB of
Register 0x11 is 0. This value is added to the remote
temperature. These registers default to 0 at powerup and
have no effect if nothing is written to them. The offset
register can accept values from −128.875C to +127.875C.
The ADM1023 detects overflow so the remote temperature
value register does not wrap around +127C or −128C.


Similar Part No. - ADM1023

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1023 AD-ADM1023 Datasheet
170Kb / 12P
   ACPI-Compliant High-Accuracy Microprocessor System Temperature Monitor
REV. A
logo
ON Semiconductor
ADM1023 ONSEMI-ADM1023 Datasheet
165Kb / 16P
   ACPI-Compliant, High Accuracy Microprocessor System Temperature Monitor
May, 2010 ??Rev. 9
logo
Analog Devices
ADM1023ARQ AD-ADM1023ARQ Datasheet
170Kb / 12P
   ACPI-Compliant High-Accuracy Microprocessor System Temperature Monitor
REV. A
logo
ON Semiconductor
ADM1023ARQZ ONSEMI-ADM1023ARQZ Datasheet
165Kb / 16P
   ACPI-Compliant, High Accuracy Microprocessor System Temperature Monitor
May, 2010 ??Rev. 9
ADM1023ARQZ-R7 ONSEMI-ADM1023ARQZ-R7 Datasheet
165Kb / 16P
   ACPI-Compliant, High Accuracy Microprocessor System Temperature Monitor
May, 2010 ??Rev. 9
More results

Similar Description - ADM1023

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1023 AD-ADM1023 Datasheet
170Kb / 12P
   ACPI-Compliant High-Accuracy Microprocessor System Temperature Monitor
REV. A
logo
ON Semiconductor
ADM1023 ONSEMI-ADM1023 Datasheet
165Kb / 16P
   ACPI-Compliant, High Accuracy Microprocessor System Temperature Monitor
May, 2010 ??Rev. 9
logo
National Semiconductor ...
LM81 NSC-LM81_02 Datasheet
419Kb / 33P
   Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
LM80 NSC-LM80 Datasheet
435Kb / 29P
   Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
LM80 NSC-LM80_01 Datasheet
440Kb / 29P
   Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
logo
Texas Instruments
LM80 TI1-LM80_13 Datasheet
1Mb / 35P
[Old version datasheet]   Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
LM81 TI1-LM81_13 Datasheet
2Mb / 43P
[Old version datasheet]   Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
logo
Analog Devices
ADM1021 AD-ADM1021 Datasheet
139Kb / 12P
   Low Cost Microprocessor System Temperature Monitor
REV. 0
ADM1021A AD-ADM1021A Datasheet
203Kb / 16P
   Low-Cost Microprocessor System Temperature Monitor
REV. D
EVAL-ADM1023 AD-EVAL-ADM1023 Datasheet
292Kb / 12P
   Evaluation Board for Microprocessor System Temperature Monitor
REV. A 11/10/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com