Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7461A Datasheet(PDF) 7 Page - ON Semiconductor

Part # ADT7461A
Description  Temperature Monitor with Series Resistance Cancellation
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7461A Datasheet(HTML) 7 Page - ON Semiconductor

Back Button ADT7461A_13 Datasheet HTML 3Page - ON Semiconductor ADT7461A_13 Datasheet HTML 4Page - ON Semiconductor ADT7461A_13 Datasheet HTML 5Page - ON Semiconductor ADT7461A_13 Datasheet HTML 6Page - ON Semiconductor ADT7461A_13 Datasheet HTML 7Page - ON Semiconductor ADT7461A_13 Datasheet HTML 8Page - ON Semiconductor ADT7461A_13 Datasheet HTML 9Page - ON Semiconductor ADT7461A_13 Datasheet HTML 10Page - ON Semiconductor ADT7461A_13 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
ADT7461A
http://onsemi.com
7
Differences between the ADT7461A and the ADT7461
Although the ADT7461A is pin- and register-compatible
with the ADT7461, there are some specification differences
between the two devices. A summary of these differences is
shown below in Table 6.
Table 6. DIFFERENCES BETWEEN THE ADT7461A
AND THE ADT7461
Specification
ADT7461A
ADT7461
Unit
Supply Voltage
3.0 to 3.6
3.0 to 5.5
V
Maximum Local Sensor
Accuracy
1.0
3.0
°C
Maximum Series
Resistance Cancellation
1.5
3.0
kW
Average Operating
Supply Current
16 Conversions/Sec
Standby Mode
240
5.0
170
5.5
mA
Max Conversion Time
One Shot, Averaging On
One Shot, Averaging Off
52
8.0
114.6
12.56
ms
Remote Sensor Current
Levels
High
Mid
Low
220
82
13.5
96
36
6.0
mA
Theory of Operation
The ADT7461A is a local and remote temperature sensor
and over/under temperature alarm, with the added ability to
automatically cancel the effect of 1.5 k
W (typical) of
resistance in series with the temperature monitoring diode.
When the ADT7461A is operating normally, the on-board
ADC operates in a free running mode. The analog input
multiplexer alternately selects either the on-chip
temperature sensor to measure its local temperature or the
remote temperature sensor. The ADC digitizes these signals
and the results are stored in the local and remote temperature
value registers.
The local and remote measurement results are compared
with the corresponding high, low, and THERM temperature
limits, stored in eight on-chip registers. Out-of-limit
comparisons generate flags that are stored in the status
register. A result that exceeds the high temperature limit or
the low temperature limit causes the ALERT output to
assert. The ALERT output also asserts if an external diode
fault is detected. Exceeding the THERM temperature limits
causes the THERM output to assert low. The ALERT output
can be reprogrammed as a second THERM output.
The limit registers are programmed and the device
controlled and configured via the serial SMBus. The
contents of any register are also read back via the SMBus.
Control and configuration functions consist of switching
the device between normal operation and standby mode,
selecting the temperature measurement range, masking or
enabling the ALERT output, switching Pin 6 between
ALERT and THERM2, and selecting the conversion rate.
Series Resistance Cancellation
Parasitic resistance to the D+ and D− inputs to the
ADT7461A, seen in series with the remote diode, is caused
by a variety of factors, including PCB track resistance and
track length. This series resistance appears as a temperature
offset in the remote sensor’s temperature measurement. This
error typically causes a 0.5
°C offset per ohm of parasitic
resistance in series with the remote diode.
The ADT7461A automatically cancels the effect of this
series resistance on the temperature reading, giving a more
accurate result, without the need for user characterization of
this resistance. The ADT7461A is designed to automatically
cancel typically up to 1.5 k
W of resistance. By using an
advanced temperature measurement method, this process is
transparent to the user. This feature permits resistances to be
added to the sensor path to produce a filter, allowing the part
to be used in noisy environments. See the section on Noise
Filtering for more details.
Temperature Measurement Method
A simple method of measuring temperature is to exploit
the negative temperature coefficient of a diode, measuring
the base emitter voltage (VBE) of a transistor operated at
constant current. However, this technique requires
calibration to null the effect of the absolute value of VBE,
which varies from device to device.
The technique used in the ADT7461A measures the
change in VBE when the device operates at three different
currents. Previous devices used only two operating currents,
but it is the use of a third current that allows automatic
cancellation of resistances in series with the external
temperature sensor.
Figure 14 shows the input signal conditioning used to
measure the output of an external temperature sensor. This
figure shows the external sensor as a substrate transistor, but
it can equally be a discrete transistor. If a discrete transistor
is used, the collector is not grounded but is linked to the base.
To prevent ground noise interfering with the measurement,
the more negative terminal of the sensor is not referenced to
ground, but is biased above ground by an internal diode at
the D− input. C1 may be added as a noise filter
(a recommended maximum value of 1000 pF). However, a
better option in noisy environments is to add a filter, as
described in the Noise Filtering section. See the Layout
Considerations section for more information on C1.
To measure
DVBE, the operating current through the
sensor is switched among three related currents. As shown
in Figure 14, N1
× I and N2 × I are different multiples of the
current, I. The currents through the temperature diode are
switched between I and N1
× I, giving DVBE1; and then
between I and N2
× I, giving DVBE2. The temperature is
then calculated using the two
DVBE measurements. This
method also cancels the effect of any series resistance on the
temperature measurement.


Similar Part No. - ADT7461A_13

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7461AARMZ AD-ADT7461AARMZ Datasheet
554Kb / 24P
   짹1째C Temperature Monitor with Series Resistance Cancellation
REV. A
logo
ON Semiconductor
ADT7461AARMZ ONSEMI-ADT7461AARMZ Datasheet
282Kb / 19P
   짹1??Temperature Monitor with Series Resistance Cancellation
December, 2009 ??Rev. 6
ADT7461AARMZ-002 ONSEMI-ADT7461AARMZ-002 Datasheet
282Kb / 19P
   짹1??Temperature Monitor with Series Resistance Cancellation
December, 2009 ??Rev. 6
logo
Analog Devices
ADT7461AARMZ-2 AD-ADT7461AARMZ-2 Datasheet
554Kb / 24P
   짹1째C Temperature Monitor with Series Resistance Cancellation
REV. A
ADT7461AARMZ-2REEL AD-ADT7461AARMZ-2REEL Datasheet
554Kb / 24P
   짹1째C Temperature Monitor with Series Resistance Cancellation
REV. A
More results

Similar Description - ADT7461A_13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCT72CMTR2G ONSEMI-NCT72CMTR2G Datasheet
331Kb / 20P
   Temperature Monitor with Series Resistance Cancellation
August, 2012 ??Rev. 4
NCT72 ONSEMI-NCT72_17 Datasheet
255Kb / 20P
   Temperature Monitor with Series Resistance Cancellation
June, 2017 ??Rev. 5
NCT214MT3R2G ONSEMI-NCT214MT3R2G Datasheet
322Kb / 19P
   Temperature Monitor with Series Resistance Cancellation
July, 2012 ??Rev. 1
ADT7461 ONSEMI-ADT7461_14 Datasheet
274Kb / 20P
   Temperature Monitor with Series Resistance Cancellation
March, 2014 ??Rev. 8
ADT7461A ONSEMI-ADT7461A Datasheet
282Kb / 19P
   짹1??Temperature Monitor with Series Resistance Cancellation
December, 2009 ??Rev. 6
logo
Analog Devices
ADT7461 AD-ADT7461 Datasheet
854Kb / 24P
   짹1째C Temperature Monitor with Series Resistance Cancellation
REV. 0
ADT7461A AD-ADT7461A Datasheet
554Kb / 24P
   짹1째C Temperature Monitor with Series Resistance Cancellation
REV. A
logo
ON Semiconductor
ADT7461 ONSEMI-ADT7461 Datasheet
291Kb / 20P
   짹1??Temperature Monitor with Series Resistance Cancellation
December, 2009 ??Rev. 6
NCT72 ONSEMI-NCT72 Datasheet
328Kb / 21P
   1C Temperature Monitor with Series Resistance Cancellation
August, 2012 ??Rev. 4
NVT211 ONSEMI-NVT211 Datasheet
287Kb / 19P
   1C Temperature Monitor with Series Resistance Cancellation
December, 2013 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com