Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PZT751T1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # PZT751T1G
Description  PNP Silicon Planar Epitaxial Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PZT751T1G Datasheet(HTML) 2 Page - ON Semiconductor

  PZT751T1G Datasheet HTML 1Page - ON Semiconductor PZT751T1G Datasheet HTML 2Page - ON Semiconductor PZT751T1G Datasheet HTML 3Page - ON Semiconductor PZT751T1G Datasheet HTML 4Page - ON Semiconductor PZT751T1G Datasheet HTML 5Page - ON Semiconductor PZT751T1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PZT751T1
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristics
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Breakdown Voltage
(IC = 10 mAdc, IB = 0)
V(BR)CEO
60
Vdc
Collector−Emitter Breakdown Voltage
(IC = 100 mAdc, IE = 0)
V(BR)CBO
80
Vdc
Emitter−Base Breakdown Voltage
(IE = 10 mAdc, IC = 0)
V(BR)EBO
5.0
Vdc
Base−Emitter Cutoff Current
(VEB = 4.0 Vdc)
IEBO
0.1
mAdc
Collector−Base Cutoff Current
(VCB = 80 Vdc, IE = 0)
ICBO
100
nAdc
ON CHARACTERISTICS (Note 2)
DC Current Gain
(IC = 50 mAdc, VCE = 2.0 Vdc)
(IC = 500 mAdc, VCE = 2.0 Vdc)
(IC = 1.0 Adc, VCE = 2.0 Vdc)
(IC = 2.0 Adc, VCE = 2.0 Vdc)
hFE
75
75
75
40
Collector−Emitter Saturation Voltages
(IC = 2.0 Adc, IB = 200 mAdc)
(IC = 1.0 Adc, IB = 100 mAdc)
VCE(sat)
0.5
0.3
Vdc
Base−Emitter Voltages
(IC = 1.0 Adc, VCE = 2.0 Vdc)
VBE(on)
1.0
Vdc
Base−Emitter Saturation Voltage
(IC = 1.0 Adc, IB = 100 mAdc)
VBE(sat)
1.2
Vdc
Current−Gain−Bandwidth
(IC = 50 mAdc, VCE = 5.0 Vdc, f = 100 MHz)
fT
75
MHz
2. Pulse Test: Pulse Width ≤ 300 ms, Duty Cycle = 2.0%.


Similar Part No. - PZT751T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PZT751T1G ONSEMI-PZT751T1G Datasheet
133Kb / 4P
   PNP Silicon Planar Epitaxial Transistor
October, 2010 -- Rev. 6
PZT751T1G ONSEMI-PZT751T1G Datasheet
65Kb / 4P
   PNP Silicon Planar Epitaxial Transistor
January, 2015 ??Rev. 9
PZT751T1G ONSEMI-PZT751T1G_10 Datasheet
133Kb / 4P
   PNP Silicon Planar Epitaxial Transistor
October, 2010 -- Rev. 6
More results

Similar Description - PZT751T1G

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BCPA94 SECOS-BCPA94 Datasheet
224Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR502EF KODENSHI-SUR502EF Datasheet
254Kb / 5P
   Epitaxial planar PNP silicon transistor
logo
Sanken electric
2SB1259 SANKEN-2SB1259_07 Datasheet
36Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
2SB1382 SANKEN-2SB1382_07 Datasheet
35Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
logo
Sanyo Semicon Device
FX513 SANYO-FX513 Datasheet
44Kb / 4P
   PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HSB649T HSMC-HSB649T Datasheet
43Kb / 4P
   SILICON PNP EPITAXIAL PLANAR TRANSISTOR
logo
Galaxy Semi-Conductor H...
KTA2015W BILIN-KTA2015W Datasheet
171Kb / 4P
   PNP Silicon Epitaxial Planar Transistor
MMSTA92 BILIN-MMSTA92 Datasheet
131Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
Guangdong Kexin Industr...
2SA1772 KEXIN-2SA1772 Datasheet
44Kb / 2P
   PNP Epitaxial Planar Silicon Transistor
logo
SEMTECH ELECTRONICS LTD...
ST2N5086 SEMTECH_ELEC-ST2N5086 Datasheet
359Kb / 5P
   PNP Silicon Epitaxial Planar Transistor
ST2SA928 SEMTECH_ELEC-ST2SA928 Datasheet
129Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com