Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT34TS02VP2GT4B Datasheet(PDF) 11 Page - ON Semiconductor

Part # CAT34TS02VP2GT4B
Description  Digital Output Temperature Sensor
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT34TS02VP2GT4B Datasheet(HTML) 11 Page - ON Semiconductor

Back Button CAT34TS02VP2GT4B Datasheet HTML 7Page - ON Semiconductor CAT34TS02VP2GT4B Datasheet HTML 8Page - ON Semiconductor CAT34TS02VP2GT4B Datasheet HTML 9Page - ON Semiconductor CAT34TS02VP2GT4B Datasheet HTML 10Page - ON Semiconductor CAT34TS02VP2GT4B Datasheet HTML 11Page - ON Semiconductor CAT34TS02VP2GT4B Datasheet HTML 12Page - ON Semiconductor CAT34TS02VP2GT4B Datasheet HTML 13Page - ON Semiconductor CAT34TS02VP2GT4B Datasheet HTML 14Page - ON Semiconductor CAT34TS02VP2GT4B Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
CAT34TS02
http://onsemi.com
11
SLAVE
ADDRESS
SDA LINE
BYTE
ADDRESS (n)
DATA n
SLAVE
ADDRESS
SLAVE
BUS ACTIVITY:
MASTER
BUS ACTIVITY:
MASTER
SLAVE
ADDRESS
SDA LINE
DATA (MSB)
SLAVE
SLAVE
DATA (LSB)
REGISTER
ADDRESS
ADDRESS
S
S
T
A
R
T
A
C
K
A
C
K
S
S
T
A
R
T
A
C
K
N
O
A
C
K
S
T
O
P
P
S
S
T
A
R
T
A
C
K
A
C
K
A
C
K
S
S
T
A
R
T
A
C
K
N
O
A
C
K
S
T
O
P
P
SPD
TS
Figure 29a. EEPROM Selective Read
Figure 29b. Temperature Sensor Selective Read
Figure 30. EEPROM Sequential Read
MASTER
SDA LINE
SLAVE
ADDRESS
SPD
SLAVE
DATA n
DATA n+1
BUS ACTIVITY:
A
C
K
A
C
K
A
C
K
A
C
K
N
O
A
C
K
S
T
O
P
P
DATA n+2
DATA n+x
Software Write Protection
The lower half of memory (first 128 bytes) can be
protected against Write requests by setting one of two
Software Write Protection (SWP) flags.
The Permanent Software Write Protection (PSWP) flag
can be set or read while all address pins are at regular CMOS
levels (GND or VCC), whereas the very high voltage VHV
must be present on address pin A0 to set, clear or read the
Reversible Software Write Protection (RSWP) flag. The
D.C. OPERATING CONDITIONS for RSWP operations
are shown in Table 7.
The SWP commands are listed in Table 8. All commands
are preceded by a START and terminated with a STOP,
following the ACK or NoACK from the CAT34TS02. All
SWP related Slave addresses use the pre−amble: 0110 (6h),
instead of the regular 1010 (Ah) used for memory access.
For PSWP commands, the three address pins can be at any
logic level, whereas for RSWP commands the address pins
must be at pre−assigned logic levels.
VHV is interpreted as logic ‘1’. The VHV condition must
be established on pin A0 before the START and
maintained just beyond the STOP. Otherwise an RSWP
request could be interpreted by the CAT34TS02 as a
PSWP request.
The SWP Slave addresses follow the standard I2C
convention, i.e. to read the state of the SWP flag, the LSB of
the Slave address must be ‘1’, and to set or clear a flag, it
must be ‘0’. For Write commands a dummy byte address and
dummy data byte must be provided (Figure 31). In contrast
to a regular memory Read, a SWP Read does not return data.
Instead the CAT34TS02 will respond with NoACK if the
flag is set and with ACK if the flag is not set. Therefore, the
Master can immediately follow up with a STOP, as there is
no meaningful data following the ACK interval (Figure 32).


Similar Part No. - CAT34TS02VP2GT4B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT34TS02VP2GT4B ONSEMI-CAT34TS02VP2GT4B Datasheet
204Kb / 22P
   Digital Output Temperature Sensor with On-board SPD EEPROM
Doc. No. MD-1129 Rev. G
CAT34TS02VP2GT4B ONSEMI-CAT34TS02VP2GT4B Datasheet
181Kb / 20P
   Digital Output Temperature Sensor with On-board SPD EEPROM
February, 2013 ??Rev. 10
More results

Similar Description - CAT34TS02VP2GT4B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT6095 ONSEMI-CAT6095 Datasheet
268Kb / 18P
   Digital Output Temperature Sensor
Doc. No. MD-1124 Rev. D
CAT6095 ONSEMI-CAT6095_11 Datasheet
156Kb / 15P
   Digital Output Temperature Sensor
May, 2011 ??Rev. 5
N34TS04 ONSEMI-N34TS04 Datasheet
138Kb / 18P
   Digital Output Temperature Sensor
August, 2016 ??Rev. 0
logo
List of Unclassifed Man...
SMT160 ETC-SMT160 Datasheet
79Kb / 9P
   Temperature sensor with digital output
DHT22 ETC2-DHT22 Datasheet
380Kb / 10P
   Digital-output relative humidity & temperature sensor/module
logo
TE Connectivity Ltd
HTU21D TEC-HTU21D Datasheet
586Kb / 20P
   Digital Relative Humidity sensor with Temperature output
TSYS02D TEC-TSYS02D_17 Datasheet
156Kb / 3P
   Digital Temperature Sensor
TSYS01 TEC-TSYS01 Datasheet
443Kb / 10P
   Digital Temperature Sensor
TSYS02D TEC-TSYS02D Datasheet
182Kb / 4P
   Digital Temperature Sensor
TSD305-1C55 TEC-TSD305-1C55 Datasheet
354Kb / 12P
   DIGITAL TEMPERATURE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com