Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XHP35A-H0-0000-0D0BD20E7 Datasheet(PDF) 4 Page - Cree, Inc

Part # XHP35A-H0-0000-0D0BD20E7
Description  Cree XLamp XHP35 LEDs
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XHP35A-H0-0000-0D0BD20E7 Datasheet(HTML) 4 Page - Cree, Inc

  XHP35A-H0-0000-0D0BD20E7 Datasheet HTML 1Page - Cree, Inc XHP35A-H0-0000-0D0BD20E7 Datasheet HTML 2Page - Cree, Inc XHP35A-H0-0000-0D0BD20E7 Datasheet HTML 3Page - Cree, Inc XHP35A-H0-0000-0D0BD20E7 Datasheet HTML 4Page - Cree, Inc XHP35A-H0-0000-0D0BD20E7 Datasheet HTML 5Page - Cree, Inc XHP35A-H0-0000-0D0BD20E7 Datasheet HTML 6Page - Cree, Inc XHP35A-H0-0000-0D0BD20E7 Datasheet HTML 7Page - Cree, Inc XHP35A-H0-0000-0D0BD20E7 Datasheet HTML 8Page - Cree, Inc XHP35A-H0-0000-0D0BD20E7 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
Copyright © 2015-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo and
SC5 Technology™ are trademarks of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
4
XLamp® XHp35 LED
Notes:
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and ±2 on CRI measurements.
See the Measurements section (page 31).
Cree XLamp XHP35 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
*
Flux values @ 25 °C are calculated and are for reference only.
nominal
CCt
Cri
Minimum Luminous Flux
@350 mA
3-step
5-step
Min
typ
group
Flux (lm)
@ 85 °C
Flux (lm)
@ 25 °C* group
order Code
group
order Code
4000 K
70
e2
590
656
40e
XHP35A-00-0000-0D0Be240e
D4
550
612
XHP35A-00-0000-0D0BD440e
D2
510
567
XHP35A-00-0000-0D0BD240e
80
D4
550
612
40e
XHP35A-00-0000-0D0HD440e
D2
510
567
XHP35A-00-0000-0D0HD240e
90
C2
440
489
40e
XHP35A-00-0000-0D0UC240e
B4
410
456
XHP35A-00-0000-0D0UB440e
3500 K
70
e2
590
656
35e
XHP35A-00-0000-0D0Be235e
D4
550
612
XHP35A-00-0000-0D0BD435e
D2
510
567
XHP35A-00-0000-0D0BD235e
80
D4
550
612
35G
XHP35A-00-0000-0D0HD435G
35e
XHP35A-00-0000-0D0HD435e
D2
510
567
XHP35A-00-0000-0D0HD235G
XHP35A-00-0000-0D0HD235e
C4
475
528
XHP35A-00-0000-0D0HC435G
XHP35A-00-0000-0D0HC435e
90
C2
440
489
35G
XHP35A-00-0000-0D0UC235G
35e
XHP35A-00-0000-0D0UC235e
B4
410
456
XHP35A-00-0000-0D0UB435G
XHP35A-00-0000-0D0UB435e
3000 K
70
D4
550
612
30e
XHP35A-00-0000-0D0BD430e
D2
510
567
XHP35A-00-0000-0D0BD230e
80
D2
510
567
30G
XHP35A-00-0000-0D0HD230G
30e
XHP35A-00-0000-0D0HD230e
C4
475
528
XHP35A-00-0000-0D0HC430G
XHP35A-00-0000-0D0HC430e
90
C2
440
489
30G
XHP35A-00-0000-0D0UC230G
30e
XHP35A-00-0000-0D0UC230e
B4
410
456
XHP35A-00-0000-0D0UB430G
XHP35A-00-0000-0D0UB430e
B2
380
423
XHP35A-00-0000-0D0UB230G
XHP35A-00-0000-0D0UB230e
2700 K
80
C4
475
528
27G
XHP35A-00-0000-0D0HC427G
27e
XHP35A-00-0000-0D0HC427e
C2
440
489
XHP35A-00-0000-0D0HC227G
XHP35A-00-0000-0D0HC227e
90
B4
410
456
27G
XHP35A-00-0000-0D0UB427G
27e
XHP35A-00-0000-0D0UB427e
B2
380
423
XHP35A-00-0000-0D0UB227G
XHP35A-00-0000-0D0UB227e
FLuX CHArACtEristiCs, HigH DEnsity EAsyWHitE® orDEr CoDEs AnD bins (t
J = 85 °C) - Continued


Similar Part No. - XHP35A-H0-0000-0D0BD20E7

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XHP35.2 CREE-XHP35.2 Datasheet
2Mb / 26P
   Cree짰 XLamp짰 XHP35.2 LEDs
XHP35B-00-0000-0D00D20E5 CREE-XHP35B-00-0000-0D00D20E5 Datasheet
2Mb / 26P
   Cree짰 XLamp짰 XHP35.2 LEDs
XHP35B-00-0000-0D00D40DT CREE-XHP35B-00-0000-0D00D40DT Datasheet
2Mb / 26P
   Cree짰 XLamp짰 XHP35.2 LEDs
XHP35B-00-0000-0D00D40DV CREE-XHP35B-00-0000-0D00D40DV Datasheet
2Mb / 26P
   Cree짰 XLamp짰 XHP35.2 LEDs
XHP35B-00-0000-0D00D40E1 CREE-XHP35B-00-0000-0D00D40E1 Datasheet
2Mb / 26P
   Cree짰 XLamp짰 XHP35.2 LEDs
More results

Similar Description - XHP35A-H0-0000-0D0BD20E7

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
MX3SWT-A1-0000-000E51 CREE-MX3SWT-A1-0000-000E51 Datasheet
988Kb / 10P
   Cree XLamp MX-3S LEDs
XP-L CREE-XP-L Datasheet
2Mb / 35P
   Cree XLamp XP-L LEDs
XP-G3 CREE-XP-G3 Datasheet
2Mb / 33P
   Cree XLamp XP-G3 LEDs
XQ-E CREE-XQ-E Datasheet
2Mb / 31P
   Cree XLamp XQ-E LEDs
XM-L2 CREE-XM-L2 Datasheet
1Mb / 14P
   Cree XLamp XM-L2 LEDs
XQ-A CREE-XQ-A Datasheet
1Mb / 19P
   Cree XLamp XQ-A LEDs
XT-E CREE-XT-E Datasheet
2Mb / 45P
   Cree XLamp XT-E LEDs
MX6SWT-A1-0000-000F51 CREE-MX6SWT-A1-0000-000F51 Datasheet
999Kb / 10P
   Cree XLamp MX-6S LEDs
logo
List of Unclassifed Man...
XL7090 ETC1-XL7090 Datasheet
455Kb / 19P
   Cree XLamp 7090 Packaged LEDs
logo
Cree, Inc
XMLAWT-00-0000-0000T5051 CREE-XMLAWT-00-0000-0000T5051 Datasheet
727Kb / 12P
   Cree XLamp XM-L LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com