Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCS123NN Datasheet(PDF) 9 Page - Copal Electronics

Part # MCS123NN
Description  Sub-miniature Slide Switches
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

MCS123NN Datasheet(HTML) 9 Page - Copal Electronics

  MCS123NN Datasheet HTML 1Page - Copal Electronics MCS123NN Datasheet HTML 2Page - Copal Electronics MCS123NN Datasheet HTML 3Page - Copal Electronics MCS123NN Datasheet HTML 4Page - Copal Electronics MCS123NN Datasheet HTML 5Page - Copal Electronics MCS123NN Datasheet HTML 6Page - Copal Electronics MCS123NN Datasheet HTML 7Page - Copal Electronics MCS123NN Datasheet HTML 8Page - Copal Electronics MCS123NN Datasheet HTML 9Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Circuit arrangement
Circuit diagram
No. of
terminals
Pos.A
Pos.B
Pos.C
20
ON
ON
ON
(C1)
−(1)
(C2)
(C3)
−(4)
(C4)
(C5)
−(7)
(C6)
(C7)
−(10)
(C8)
(C1)
−(2)
(C2)
(C3)
−(5)
(C4)
(C5)
−(8)
(C6)
(C7)
−(11)
(C8)
(C1)
−(3)
(C2)
(C3)
−(6)
(C4)
(C5)
−(9)
(C6)
(C7)
−(12)
(C8)
Circuit arrangement
Circuit diagram
No. of
terminals
Pos.A
Pos.B
Pos.C
Pos.C
24
ON
ON
ON
ON
(C1)
−(1)
(C2)
(C3)
−(5)
(C4)
(C5)
−(9)
(C6)
(C7)
−(13)
(C8)
(C1)
−(2)
(C2)
(C3)
−(6)
(C4)
(C5)
−(10)
(C6)
(C7)
−(14)
(C8)
(C1)
−(3)
(C2)
(C3)
−(7)
(C4)
(C5)
−(11)
(C6)
(C7)
−(15)
(C8)
(C1)
−(4)
(C2)
(C3)
−(8)
(C4)
(C5)
−(12)
(C6)
(C7)
−(16)
(C8)
●Rating : DC30V 0.3A
●Operating force :
(A)
(B)
(C)
(B)
1.76±0.78N
(B)
(A)
(B)
(C)
2.25±0.98N
MCS
Circuit arrangement Circuit diagram
No. of
terminals
Pos.A
Pos.B
18
ON
ON
(C1)−(1)
(C2)−(3)
(C3)−(5)
(C4)−(7)
(C5)−(9)
(C6)−(11)
(C1)−(2)
(C2)−(4)
(C3)−(6)
(C4)−(7)
(C5)−(10)
(C6)−(12)
■PC Hole Layouts
  
(Top view)
■PC Hole Layouts
  
(Top view)
■PC Hole Layouts
  
(Top view)
●Rating : DC30V 0.3A
●Operating force : 2.45±0.98N
●Rating : DC50V 0.3A
●Operating force : 3.92±0.98N
Non-shorting
Non-shorting
Non-shorting
★MCS622N-2011
★MCS431PA-2010
★MCS442NN-1016
★:Made to order products.


Similar Part No. - MCS123NN

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
MCS1040 FRONTIER-MCS1040 Datasheet
217Kb / 2P
   SMD MOLDED HIGH CURRENT POWER INDUCTORS
logo
PADAUK Technology.
MCS11 PADAUK-MCS11 Datasheet
1Mb / 108P
   Field Programmable Processor Array
logo
Schurter Inc.
MCS16 SCHURTER-MCS16 Datasheet
750Kb / 6P
   Metal Switch Short Stroke
05.01.2022
logo
Ohmite Mfg. Co.
MCS1632 OHMITE-MCS1632 Datasheet
491Kb / 2P
   Metal Element Current Sense
MCS1632 OHMITE-MCS1632 Datasheet
494Kb / 2P
   Industrial electronics, power electronics
More results

Similar Description - MCS123NN

ManufacturerPart #DatasheetDescription
logo
C&K Components
JS CK-COMPONENTS-JS Datasheet
1Mb / 15P
   Sub-Miniature Slide Switches
22 Sep 22
logo
GREATECS
SB6 GREATECS-SB6 Datasheet
2Mb / 2P
   Sub-Miniature Slide Switches
logo
E-SWITCH
500A E-SWITCH-500A Datasheet
156Kb / 2P
   SUB-MINIATURE SLIDE SWITCHES
logo
C&K Components
JSM CK-COMPONENTS-JSM Datasheet
295Kb / 5P
   Sub-Miniature Slide Switches
logo
Grayhill, Inc
48BFSP1M6RT GRAYHILL-48BFSP1M6RT Datasheet
91Kb / 1P
   Sub-Miniature Slide Switches
logo
C&K Components
JSM CK-COMPONENTS-JSM_V01 Datasheet
277Kb / 2P
   Sub-Miniature Slide Switches
20 Jul 21
JS-SERIES CK-COMPONENTS-JS-SERIES Datasheet
2Mb / 15P
   Sub-Miniature Slide Switches
22 Sep 22
JS202011AQN CK-COMPONENTS-JS202011AQN Datasheet
302Kb / 6P
   Sub-Miniature Slide Switches
logo
E-SWITCH
500A E-SWITCH-500A_1 Datasheet
210Kb / 2P
   SLIDE SWITCHES - SUB-MINIATURE
logo
C&K Components
L202011MS02QE2 CK-COMPONENTS-L202011MS02QE2 Datasheet
322Kb / 6P
   Miniature Slide Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com