Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9181 Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9181
Description  150MA LDO REGULATOR WITH POG
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9181 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9181 Datasheet HTML 1Page - Richtek Technology Corporation RT9181 Datasheet HTML 2Page - Richtek Technology Corporation RT9181 Datasheet HTML 3Page - Richtek Technology Corporation RT9181 Datasheet HTML 4Page - Richtek Technology Corporation RT9181 Datasheet HTML 5Page - Richtek Technology Corporation RT9181 Datasheet HTML 6Page - Richtek Technology Corporation RT9181 Datasheet HTML 7Page - Richtek Technology Corporation RT9181 Datasheet HTML 8Page - Richtek Technology Corporation RT9181 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
RT9181
Preliminary
www.richtek-ic.com.tw
DS9181-00 February 2002
4
Typical Operating Charateristics
Quiescent Current vs. Supply Voltage
150
155
160
165
170
175
180
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Supply Voltage (V)
Current Limit vs. Supply Voltage
200
250
300
350
400
33.5
44.555.5
6
Supply Voltage (V)
Output Voltage vs. Temperature
1.190
1.195
1.200
1.205
1.210
-20
0
20
40
60
80
Temperature ( C)
°
VIN = 5V
ILOAD = 0.1mA
Current Limit vs. Temperature
200
250
300
350
400
-20
0
20
40
60
80
Temperature ( C)
°
VIN = 5V
Output Voltage vs. Supply Voltage
1.190
1.195
1.200
1.205
1.210
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Supply Voltage (V)
ILOAD = 0.1mA
Quiescent Current vs. Temperature
150
155
160
165
170
175
180
-20
0
20
40
60
80
Temperature ( C)
°
VIN = 5V


Similar Part No. - RT9181

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9181 RICHTEK-RT9181 Datasheet
124Kb / 10P
   150mA LDO Regulator with PGOOD
RT9181-18GB RICHTEK-RT9181-18GB Datasheet
124Kb / 10P
   150mA LDO Regulator with PGOOD
RT9181-18PB RICHTEK-RT9181-18PB Datasheet
124Kb / 10P
   150mA LDO Regulator with PGOOD
RT9181 RICHTEK-RT9181_07 Datasheet
124Kb / 10P
   150mA LDO Regulator with PGOOD
More results

Similar Description - RT9181

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9181 RICHTEK-RT9181_07 Datasheet
124Kb / 10P
   150mA LDO Regulator with PGOOD
logo
RICOH electronics devic...
R1183Z RICOH-R1183Z Datasheet
407Kb / 26P
   150mA LDO REGULATOR
logo
Unisonic Technologies
LR9280XG-XX-AE5-R UTC-LR9280XG-XX-AE5-R Datasheet
218Kb / 6P
   150mA LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1180X NISSHINBO-R1180X Datasheet
549Kb / 28P
   150mA LDO REGULATOR
logo
RICOH electronics devic...
R1180N121B RICOH-R1180N121B Datasheet
725Kb / 24P
   150mA LDO REGULATOR
R1180 RICOH-R1180 Datasheet
303Kb / 19P
   150mA LDO REGULATOR
logo
Unisonic Technologies
LR9280 UTC-LR9280 Datasheet
240Kb / 6P
   150mA LDO REGULATOR
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217 Datasheet
266Kb / 10P
   150mA CMOS LDO Regulator
logo
Unisonic Technologies
LR8XXYY UTC-LR8XXYY Datasheet
174Kb / 6P
   150mA DUAL LDO REGULATOR
logo
E-Tech Electronics LTD
LR3XXYYB ETL-LR3XXYYB Datasheet
307Kb / 8P
   150mA 2CH LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com