Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR25H160F-2LB Datasheet(PDF) 5 Page - Rohm

Part # BR25H160F-2LB
Description  Operation SPI BUS EEPROM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR25H160F-2LB Datasheet(HTML) 5 Page - Rohm

  BR25H160F-2LB Datasheet HTML 1Page - Rohm BR25H160F-2LB Datasheet HTML 2Page - Rohm BR25H160F-2LB Datasheet HTML 3Page - Rohm BR25H160F-2LB Datasheet HTML 4Page - Rohm BR25H160F-2LB Datasheet HTML 5Page - Rohm BR25H160F-2LB Datasheet HTML 6Page - Rohm BR25H160F-2LB Datasheet HTML 7Page - Rohm BR25H160F-2LB Datasheet HTML 8Page - Rohm BR25H160F-2LB Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
BR25H160F-2LB
5/28
Datasheet
Datasheet
www.rohm.com
©2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
TSZ02201-0R1R0G100340-1-2
27.Feb.2014 Rev.002
Serial Input / output Timing
Block diagram
Figure 5. Block diagram
Figure 2. Input timing
SI is taken into IC inside in sync with data rise edge of SCK. Input address and data from the most significant bit MSB.
Figure 3. Input / Output timing
SO is output in sync with data fall edge of SCK. Data is output from the most significant bit MSB.
Figure 4. HOLD timing
SO
INSTRUCTION DECODE
CONTROL CLOCK
GENERATION
VOLTAGE
DETECTION
WRITE
INHIBITION
HIGH VOLTAGE
GENERATOR
INSTRUCTION
REGISTER
16K
EEPROM
ADDRESS
REGISTER
DATA
REGISTER
ADDRESS
DECODER
READ/WRITE
AMP
8bit
8bit
STATUS REGISTER
CSB
SCK
HOLDB
11bit
11bit
WPB
SI
CSB
SCK
SI
SO
tCS
tCSS
tSCKS
tSCKWL
tSCKWH
tDIS
tDIH
tRC
tFC
High-Z
CSB
SCK
SI
SO
tPD
tOH
tRO,tFO
tOZ
tCSH
tSCKH
tCS
High-Z
CSB
SCK
SI
n+1
"H"
"L"
n
Dn
n-1
Dn
Dn-1
HOLDB
SO
Dn+1
tHFS
tHFH
tHOZ
tHRS tHRH
tDIS
tHPD
High-Z


Similar Part No. - BR25H160F-2LB

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25H160F-2LB ROHM-BR25H160F-2LB Datasheet
986Kb / 31P
   Serial EEPROM Series Industrial EEPROM 125??Operation SPI BUS EEPROM
BR25H160F-2LBH2 ROHM-BR25H160F-2LBH2 Datasheet
986Kb / 31P
   Serial EEPROM Series Industrial EEPROM 125??Operation SPI BUS EEPROM
More results

Similar Description - BR25H160F-2LB

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25H020F-2LB ROHM-BR25H020F-2LB_14 Datasheet
982Kb / 32P
   Operation SPI BUS EEPROM
BR25A1M-3M ROHM-BR25A1M-3M Datasheet
724Kb / 31P
   Operation SPI BUS EEPROM
BR25H256-2AC ROHM-BR25H256-2AC Datasheet
1Mb / 38P
   Operation SPI BUS EEPROM
BR25H320-2C ROHM-BR25H320-2C Datasheet
923Kb / 35P
   Operation SPI BUS EEPROM
BR25H640-2AC ROHM-BR25H640-2AC Datasheet
1Mb / 40P
   Operation SPI BUS EEPROM
BR25H080F-2LB ROHM-BR25H080F-2LB_14 Datasheet
981Kb / 32P
   Operation SPI BUS EEPROM
BR25H010F-2LB ROHM-BR25H010F-2LB_1 Datasheet
982Kb / 32P
   Operation SPI BUS EEPROM
BR25H128-2AC ROHM-BR25H128-2AC Datasheet
1Mb / 39P
   Operation SPI BUS EEPROM
BR25H640F-2LB ROHM-BR25H640F-2LB_14 Datasheet
954Kb / 32P
   Operation SPI BUS EEPROM
BR25A256-3M ROHM-BR25A256-3M Datasheet
2Mb / 32P
   Operation SPI BUS EEPROM
BR25H010-2C ROHM-BR25H010-2C_16 Datasheet
1Mb / 36P
   Operation SPI BUS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com