Electronic Components Datasheet Search |
|
BRCB064GWZ-3 Datasheet(PDF) 1 Page - Rohm |
|
BRCB064GWZ-3 Datasheet(HTML) 1 Page - Rohm |
1 / 29 page Datasheet ○Product structure:Silicon monolithic integrated circuit ○This product has no designed protection against radioactive rays 1/25 TSZ02201-0R2R0G100530-1-2 25.Feb.2013 Rev.003 ©2013 ROHM Co., Ltd. All rights reserved. TSZ22111・14・001 www.rohm.com Serial EEPROM Series Standard EEPROM WLCSP EEPROM BRCB064GWZ-3 General Description BRCB064GWZ-3 is a serial EEPROM of I 2C BUS Interface Method Features Completely conforming to the world standard I 2C BUS. All controls available by 2 ports of serial clock (SCL) and serial data (SDA) Other devices than EEPROM can be connected to the same port, saving microcontroller port 1.6V to 5.5V Single Power Source Operation most suitable for battery use 1.6V to 5.5V wide limit of Operating Voltage, possible FAST MODE 400KHz operation Page Write Mode useful for initial value write at factory shipment Self-timed Programming Cycle Low Current Consumption Prevention of write mistake Write (write protect) Function added Prevention of write mistake at low voltage More than 1 million write cycles More than 40 years data retention Noise filter built in SCL / SDA terminal Pull-up resistor built in WP terminal Initial delivery state FFh Packages W(Typ) x D(Typ) x H(Max) UCSP30L1 1.50mm x1.00mm x 0.35mm BRCB064GWZ-3 Capacity Bit Format Type Power Source Voltage Package 64Kbit 8K×8 BRCB064GWZ-3 1.6V to 5.5V UCSP30L1 |
Similar Part No. - BRCB064GWZ-3 |
|
Similar Description - BRCB064GWZ-3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |