Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S3C8639 Datasheet(PDF) 10 Page - Samsung semiconductor

Part # S3C8639
Description  8-bit single-chip CMOS microcontroller
Download  399 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C8639 Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button S3C8639 Datasheet HTML 6Page - Samsung semiconductor S3C8639 Datasheet HTML 7Page - Samsung semiconductor S3C8639 Datasheet HTML 8Page - Samsung semiconductor S3C8639 Datasheet HTML 9Page - Samsung semiconductor S3C8639 Datasheet HTML 10Page - Samsung semiconductor S3C8639 Datasheet HTML 11Page - Samsung semiconductor S3C8639 Datasheet HTML 12Page - Samsung semiconductor S3C8639 Datasheet HTML 13Page - Samsung semiconductor S3C8639 Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 399 page
background image
PRODUCT OVERVIEW
S3C8639/C863A/P863A/C8647/F8647
1-10
PIN CIRCUITS DIAGRAM
Data
VSS
Output
VDD
Figure 1-7. Pin Circuit Type A
RESET
VDD
280 k
Noise
Filter
Figure 1-9. Pin Circuit Type B (
RESET
RESET)
Input
VSS
Output
VSS
300 k
Typical
VDD
Figure 1-8. Pin Circuit Type A-3
Data or
Other
Function
VSS
Output
Output
Disable
Digital
Input,
TTL Input
NOTE:
The noise filter must be built in the
external interrupts.
VDD
Figure 1-10. Pin Circuit Type D-1


Similar Part No. - S3C8639

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C8639 SAMSUNG-S3C8639 Datasheet
169Kb / 23P
   S3C8639/C863A/P863A MICROCONTROLLERS
More results

Similar Description - S3C8639

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAB80C515 INFINEON-SAB80C515 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
02.96
SAB80C517 INFINEON-SAB80C517 Datasheet
1Mb / 61P
   8-Bit CMOS Single-Chip Microcontroller
04.95
logo
Integrated Circuit Solu...
IC80C51 ICSI-IC80C51 Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
NXP Semiconductors
83C654 PHILIPS-83C654 Datasheet
258Kb / 24P
   CMOS single-chip 8-bit microcontroller
1998 Jan 06
logo
Siemens Semiconductor G...
SAB80C517A SIEMENS-SAB80C517A_1 Datasheet
2Mb / 137P
   8-Bit CMOS Single-Chip Microcontroller
SAB80C517 SIEMENS-SAB80C517_05 Datasheet
3Mb / 323P
   8-Bit CMOS Single-Chip Microcontroller
logo
Integrated Circuit Solu...
IC80C32 ICSI-IC80C32 Datasheet
274Kb / 48P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
Integral Corp.
IN80C32N INTEGRAL-IN80C32N Datasheet
117Kb / 2P
   CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Infineon Technologies A...
SAB80C515A INFINEON-SAB80C515A Datasheet
899Kb / 57P
   8-Bit CMOS Single-Chip Microcontroller
08.95
SAB80C517A INFINEON-SAB80C517A Datasheet
1Mb / 77P
   8-Bit CMOS Single-Chip Microcontroller
1994-05-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com