Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU9844GUL-W Datasheet(PDF) 3 Page - Rohm

Part # BU9844GUL-W
Description  WLCSP EEPROM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU9844GUL-W Datasheet(HTML) 3 Page - Rohm

  BU9844GUL-W_13 Datasheet HTML 1Page - Rohm BU9844GUL-W_13 Datasheet HTML 2Page - Rohm BU9844GUL-W_13 Datasheet HTML 3Page - Rohm BU9844GUL-W_13 Datasheet HTML 4Page - Rohm BU9844GUL-W_13 Datasheet HTML 5Page - Rohm BU9844GUL-W_13 Datasheet HTML 6Page - Rohm BU9844GUL-W_13 Datasheet HTML 7Page - Rohm BU9844GUL-W_13 Datasheet HTML 8Page - Rohm BU9844GUL-W_13 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
Datasheet
Datasheet
3/26
TSZ02201-0R2R0G100470-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
17.Sep.2013 Rev.002
www.rohm.com
TSZ22111・15・001
BU9844GUL-W (16Kbit)
Action timing characteristics
(Unless otherwise specified, Ta=-40°C to +85°C, VCC =1.7V to 5.5V)
Parameter
Symbol
FAST-MODE
2.5V
≤VCC≤5.5V
STANDARD-MODE
1.7V
≤VCC≤5.5V
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
SCL Frequency
fSCL
-
-
400
-
-
100
kHz
Data Clock “HIGH” Time
tHIGH
0.6
-
-
4.0
-
-
μs
Data Clock “LOW” Time
tLOW
1.2
-
-
4.7
-
-
μs
SDA, SCL Rise Time
(Note1)
tR
-
-
0.3
-
-
1.0
μs
SDA< SCL Fall Time
(Note1)
tF
-
-
0.3
-
-
0.3
μs
Start Condition Hold Time
tHD:STA
0.6
-
-
4.0
-
-
μs
Start Condition Setup Time
tSU:STA
0.6
-
-
4.7
-
-
μs
Input Data Hold Time
tHD:DAT
0
-
-
0
-
-
ns
Input Data Setup Time
tSU:DAT
100
-
-
250
-
-
ns
Output Data Delay Time
tPD
0.1
-
0.9
0.2
-
3.5
μs
Output Data Hold Time
tDH
0.1
-
-
0.2
-
-
μs
Stop Condition Setup Time
tSU:STO
0.6
-
-
4.7
-
-
μs
Bus Release Time Before Transfer Start
tBUF
1.2
-
-
4.7
-
-
μs
Internal Write Cycle Time
tWR
-
-
5
-
-
5
ms
Noise Removal Valid Period (SDA, SCL terminal)
tI
-
-
0.1
-
-
0.1
μs
WP Hold Time
tHD:WP
0
-
-
0
-
-
ns
WP Setup Time
tSU:WP
0.1
-
-
0.1
-
-
μs
WP Valid Time
tHIGH:WP
1.0
-
-
1.0
-
-
μs
(Note1) Not 100% tested.
Sync Data Input / Output Timing
SCL
SDA
WP
tHD:WP
stop condition
tWR
D1
D0
ACK
ACK
DATA(1)
DATA(n)
tSU
:WP
○Input read at the rise edge of SCL
○Data output in sync with the fall of SCL
Figure 1-(a) Sync data input / output timing
Figure 1-(b) Start – stop bit timing
Figure 1-(d) WP timing at write execution
Figure 1-(e) WP timing at write cancel
○At write execution, in the area from the DO taken clock rise of the first DATA (1),
to tWR, set WP=”LOW”
○By setting WP “HIGH” in the area, write can be cancelled.
When it is set WP=”HIGH” during tWR, write is forcibly ended, and data of
address under access is not guaranteed, therefore write it once again.
Figure 1-(c) Write cycle timing
SDA
(Input)
SCL
SDA
(Output)
tHD:STA
tHD:DAT
tSU:DAT
tBUF
tPD
tDH
tLOW
tHIGH
tR
tF
SDA
D0
ACK
tWR
SCL
Write data
(n-th address)
Stop condition
Start condition
tHIGH:WP
WP
SDA
D1
D0
ACK
ACK
DATA(1)
DATA(n)
tWR
SCL
SDA
tSU:STA
tSU:STO
tHD:STA
START BIT
STOP BIT
SCL


Similar Part No. - BU9844GUL-W_13

ManufacturerPart #DatasheetDescription
logo
Rohm
BU9844GUL-W ROHM-BU9844GUL-W_10 Datasheet
406Kb / 19P
   WL-CSP EEPROM family I2C BUS
More results

Similar Description - BU9844GUL-W_13

ManufacturerPart #DatasheetDescription
logo
Rohm
BRCA016GWZ-W ROHM-BRCA016GWZ-W_1 Datasheet
808Kb / 26P
   WLCSP EEPROM
BRCB008GWZ-3 ROHM-BRCB008GWZ-3_13 Datasheet
457Kb / 29P
   WLCSP EEPROM
BRCH064GWZ-3 ROHM-BRCH064GWZ-3 Datasheet
2Mb / 30P
   WLCSP EEPROM
BU9833GUL-W ROHM-BU9833GUL-W_12 Datasheet
756Kb / 28P
   WLCSP EEPROM
BRCB016GWL-3 ROHM-BRCB016GWL-3 Datasheet
478Kb / 30P
   WLCSP EEPROM
BRCD064GWZ-3 ROHM-BRCD064GWZ-3 Datasheet
603Kb / 30P
   WLCSP EEPROM
BU9847GUL-W ROHM-BU9847GUL-W_12 Datasheet
804Kb / 28P
   WLCSP EEPROM
BRCB064GWZ-3 ROHM-BRCB064GWZ-3 Datasheet
503Kb / 29P
   WLCSP EEPROM
BU9832GUL-W ROHM-BU9832GUL-W_12 Datasheet
748Kb / 30P
   WLCSP EEPROM
BU9889GUL-W ROHM-BU9889GUL-W_12 Datasheet
787Kb / 27P
   WLCSP EEPROM
BRCC064GWZ-3 ROHM-BRCC064GWZ-3_13 Datasheet
519Kb / 29P
   WLCSP EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com