Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FEDD56V16161N-01 Datasheet(PDF) 6 Page - Rohm

Part # FEDD56V16161N-01
Description  SYNCHRONOUS DYNAMIC RAM
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

FEDD56V16161N-01 Datasheet(HTML) 6 Page - Rohm

Back Button FEDD56V16161N-01 Datasheet HTML 2Page - Rohm FEDD56V16161N-01 Datasheet HTML 3Page - Rohm FEDD56V16161N-01 Datasheet HTML 4Page - Rohm FEDD56V16161N-01 Datasheet HTML 5Page - Rohm FEDD56V16161N-01 Datasheet HTML 6Page - Rohm FEDD56V16161N-01 Datasheet HTML 7Page - Rohm FEDD56V16161N-01 Datasheet HTML 8Page - Rohm FEDD56V16161N-01 Datasheet HTML 9Page - Rohm FEDD56V16161N-01 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
FEDD56V16161N-01
MSM56V16161N
6/44
DC Characteristics (Power Supply Current)
Ta= 0 to 70°C
VCC = VCCQ = 3.0V~3.6V
Parameter
Symbol
Condition
MSM56V16161N
Unit Note
-6
-7
-75
-10
Bank
CKE
Others
Max.
Max.
Max.
Max.
Average Power
Supply Current
(Operating)
ICC1
One Bank
Active
CKE VIH
tCC = Min.
tRC = Min.
No Burst
120
100
90
70
mA 1, 2
Power Supply
Current
(Standby)
ICC2
Both
Banks
Precharge
CKE
VIH
tCC = Min.
50
40
35
30
mA
3
Average Power
Supply Current
(Clock
Suspension)
ICC3S
Both
Banks
Active
CKE
VIL tCC = Min.
3
3
3
3
mA
2
Average Power
Supply Current
(Active
Standby)
ICC3
One Bank
Active
CKE
VIH
tCC = Min.
50
45
40
35
mA
3
Power Supply
Current (Burst)
ICC4
Both
Banks
Active
CKE
VIH tCC = Min.
160
140
130
100
mA
1, 2
Power Supply
Current
(Auto-Refresh)
ICC5
One Bank
Active
CKE
VIH
tCC = Min.
tRC = Min.
160
140
130
100
mA
2
Average Power
Supply Current
(Self-Refresh)
ICC6
Both
Banks
Precharge
CKE
VIL tCC = Min.
2
2
2
2
mA
Average Power
Supply Current
(Power Down)
ICC7
Both
Banks
Precharge
CKE
VIL tCC = Min.
2
2
2
2
mA
Notes: 1. Measured with outputs open.
2. The address and data can be changed once or left unchanged during one cycle.
3. The address and data can be changed once or left unchanged during two cycles.


Similar Part No. - FEDD56V16161N-01

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
FEDD56V16161N-01 LAPIS-FEDD56V16161N-01 Datasheet
992Kb / 44P
   2-Bank횞524,288-Word횞16-Bit SYNCHRONOUS DYNAMIC RAM
More results

Similar Description - FEDD56V16161N-01

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB81F161622B-75 FUJITSU-MB81F161622B-75 Datasheet
2Mb / 45P
   SYNCHRONOUS DYNAMIC RAM
logo
Vanguard International ...
VG36128401A VML-VG36128401A Datasheet
940Kb / 69P
   CMOS Synchronous Dynamic RAM
logo
Texas Instruments
TM2SN64EPU TI-TM2SN64EPU Datasheet
271Kb / 16P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM4SP64KPN TI1-TM4SP64KPN Datasheet
267Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2TR64EPH TI1-TM2TR64EPH Datasheet
365Kb / 22P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2CN64EFN TI1-TM2CN64EFN Datasheet
265Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM8LR64JFN TI1-TM8LR64JFN Datasheet
292Kb / 17P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
logo
List of Unclassifed Man...
VG36641641DT-6 ETC-VG36641641DT-6 Datasheet
1Mb / 69P
   CMOS Synchronous Dynamic RAM
logo
Vanguard International ...
VG36128401BT VML-VG36128401BT Datasheet
1Mb / 68P
   CMOS Synchronous Dynamic RAM
VG36648041CT VML-VG36648041CT Datasheet
949Kb / 70P
   CMOS Synchronous Dynamic RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com