Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1117LDX-2.85 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1117LDX-2.85
Description  800mA Low-Dropout Linear Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1117LDX-2.85 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM1117LDX-2.85 Datasheet HTML 3Page - National Semiconductor (TI) LM1117LDX-2.85 Datasheet HTML 4Page - National Semiconductor (TI) LM1117LDX-2.85 Datasheet HTML 5Page - National Semiconductor (TI) LM1117LDX-2.85 Datasheet HTML 6Page - National Semiconductor (TI) LM1117LDX-2.85 Datasheet HTML 7Page - National Semiconductor (TI) LM1117LDX-2.85 Datasheet HTML 8Page - National Semiconductor (TI) LM1117LDX-2.85 Datasheet HTML 9Page - National Semiconductor (TI) LM1117LDX-2.85 Datasheet HTML 10Page - National Semiconductor (TI) LM1117LDX-2.85 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Note 2: The maximum power dissipation is a function of TJ(max) , θJA, and TA. The maximum allowable power dissipation at any ambient temperature is
PD =(TJ(max)–TA)/θJA. All numbers apply for packages soldered directly into a PC board.
Note 3: For testing purposes, ESD was applied using human body model, 1.5k
Ω in series with 100pF.
Note 4: Typical Values represent the most likely parametric norm.
Note 5: All limits are guaranteed by testing or statistical analysis.
Note 6: Load and line regulation are measured at constant junction room temperature.
Note 7: The dropout voltage is the input/output differential at which the circuit ceases to regulate against further reduction in input voltage. It is measured when the
output voltage has dropped 100mV from the nominal value obtained at VIN =VOUT +1.5V.
Note 8: The minimum output current required to maintain regulation.
Note 9: Minimum pad size of 0.038in2
Note 10: Thermal Performance for the LLP was obtained using JESD51-7 board with six vias and an ambient temperature of 22˚C. For information about improved
thermal performance and power dissipation for the LLP, refer to Application Note AN-1187.
Typical Performance Characteristics
Dropout Voltage (V
IN-V OUT)
Short-Circuit Current
10091922
10091923
Load Regulation
LM1117-ADJ Ripple Rejection
10091943
10091906
www.national.com
7


Similar Part No. - LM1117LDX-2.85

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1117LDX-2.85 NSC-LM1117LDX-2.85 Datasheet
921Kb / 21P
   800mA Low-Dropout Linear Regulator
More results

Similar Description - LM1117LDX-2.85

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B_07 Datasheet
174Kb / 15P
   800mA LOW DROPOUT LINEAR REGULATOR
logo
Texas Instruments
LM1117-N TI1-LM1117-N_13 Datasheet
2Mb / 30P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
LM1117-N TI1-LM1117-N Datasheet
458Kb / 25P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
LM1117MP-1.8NOPB TI1-LM1117MP-1.8NOPB Datasheet
2Mb / 32P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
logo
National Semiconductor ...
LM1117_O6 NSC-LM1117_O6 Datasheet
921Kb / 21P
   800mA Low-Dropout Linear Regulator
logo
Texas Instruments
SM74503 TI1-SM74503 Datasheet
331Kb / 16P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G958 GMT-G958 Datasheet
149Kb / 7P
   800mA Adjustable Low-Dropout Linear Regulator
logo
Texas Instruments
SM74503 TI-SM74503_15 Datasheet
458Kb / 14P
[Old version datasheet]   SM74503 800mA Low-Dropout Linear Regulator
logo
AiT Semiconductor Inc.
A1116 AITSEMI-A1116 Datasheet
291Kb / 9P
   BIPOLAR LDO REGULATOR 800mA LINEAR LOW DROPOUT REGULATOR
REV1.1
logo
First Components Intern...
LM1117 FCI-LM1117 Datasheet
1Mb / 14P
   800mA Low-dropout Linear Regulator Temperature Range Output Current 800mA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com