Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUC30-12S7 Datasheet(PDF) 4 Page - Bothhand USA, LP.

Part # BUC30-12S7
Description  Isolated DC-DC Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BUC30-12S7 Datasheet(HTML) 4 Page - Bothhand USA, LP.

  BUC30-12S7 Datasheet HTML 1Page - Bothhand USA, LP. BUC30-12S7 Datasheet HTML 2Page - Bothhand USA, LP. BUC30-12S7 Datasheet HTML 3Page - Bothhand USA, LP. BUC30-12S7 Datasheet HTML 4Page - Bothhand USA, LP. BUC30-12S7 Datasheet HTML 5Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BOTHHAND
USA
E-mail: sales@bothhand
USA.com
http://www.bothhand
USA.com
Rev:20100908A
Page 4 of 5
Isolated DC-DC Converters
BUC30Series -- 30Watt
BUC30-48S1
BUC30-48S1
Transient Response at 50%~100% Max Load
Loop Gain & Phase at Vi=48V,Full Load
Note
1. Io below this value will not damage these converters, however, they may not meet all listed specifications.
2. Typical value, tested at nominal input and full load.
3. For each output.
4. Short to -Vin (Pin 2).
5. Based on BUC30-48S1.
Mechanical Dimensions
Pin Assignment
Pin
Single
Dual
1
+Vin
+Vin
2
-Vin
-Vin
3
Remote On/Off
4
+Vout
+Vout
5
-Vout
Common
6
Trim
-Vout
Unit: mm [inch]
Tolerance:±0.5[0.02]


Similar Part No. - BUC30-12S7

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
BUC20-24D1W BOTHHAND-BUC20-24D1W Datasheet
789Kb / 7P
   Isolated DC-DC Converters
BUC20-24D2W BOTHHAND-BUC20-24D2W Datasheet
789Kb / 7P
   Isolated DC-DC Converters
BUC20-24D3W BOTHHAND-BUC20-24D3W Datasheet
789Kb / 7P
   Isolated DC-DC Converters
BUC20-24S0W BOTHHAND-BUC20-24S0W Datasheet
789Kb / 7P
   Isolated DC-DC Converters
BUC20-24S1W BOTHHAND-BUC20-24S1W Datasheet
789Kb / 7P
   Isolated DC-DC Converters
More results

Similar Description - BUC30-12S7

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com