Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR25S64FJ-WTR Datasheet(PDF) 11 Page - Rohm

Part # BR25S64FJ-WTR
Description  SPI BUS EEPROM
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR25S64FJ-WTR Datasheet(HTML) 11 Page - Rohm

Back Button BR25S64FJ-WTR Datasheet HTML 7Page - Rohm BR25S64FJ-WTR Datasheet HTML 8Page - Rohm BR25S64FJ-WTR Datasheet HTML 9Page - Rohm BR25S64FJ-WTR Datasheet HTML 10Page - Rohm BR25S64FJ-WTR Datasheet HTML 11Page - Rohm BR25S64FJ-WTR Datasheet HTML 12Page - Rohm BR25S64FJ-WTR Datasheet HTML 13Page - Rohm BR25S64FJ-WTR Datasheet HTML 14Page - Rohm BR25S64FJ-WTR Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
Datasheet
11/31
BR25Sxxx-W Series
(32K 64K 128K 256K)
TSZ02201-0R2R0G100330-1-2
21.AUG.2012 Rev.001
©2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
www.rohm.com
Figure 30. Write cycle time tE/W
Figure 28. Output rise time tRO
Figure 29. Output fall time tFO
●Typical Performance Curves‐Continued


Similar Part No. - BR25S64FJ-WTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25S640-W ROHM-BR25S640-W Datasheet
632Kb / 19P
   High Reliability Series Serial EEPROMs
BR25S640-W ROHM-BR25S640-W Datasheet
600Kb / 19P
   High Reliability Series Serial EEPROMs
BR25S640-W ROHM-BR25S640-W Datasheet
600Kb / 19P
   High Reliability Series Serial EEPROMs
BR25S640-W ROHM-BR25S640-W Datasheet
600Kb / 19P
   High speed clock action up to 20MHz(Max.), Wait function by HOLDB terminal.
BR25S640F-W ROHM-BR25S640F-W Datasheet
600Kb / 19P
   High speed clock action up to 20MHz(Max.), Wait function by HOLDB terminal.
More results

Similar Description - BR25S64FJ-WTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25G1M-3 ROHM-BR25G1M-3 Datasheet
719Kb / 33P
   SPI BUS EEPROM
BR25G128-3 ROHM-BR25G128-3 Datasheet
769Kb / 36P
   SPI BUS EEPROM
BR25G320-3 ROHM-BR25G320-3 Datasheet
2Mb / 36P
   SPI BUS EEPROM
logo
Sanyo Semicon Device
LE25CB1282 SANYO-LE25CB1282 Datasheet
342Kb / 13P
   EEPROM (SPI Bus)
logo
Rohm
BR25G256-3 ROHM-BR25G256-3 Datasheet
2Mb / 35P
   SPI BUS EEPROM
BR25G128XXX-5A ROHM-BR25G128XXX-5A Datasheet
1Mb / 42P
   SPI BUS EEPROM
02.Jun.2022 Rev.001
BR25G1MXXX-5A ROHM-BR25G1MXXX-5A Datasheet
1Mb / 40P
   SPI BUS EEPROM
10.Jun.2022 Rev.001
BR25G256XXX-5A ROHM-BR25G256XXX-5A Datasheet
1Mb / 42P
   SPI BUS EEPROM
02.Jun.2022 Rev.001
BR25G512XXX-5A ROHM-BR25G512XXX-5A Datasheet
1Mb / 41P
   SPI BUS EEPROM
10.Jun.2022 Rev.001
BR25G640-3 ROHM-BR25G640-3 Datasheet
749Kb / 36P
   SPI BUS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com