Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RAC20-N Datasheet(PDF) 4 Page - Recom International Power

Part # RAC20-N
Description  0.25W max. No Load Power Consumption
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC20-N Datasheet(HTML) 4 Page - Recom International Power

  RAC20-N Datasheet HTML 1Page - Recom International Power RAC20-N Datasheet HTML 2Page - Recom International Power RAC20-N Datasheet HTML 3Page - Recom International Power RAC20-N Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PA-4
REV.: 0/2016
www.recom-power.com
AC/DC Converter
Specifications (measured @ ta= 25°C, nominal input voltage, full load and after warm-up)
RAC20-N
Series
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit written
consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.
PACKAGING INFORMATION
Parameter
Type
Value
Packaging Dimension (LxWxH)
cardboard box
260.0 x 70.0 x 42.0mm
Packaging Quantity
8 pcs
Storage Temperature Range
-40°C to +85°C
Pin Connections
Pin #
Single
1
VAC in (L)
2
VAC in (N)
3
+VDC out
4
-VDC out
Tolerance:
xx.x= ±0.5mm
xx.xx= ±0.35mm
Pin width:
±0.05mm
Bottom View
Top View
2
1
3
4
Ø1.2 +0.2/-0.1
45.70
Ø 1.0
3.40
M3 x 0.5 (max. torque= 12kgf.cm / 1.21Nm)
2.54
52.5
tc
20.0
Recommended Footprint Details
Dimension Drawing (mm)


Similar Part No. - RAC20-N

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC20-0512TA RECOM-RAC20-0512TA Datasheet
84Kb / 2P
   20 Watt Single/Dual & Triple Output
RAC20-0512TA RECOM-RAC20-0512TA Datasheet
84Kb / 2P
   20 Watt Single/Dual & Triple Output
RAC20-0515TA RECOM-RAC20-0515TA Datasheet
84Kb / 2P
   20 Watt Single/Dual & Triple Output
RAC20-0515TA RECOM-RAC20-0515TA Datasheet
84Kb / 2P
   20 Watt Single/Dual & Triple Output
RAC20-05DA RECOM-RAC20-05DA Datasheet
84Kb / 2P
   20 Watt Single/Dual & Triple Output
More results

Similar Description - RAC20-N

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC03-SE277W RECOM-RAC03-SE277W Datasheet
383Kb / 4P
   30mW max. No Load Power Consumption
RAC04-C277 RECOM-RAC04-C277 Datasheet
453Kb / 6P
   50mW max. No Load Power Consumption
RAC02-SE277 RECOM-RAC02-SE277 Datasheet
402Kb / 4P
   35mW max. No Load Power Consumption
RAC02-SE277W RECOM-RAC02-SE277W Datasheet
380Kb / 4P
   35mW max. No Load Power Consumption
RAC03-SE277 RECOM-RAC03-SE277 Datasheet
428Kb / 4P
   30mW max. No Load Power Consumption
RAC03-SER277 RECOM-RAC03-SER277 Datasheet
399Kb / 4P
   40mW max. No Load Power Consumption
logo
Minmax Technology Co., ...
MJW15 MINMAX-MJW15 Datasheet
526Kb / 10P
   Low No Load Power Consumption
logo
Total Power Internation...
TPEMP250G TOTAL-POWER-TPEMP250G Datasheet
118Kb / 2P
   NO LOAD POWER CONSUMPTION <0.5W
logo
Recom International Pow...
RAC02-SC RECOM-RAC02-SC Datasheet
81Kb / 2P
   35mW max of No Load Power Consumption, Output CV/CC Control
logo
AIMTEC
AMSRI-78-NZ AIMTEC-AMSRI-78-NZ Datasheet
121Kb / 4P
   Ultra-low no load power consumption
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com