Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RAC15-05DB Datasheet(PDF) 2 Page - Recom International Power

Part # RAC15-05DB
Description  Compact AC-DC Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC15-05DB Datasheet(HTML) 2 Page - Recom International Power

  RAC15-05DB Datasheet HTML 1Page - Recom International Power RAC15-05DB Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.recom-international.com
PA-21
REV:1/2010
RAC15-S_D_TB
Series
POWERLINE
AC/DC-Converter
10.00
54.00
23.50
1
8
4
10.0
22.50
Bottom View
64.00
45.60
1.0
17.5
2
6
10.0
4.0
6.0
3
7
12.5 17.5
5
7.5
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
Pin Connections
Pin #
Single Out
Dual Out
Triple Out
1
VAC in (L)
VAC in (L)
VAC in (L)
2
VAC in (N)
VAC in (N)
VAC in (N)
3
-VDC out
-VDC out
+5V Ret.
4
No Pin
Com
-VDC out
5
No Pin
No Pin
+5V out
6
+VDC out
+VDC out
No Pin
7
No Pin
No Pin
Com
8
No Pin
No Pin
+VDC out
Note 1: Line Regulation = 2% max. for triple output +Vout and -Vout.
Note 2: Load Regulation = 5% max. for triple output +Vout and -Vout.
Note 3: Ripple & Noise measured with 20MHz BW probe and 0.1µF + 47µF capacitors in parallel across the outputs.
Note 4: Suggested input fuse rating = 2A Slow Blow
86.1
96.0
46.0
53.9
dia.3.5 x 4
1
2
3
4
5
6
7
8
Fuse
5.5
29.0
Removable DIN-Rail
Mounting Bracket
RAC15-xxS_D_TB
3rd angle
projection
Pin Connections
Pin #
Single Out
Dual Out
Triple Out
1NC
NC
NC
2
VAC in (L)
VAC in (L)
VAC in (L)
3
VAC in (N)
VAC in (N)
VAC in (N)
4
NC
NC
+5V Ret.
5
-VDC Out
-VDC Out
+5V Out
6
NC
Com
-VDC out
7
+VDC out
+VDC out
Com
8
NC
NC
+VDC out
NC = No Connection
Notes
Package Style and Pinning
Case Material
Epoxy with Fibreglass (UL94V-0)
Package Weight
120g
Packing Quantity
5 pcs (-ST Version: 1 pc)
EMC
EN 55011 Class B / EN60601-1-2
MTBF (+25°C)
using MIL-HDBK-217F
200~400 x 103 hours
Specifications continued
3rd angle
projection
Screw Terminal Module Option (suffix -ST)


Similar Part No. - RAC15-05DB

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC15-05DB RECOM-RAC15-05DB Datasheet
125Kb / 2P
   Compact AC-DC Power Supply
More results

Similar Description - RAC15-05DB

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC10-A RECOM-RAC10-A Datasheet
87Kb / 2P
   Compact AC-DC Power Supply
RAC20-05SB RECOM-RAC20-05SB Datasheet
93Kb / 2P
   Compact AC-DC Power Supply
RAC15-24SB-E RECOM-RAC15-24SB-E Datasheet
125Kb / 2P
   Compact AC-DC Power Supply
RAC10-B RECOM-RAC10-B Datasheet
95Kb / 2P
   Compact AC-DC Power Supply
RAC06-05SC RECOM-RAC06-05SC Datasheet
81Kb / 2P
   Very Compact AC-DC Power Supply
RAC05-B RECOM-RAC05-B Datasheet
86Kb / 2P
   Very Compact AC-DC Power Supply
logo
C&D Technologies
PCI500-4A CANDD-PCI500-4A Datasheet
122Kb / 4P
   AC/DC Compact PCI Power Supply
logo
Recom International Pow...
RAC40-A RECOM-RAC40-A Datasheet
119Kb / 2P
   Compact 40W AC-DC Power Supply
logo
Murata Manufacturing Co...
TPS_PCI500_4A MURATA-TPS_PCI500_4A Datasheet
1Mb / 4P
   AC/DC Compact PCI Power Supply
logo
TDK Electronics
SWS-L TDK-SWS-L Datasheet
947Kb / 19P
   Compact and high-power AC/DC power supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com