Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBO-3-S15 Datasheet(PDF) 8 Page - CUI INC

Part # PBO-3-S15
Description  AC-DC POWER SUPPLY
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PBO-3-S15 Datasheet(HTML) 8 Page - CUI INC

  PBO-3-S15 Datasheet HTML 1Page - CUI INC PBO-3-S15 Datasheet HTML 2Page - CUI INC PBO-3-S15 Datasheet HTML 3Page - CUI INC PBO-3-S15 Datasheet HTML 4Page - CUI INC PBO-3-S15 Datasheet HTML 5Page - CUI INC PBO-3-S15 Datasheet HTML 6Page - CUI INC PBO-3-S15 Datasheet HTML 7Page - CUI INC PBO-3-S15 Datasheet HTML 8Page - CUI INC PBO-3-S15 Datasheet HTML 9Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
cui.com
date 10/18/2016
│ page 8 of 9
CUI Inc
│ SERIES: PBO-3 │ DESCRIPTION: AC-DC POWER SUPPLY
APPLICATION CIRCUIT
Figure 1
Table 1
1
+Vo
-Vo
10
12
AC(L)
AC(N)
C1
+
5
3
MOV1
7
ACDC
C2
C3 TVSRL
+
L1
+
C4
L2
CY0
FUSE
NTC
2
EMC RECOMMENDED CIRCUIT
AC(N)
AC(L)
AC(L)
MO V2
LCM
CX
CY1
CY2
ACDC
C1
+
5
FUSE
12
CY0
10
7
AC(N)
-Vo
+Vo
L1
+
+
C2
C3
TVSRL
C4
LDM
NTC
RecommendedExternalCircuitComponents
FUSE
1A/250V,slowfusing
MOV2
S14K320
LCM
3.5mH
CX
0.1µF/275Vac
LDM
0.33mH
CY1,CY2
1nF/400Vac
NTC
13D-5
C1
10μF/400V
CY0
1nF/400Vac
Table 2
Figure 2
RecommendedExternalCircuitComponents
Vo
(Vdc)
FUSE1
MOV1
NTC
L2
C11
CY0
C21
L11
C31
TVS
C4
3.3
1A/250V S14K320 13D-5
4.7mH 10μF/400V 1nF/400Vac 330μF/25V 2.2μH 120μF/25V SMBJ7.0A 0.1μF/50V
5
1A/250V S14K320 13D-5
4.7mH 10μF/400V 1nF/400Vac 330μF/25V 2.2μH
68μF/35V
SMBJ7.0A 0.1μF/50V
9
1A/250V S14K320 13D-5
4.7mH 10μF/400V 1nF/400Vac 330μF/25V 2.2μH
68μF/35V
SMBJ12A
0.1μF/50V
12
1A/250V S14K320 13D-5
4.7mH 10μF/400V 1nF/400Vac 150μF/35V 2.2μH
68μF/35V
SMBJ20A
0.1μF/50V
15
1A/250V S14K320 13D-5
4.7mH 10μF/400V 1nF/400Vac 150μF/35V 2.2μH
68μF/35V
SMBJ20A
0.1μF/50V
24
1A/250V S14K320 13D-5
4.7mH 10μF/400V 1nF/400Vac 100μF/35V 2.2μH
68μF/35V
SMBJ30A
0.1μF/50V
Note:
1.Requiredcomponents.
2.C2,C3,&L1formpi-typefiltercircuit.
Notes:
1.C1isrequiredforbothACandDCinputs.Forinputvoltagesgreaterthan370Vdc,therecommendedvalueis10µF/450V.
2.Itisrequiredtoaddpi-typefiltercircuit(C2,C3,&L1)totheoutput.Thecapacitorsarerecommendedtobehighfrequencyandlowimpedanceelectrolyticcapacitors.
Forcapacitanceandratedripplecurrentofcapacitors,refertothedatasheetsprovidedbythemanufacturers.Voltagederatingofcapacitorsshouldbe80%orabove.
3.Whenoperatinginthe-40~-20°Cand55~85°Ctemperatureranges,the3.3and5Vdcoutputmodelsshouldusea270µF/16Vsolid-statecapacitorforC2.
4.C4isaceramiccapacitorusedtofilterhighfrequencynoise.
5.ForcurrentofL1&L2refertothedatasheetsprovidedbythemanufacturers.Currentderatingshouldbe80%orabove.
6.TVSisarecommendedcomponenttoprotectpost-circuits(ifconverterfails).
7.Itisrequiredtohaveadistance≥6.4mmforsafetybetweenexternalcomponentsinprimaryandsecondarycircuit.
8.Itisrecommendedtoaddaninsulationsheetbetweenthebottomoftheright-angleversionsandthePCBwhenmounting.
Note:
AlsorefertoTable1.
For more information, please visit the product page.


Similar Part No. - PBO-3-S15

ManufacturerPart #DatasheetDescription
logo
CUI INC
PBO-3-S15 CUI-PBO-3-S15 Datasheet
3Mb / 13P
   AC-DC POWER SUPPLY
03/10/2022
More results

Similar Description - PBO-3-S15

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
POWERPLUG24W STMICROELECTRONICS-POWERPLUG24W Datasheet
180Kb / 5P
   AC/DC POWER SUPPLY
logo
CUI INC
PBK-3-B CUI-PBK-3-B_15 Datasheet
732Kb / 9P
   AC-DC POWER SUPPLY
VOF-6 CUI-VOF-6_15 Datasheet
237Kb / 5P
   AC-DC POWER SUPPLY
VSUP-1K2 CUI-VSUP-1K2_12 Datasheet
372Kb / 6P
   AC-DC POWER SUPPLY
PSF-155 CUI-PSF-155 Datasheet
1Mb / 7P
   AC-DC POWER SUPPLY
SWI6-E CUI-SWI6-E Datasheet
413Kb / 5P
   AC-DC POWER SUPPLY
EPSA050100UE CUI-EPSA050100UE Datasheet
327Kb / 4P
   AC-DC POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE_12 Datasheet
363Kb / 5P
   AC-DC POWER SUPPLY
VMS-180 CUI-VMS-180 Datasheet
699Kb / 6P
   AC-DC POWER SUPPLY
SDI65-UD CUI-SDI65-UD_16 Datasheet
537Kb / 6P
   AC-DC POWER SUPPLY
SMI36 CUI-SMI36_16 Datasheet
506Kb / 5P
   AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com