Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1117LDX-5.0 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1117LDX-5.0
Description  800mA Low-Dropout Linear Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1117LDX-5.0 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM1117LDX-5.0 Datasheet HTML 2Page - National Semiconductor (TI) LM1117LDX-5.0 Datasheet HTML 3Page - National Semiconductor (TI) LM1117LDX-5.0 Datasheet HTML 4Page - National Semiconductor (TI) LM1117LDX-5.0 Datasheet HTML 5Page - National Semiconductor (TI) LM1117LDX-5.0 Datasheet HTML 6Page - National Semiconductor (TI) LM1117LDX-5.0 Datasheet HTML 7Page - National Semiconductor (TI) LM1117LDX-5.0 Datasheet HTML 8Page - National Semiconductor (TI) LM1117LDX-5.0 Datasheet HTML 9Page - National Semiconductor (TI) LM1117LDX-5.0 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
LM1117I Electrical Characteristics
Typicals and limits appearing in normal type apply for T
J = 25˚C. Limits appearing in Boldface type apply over the entire junc-
tion temperature range for operation, −40˚C to 125˚C.
Symbol
Parameter
Conditions
Min
(Note 5)
Typ
(Note 4)
Max
(Note 5)
Units
V
REF
Reference Voltage
LM1117I-ADJ
I
OUT = 10mA, VIN-VOUT = 2V, TJ = 25˚C
10mA
≤ I
OUT
≤ 800mA, 1.4V ≤ V
IN-VOUT
≤ 10V
1.238
1.200
1.250
1.250
1.262
1.290
V
V
V
OUT
Output Voltage
LM1117I-3.3
I
OUT = 10mA, VIN = 5V, TJ = 25˚C
0
≤ I
OUT
≤ 800mA, 4.75V ≤ V
IN
≤ 10V
3.267
3.168
3.300
3.300
3.333
3.432
V
V
LM1117I-5.0
I
OUT = 10mA, VIN = 7V, TJ = 25˚C
0
≤ I
OUT
≤ 800mA, 6.5V ≤ V
IN
≤ 12V
4.950
4.800
5.000
5.000
5.050
5.200
V
V
∆V
OUT
Line Regulation
(Note 6)
LM1117I-ADJ
I
OUT = 10mA, 1.5V
≤ V
IN-VOUT
≤ 13.75V
0.035
0.3
%
LM1117I-3.3
I
OUT = 0mA, 4.75V
≤ V
IN
≤ 15V
1
10
mV
LM1117I-5.0
I
OUT = 0mA, 6.5V
≤ V
IN
≤ 15V
1
15
mV
∆V
OUT
Load Regulation
(Note 6)
LM1117I-ADJ
V
IN-VOUT = 3V, 10
≤ I
OUT
≤ 800mA
0.2
0.5
%
LM1117I-3.3
V
IN = 4.75V, 0
≤ I
OUT
≤ 800mA
1
15
mV
LM1117I-5.0
V
IN = 6.5V, 0
≤ I
OUT
≤ 800mA
1
20
mV
V
IN-V OUT
Dropout Voltage
(Note 7)
I
OUT = 100mA
1.10
1.30
V
I
OUT = 500mA
1.15
1.35
V
I
OUT = 800mA
1.20
1.40
V
I
LIMIT
Current Limit
V
IN-VOUT = 5V, TJ = 25˚C
800
1200
1500
mA
Minimum Load
Current (Note 8)
LM1117I-ADJ
V
IN = 15V
1.7
5
mA
Quiescent Current
LM1117I-3.3
V
IN
≤ 15V
5
15
mA
LM1117I-5.0
V
IN
≤ 15V
5
15
mA
Thermal Regulation
T
A = 25˚C, 30ms Pulse
0.01
0.1
%/W
Ripple Regulation
f
RIPPLE =1 20Hz, VIN-VOUT =3VVRIPPLE
=1V
PP
60
75
dB
Adjust Pin Current
60
120
µA
Adjust Pin Current
Change
10
≤ I
OUT
≤ 800mA,
1.4V
≤ V
IN-VOUT
≤ 10V
0.2
10
µA
Temperature Stability
0.5
%
Long Term Stability
T
A = 125˚C, 1000Hrs
0.3
%
RMS Output Noise
(% of V
OUT), 10Hz
≤ f ≤10kHz
0.003
%
Thermal Resistance
Junction-to-Case
3-Lead SOT-223
15.0
˚C/W
3-Lead TO-252
10
˚C/W
Thermal Resistance
Junction-to-Ambient
No air flow)
3-Lead SOT-223 (No heat sink)
136
˚C/W
3-Lead TO-252 (No heat sink)(Note 9)
92
˚C/W
8-Lead LLP(Note 10)
40
˚C/W
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the Electrical Characteristics.
www.national.com
6


Similar Part No. - LM1117LDX-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1117LDX-5.0 NSC-LM1117LDX-5.0 Datasheet
921Kb / 21P
   800mA Low-Dropout Linear Regulator
logo
Texas Instruments
LM1117LDX-5.0 TI1-LM1117LDX-5.0 Datasheet
458Kb / 25P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
More results

Similar Description - LM1117LDX-5.0

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B_07 Datasheet
174Kb / 15P
   800mA LOW DROPOUT LINEAR REGULATOR
logo
Texas Instruments
LM1117-N TI1-LM1117-N_13 Datasheet
2Mb / 30P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
LM1117-N TI1-LM1117-N Datasheet
458Kb / 25P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
LM1117MP-1.8NOPB TI1-LM1117MP-1.8NOPB Datasheet
2Mb / 32P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
logo
National Semiconductor ...
LM1117_O6 NSC-LM1117_O6 Datasheet
921Kb / 21P
   800mA Low-Dropout Linear Regulator
logo
Texas Instruments
SM74503 TI1-SM74503 Datasheet
331Kb / 16P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G958 GMT-G958 Datasheet
149Kb / 7P
   800mA Adjustable Low-Dropout Linear Regulator
logo
Texas Instruments
SM74503 TI-SM74503_15 Datasheet
458Kb / 14P
[Old version datasheet]   SM74503 800mA Low-Dropout Linear Regulator
logo
AiT Semiconductor Inc.
A1116 AITSEMI-A1116 Datasheet
291Kb / 9P
   BIPOLAR LDO REGULATOR 800mA LINEAR LOW DROPOUT REGULATOR
REV1.1
logo
First Components Intern...
LM1117 FCI-LM1117 Datasheet
1Mb / 14P
   800mA Low-dropout Linear Regulator Temperature Range Output Current 800mA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com