Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1292N Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1292N
Description  Video PLL System for Continuous-Sync Monitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1292N Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM1292N Datasheet HTML 1Page - National Semiconductor (TI) LM1292N Datasheet HTML 2Page - National Semiconductor (TI) LM1292N Datasheet HTML 3Page - National Semiconductor (TI) LM1292N Datasheet HTML 4Page - National Semiconductor (TI) LM1292N Datasheet HTML 5Page - National Semiconductor (TI) LM1292N Datasheet HTML 6Page - National Semiconductor (TI) LM1292N Datasheet HTML 7Page - National Semiconductor (TI) LM1292N Datasheet HTML 8Page - National Semiconductor (TI) LM1292N Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Electrical Characteristics See Test Circuit (Figure 2); T
A = 25˚C; VCC = 12V; V14 = 0V; V15 = 0V unless
otherwise stated (Continued)
Parameter
Conditions
Typical
(Note 6)
Limit
(Note 7)
Units
H Drive Low Level Output Voltage (Pin
19)
I
OL = 100 mA
0.7
V
H Drive EN Low Level Input Voltage (Pin
14)
H Drive Output Active
0.8
V (Max)
H Drive EN High Level Input Voltage (Pin
14)
H Drive Output Open (Unlatched)
2.0
V (Min)
X-Ray Shutdown Threshold Voltage (Pin
15)
V
15 Above Threshold, H Drive
Output Open (Latched)
1.8
1.7
1.9
V (Min)
V (Max)
H/HV Sync Out Propagation Delay
Change
H/HV In vs Comp Video In
32
ns
Clamp Pulse Width
(Back Porch)R
SET = 15 kΩ;VSET = 0V
0.4
µs
(Back Porch)R
SET = 15 kΩ;VSET = 1.5V
1.4
µs
(Sync Tip)R
SET = 15 kΩ;VSET = 4V
0.6
µs
Clamp Pulse Delay
(Back Porch) Trailing Edge H/HV Sync
In to Leading Edge Clamp Pulse
0.1
µs
(Sync Tip) Leading Edge H/HV Sync In
to Leading Edge Clamp Pulse
0.025 T
H
s
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.
Note 2: Operating Ratings indicate conditions for which the device is functional, but do not guarantee specific performance limits. For guaranteed specifications and
test conditions, see the Electrical Characteristics. The guaranteed specifications apply only for the test conditions listed. Some performance characteristics may de-
grade when the device is not operated under the listed test conditions.
Note 3: All voltages are measured with respect to GND, unless otherwise specified.
Note 4: The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA and the ambient temperature, TA. The maximum
allowable power dissipation at any elevated temperature is PD = (TJMAX −TA)/θJA or the number given in the Absolute Maximum Ratings, whichever is lower. For
this device, TJMAX = 150˚C. The typical thermal resistance (θJA) of these parts when board mounted follow: LM1292N 50˚C/W.
Note 5: Human Body model, 100 pF capacitor discharged through a 1.5 k
Ω resistor.
Note 6: Typical specifications are at TA = 25˚C and represent most likely parametric norm.
Note 7: Tested limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
Note 8: The typical duty cycle range allowed for the H sync tip is from 5%–26%.
Note 9: The standard deviation,
σ, of the flyback pulse period is measured with HP 53310A Modulation Domain Analyzer. Peak-to-peak jitter of the flyback pulse is
defined by 6
σ.
Note 10: Phase Limits:
,
expressed as a fraction of the horizontal period TH, where TDFB is the horizontal output transistor turn-off delay from the rising edge of H Drive to the FBP peak. A
positive phase value represents a phase lead of the FBP peak with reference to the leading edge of H sync.
www.national.com
3


Similar Part No. - LM1292N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM129 NSC-LM129 Datasheet
165Kb / 10P
   Precision Reference
logo
Linear Technology
LM129 LINER-LM129 Datasheet
179Kb / 4P
   6.9V Precision Voltage Reference
LM129 LINER-LM129 Datasheet
125Kb / 4P
   6.9V Precision Voltage Reference
LM129 LINER-LM129 Datasheet
166Kb / 8P
   6.9V Precision Voltage Reference
logo
National Semiconductor ...
LM1290 NSC-LM1290 Datasheet
176Kb / 9P
   Autosync Horizontal Deflection Processor
More results

Similar Description - LM1292N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1291 NSC-LM1291 Datasheet
205Kb / 12P
   Video PLL System for Continuous-Sync Monitors
LM1295 NSC-LM1295 Datasheet
253Kb / 11P
   DC Controlled Geometry Correction System for Continuous Sync Monitors
logo
TEMIC Semiconductors
U2203B TEMIC-U2203B Datasheet
106Kb / 7P
   RGB Video Amplifier System for Monitors
logo
NXP Semiconductors
TDA4810 PHILIPS-TDA4810 Datasheet
968Kb / 14P
   SYNC PROCESSOR AND HORIZONTAL DRIVE FOR MONITORS
May 1991
logo
National Semiconductor ...
LM1823 NSC-LM1823 Datasheet
510Kb / 7P
   VIDEO IF AMPLIFIER/PLL DETECTOR SYSTEM
logo
List of Unclassifed Man...
VNM-EDGE2 ETC2-VNM-EDGE2 Datasheet
976Kb / 6P
   Video Quality Monitors
logo
NXP Semiconductors
TDA4820T PHILIPS-TDA4820T Datasheet
63Kb / 10P
   Sync separation circuit for video applications
June 1990
logo
Toshiba Semiconductor
TA1270BF TOSHIBA-TA1270BF Datasheet
1Mb / 38P
   PAL/NTSC VIDEO AND CHROMA SYNC PROCESSING SYSTEM FOR PIP/POP/PAP
TA1270BFG TOSHIBA-TA1270BFG Datasheet
1Mb / 39P
   PAL / NTSC VIDEO CHROMA AND SYNC PROCESSING SYSTEM FOR PIP / POP / PAP
logo
Texas Instruments
LM1881MX TI1-LM1881MX Datasheet
1Mb / 18P
[Old version datasheet]   Video Sync Separator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com