Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RACD04-700 Datasheet(PDF) 4 Page - Recom International Power

Part # RACD04-700
Description  low Standby Power, ErP conform
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RACD04-700 Datasheet(HTML) 4 Page - Recom International Power

  RACD04-700 Datasheet HTML 1Page - Recom International Power RACD04-700 Datasheet HTML 2Page - Recom International Power RACD04-700 Datasheet HTML 3Page - Recom International Power RACD04-700 Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
AC/DC Converter
L-4
REV.: 0/2016
www.recom-power.com
Specifications (measured @ ta= 25°C, 240VAC and rated load)
RACD04
Series
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit written
consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.
PACKAGING INFORMATION
Parameter
Type
Value
Packaging Dimension (LxWxH)
Cardboard Box
290.0 x 86.0 x 76.0mm
Packaging Quantity
10pcs
Storage Temperature Range
-20°C to +70°C
Storage Humidity
5% - 85% RH
INSTALLATION and APPLICATION
LED+
LED-
L N
Connection


Similar Part No. - RACD04-700

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RACD03 RECOM-RACD03 Datasheet
93Kb / 2P
   3W Class II AC-DC LED Power Supply
RACD03-350 RECOM-RACD03-350 Datasheet
93Kb / 2P
   3W Class II AC-DC LED Power Supply
RACD03-350-PSE RECOM-RACD03-350-PSE Datasheet
809Kb / 4P
   3 Watt CC/CV Single Output
RACD03-500 RECOM-RACD03-500 Datasheet
93Kb / 2P
   3W Class II AC-DC LED Power Supply
RACD03-500-PSE RECOM-RACD03-500-PSE Datasheet
809Kb / 4P
   3 Watt CC/CV Single Output
More results

Similar Description - RACD04-700

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RACV04 RECOM-RACV04 Datasheet
1Mb / 4P
   low Standby Power, ErP conform
logo
Micross Components
AS5C2568 MICROSS-AS5C2568 Datasheet
217Kb / 17P
   Low power standby
logo
Fairchild Semiconductor
FAN6863WTY FAIRCHILD-FAN6863WTY Datasheet
1Mb / 16P
   Low Standby Power: Under 0.1W
logo
Diodes Incorporated
AL1788 DIODES-AL1788 Datasheet
398Kb / 13P
   LOW STANDBY POWER PFC CONTROLLER
logo
ON Semiconductor
NCP1225 ONSEMI-NCP1225 Datasheet
44Kb / 6P
   Low Standby Power SMPS Controller
November, 2003 ??Rev. P0
logo
MORNSUN Science& Techno...
LO15-26D1305-03 MORNSUN-LO15-26D1305-03 Datasheet
1Mb / 4P
   Low ripple & noise, Low standby power consumption
LO10-26D0512-04L MORNSUN-LO10-26D0512-04L Datasheet
947Kb / 4P
   Low ripple & noise, Low standby power consumption
logo
Power Mate Technology C...
MAD40 P-DUKE-MAD40 Datasheet
2Mb / 5P
   0.11 WATT LOW STANDBY POWER CONSUMPTION
logo
Rochester Electronics
CA3078 ROCHESTER-CA3078 Datasheet
595Kb / 6P
   Micropower Operational Amplifier Low Standby Power
logo
Holt Integrated Circuit...
HI-1590 HOLTIC-HI-1590 Datasheet
1Mb / 16P
   CMOS technology for low standby power
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com