Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E52034C62C Datasheet(PDF) 4 Page - ELMOS Semiconductor AG

Part # E52034C62C
Description  System basis chip (SBC) for LIN applications
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG

E52034C62C Datasheet(HTML) 4 Page - ELMOS Semiconductor AG

  E52034C62C Datasheet HTML 1Page - ELMOS Semiconductor AG E52034C62C Datasheet HTML 2Page - ELMOS Semiconductor AG E52034C62C Datasheet HTML 3Page - ELMOS Semiconductor AG E52034C62C Datasheet HTML 4Page - ELMOS Semiconductor AG E52034C62C Datasheet HTML 5Page - ELMOS Semiconductor AG E52034C62C Datasheet HTML 6Page - ELMOS Semiconductor AG E52034C62C Datasheet HTML 7Page - ELMOS Semiconductor AG E52034C62C Datasheet HTML 8Page - ELMOS Semiconductor AG E52034C62C Datasheet HTML 9Page - ELMOS Semiconductor AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
LIN SBC with Voltage Regulator and Watchdog
E520.34 / .35
PRODUCTION DATA – May 20, 2015
1
Absolute Maximum Ratings
Stresses beyond these absolute maximum ratings listed below may cause permanent damage to the device. These are stress ratings only;
operation of the device at these or any other conditions beyond those listed in the operational sections of this document is not
implied. Exposure to absolute maximum rated conditions for extended periods may affect device reliability. All voltages with respect to ground.
Currents flowing into terminals are positive, those drawn out of a terminal are negative.
Description
Condition
Symbol
Min
Max
Unit
DC voltage at pin VS
continuous
VS,DC
-0.3
40
V
Junction temperature
continuous
TJUNC
-40
150
°C
Storage temperature
continuous
TSTG
-55
165
°C
DC voltage at pin WAKE_N
continuous, with
external
RWAKE_N=3.3 k
Ω,
CWAKE_N=22nF
VWAKE_N,DC
-2
VS + 0.3
V
DC current at pin WAKE_N
continuous
IWAKE_N,DC
-10
10
mA
DC voltage at pin VDD
E520.35 (5.0V device)
continuous
VDD,DC5.0
-0.3
5.5
V
DC voltage at pin VDD
E520.34 (3.3V device)
continuous
VDD,DC3.3
-0.3
3.6
V
DC current at pin VDD
continuous
IDD,DC
-130
1
mA
DC input voltage at pin LIN, VBAT
continuous
VLIN,DC,
VVBAT,DC
-24
40
V
TRAN input voltage at pin LIN, VBAT
pulse for max.
500ms
VLIN,TRAN
VVBAT,TRAN
-27
40
V
DC Voltage Level for pin
EN,RES_N,RXD,TXD,WDIN,WDOSC,
WDDM, DIV_ON
continuous
VIO,DC
-0.3
VDD,DC+0.3
V
DC Current Level for pin
EN,RES_N,RXD,TXD,WDIN,WDOSC,
WDDM, DIV_ON
continuous
IIO,DC
-10
1
mA
Elmos Semiconductor AG reserves the right to change the detail specifications as may be required to permit improvements in the design of its products.
Elmos Semiconductor AG
Data Sheet 4 / 33
QM-No.: 25DS0060E.05


Similar Part No. - E52034C62C

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
E520 GILWAY-E520 Datasheet
1,012Kb / 8P
   Engineering Catalog 169
logo
ELMOS Semiconductor AG
E520.01 ELMOS-E520.01 Datasheet
686Kb / 2P
   Channel Low Side Driver with Stall Detection
E520.02 ELMOS-E520.02 Datasheet
686Kb / 2P
   Channel Low Side Driver with Stall Detection
E520.03 ELMOS-E520.03 Datasheet
686Kb / 2P
   Channel Low Side Driver with Stall Detection
E520.08 ELMOS-E520.08 Datasheet
686Kb / 2P
   Channel Low Side Driver with Stall Detection
More results

Similar Description - E52034C62C

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA664151 ATMEL-ATA664151_14 Datasheet
1Mb / 50P
   LIN System Basis Chip with LIN Transceiver
logo
NXP Semiconductors
UJA1079 NXP-UJA1079 Datasheet
332Kb / 45P
   LIN core system basis chip
Rev. 02-27 May 2010
UJA1079A NXP-UJA1079A Datasheet
337Kb / 46P
   LIN core system basis chip
Rev. 2 ??31 January 2011
logo
Motorola, Inc
MC33689 MOTOROLA-MC33689 Datasheet
229Kb / 18P
   System Basis Chip with LIN transceiver
logo
NXP Semiconductors
UJA1069 NXP-UJA1069_09 Datasheet
304Kb / 64P
   LIN fail-safe system basis chip
Rev. 04-28 October 2009
UJA1069 PHILIPS-UJA1069 Datasheet
299Kb / 64P
   LIN fail-safe system basis chip
Rev. 02-5 March 2007
logo
Freescale Semiconductor...
33910 FREESCALE-33910_10 Datasheet
1Mb / 90P
   LIN System Basis Chip with High
logo
NXP Semiconductors
MC33689 NXP-MC33689 Datasheet
890Kb / 31P
   System Basis Chip with LIN Transceiver
Rev. 8.0, 9/2012
UJA1069 NXP-UJA1069 Datasheet
310Kb / 64P
   LIN fail-safe system basis chip
Rev. 03-10 September 2007
logo
Freescale Semiconductor...
33689D FREESCALE-33689D Datasheet
490Kb / 31P
   System Basis Chip with LIN Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com