Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SML4730 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SML4730
Description  Surface Mount Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SML4730 Datasheet(HTML) 2 Page - Vishay Siliconix

  SML4730 Datasheet HTML 1Page - Vishay Siliconix SML4730 Datasheet HTML 2Page - Vishay Siliconix SML4730 Datasheet HTML 3Page - Vishay Siliconix SML4730 Datasheet HTML 4Page - Vishay Siliconix SML4730 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
2
Document Number 85782
Rev. 1.5, 03-Mar-04
VISHAY
SML4728 to SML4764A
Vishay Semiconductors
Electrical Characteristics
1) Based on dc- measurement at thermal equilibrium
2) Surge current is a non-repetitive, 8.3 ms pulse width square wave or equivalent sine-wave superimposed on I
ZT per JEDEC Method
Partnumber
Device
Marking
Code
Nominal
Zener
Voltage
Test
Current
Maximum Dynamic
ImpedanceResistance
Maximum DC Reverse
Leakage Current
Maximum
Surge
Current
VZ
1) @ I
ZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR
VR
IRM
2)
V
mA
mA
µA
V
mApk
SML4728
3P3
3.3
76
10
400
1
100
1
1380
SML4729
3P6
3.6
69
10
400
1
100
1
1260
SML4730
3P9
3.9
64
9
400
1
50
1
1190
SML4731
4P3
4.3
58
9
400
1
10
1
1070
SML4732
4P7
4.7
53
8
500
1
10
1
970
SML4733
5P1
5.1
49
7
550
1
10
1
890
SML4734
5P6
5.6
45
5
600
1
10
2
810
SML4735
6P2
6.2
41
2
700
1
10
3
730
SML4736
6P8
6.8
37
3.5
700
1
10
4
660
SML4737
7P5
7.5
34
4
700
0.5
10
5
605
SML4738
8P2
8.2
31
4.5
700
0.5
10
6
550
SML4739
9P1
9.1
28
5
700
0.5
10
7
500
SML4740
10
10
25
7
700
0.25
10
7.6
454
SML4741
11
11
23
8
700
0.25
5
8.4
414
SML4742
12
12
21
9
700
0.25
5
9.1
380
SML4743
13
13
19
10
700
0.25
5
9.9
344
SML4744
15
15
17
14
700
0.25
5
11.4
305
SML4745
16
16
15.5
16
700
0.25
5
12.2
285
SML4746
18
18
14
20
750
0.25
5
13.7
250
SML4747
20
20
12.5
22
750
0.25
5
15.2
225
SML4748
22
22
11.5
23
750
0.25
5
16.7
205
SML4749
24
24
10.5
25
750
0.25
5
18.2
190
SML4750
27
27
9.5
35
750
0.25
5
20.6
170
SML4751
30
30
8.5
40
1000
0.25
5
22.8
150
SML4752
33
33
7.5
45
1000
0.25
5
25.1
135
SML4753
36
36
7
50
1000
0.25
5
27.4
125
SML4754
39
39
6.5
60
1000
0.25
5
29.7
115
SML4755
43
43
6
70
1500
0.25
5
32.7
110
SML4756
47
47
5.5
80
1500
0.25
5
35.8
95
SML4757
51
51
5
95
1500
0.25
5
38.8
90
SML4758
56
56
4.5
110
2000
0.25
5
42.6
80
SML4759
62
62
4
125
2000
0.25
5
47.1
70
SML4760
68
68
3.7
150
2000
0.25
5
51.7
65
SML4761
75
75
3.3
175
2000
0.25
5
56
60
SML4762
82
82
3
200
3000
0.25
5
62.2
55
SML4763
91
91
2.8
250
3000
0.25
5
69.2
50
SML4764
100
100
2.5
350
3000
0.25
5
76
45


Similar Part No. - SML4730

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SML4730 EIC-SML4730 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Shanghai Leiditech Elec...
SML4730 LEIDITECH-SML4730 Datasheet
506Kb / 4P
   Plastic package has Underwriters Laboratory Flammability Classification 94 V-0
logo
Vishay Siliconix
SML4730 VISHAY-SML4730 Datasheet
90Kb / 6P
   Surface Mount Zener Diodes
Rev. 1.6, 21-Oct-08
logo
EIC discrete Semiconduc...
SML4730 EIC-SML4730 Datasheet
99Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Vishay Siliconix
SML4730 VISHAY-SML4730 Datasheet
87Kb / 5P
   Surface Mount Zener Diodes
Rev. 1.8, 29-Nov-11
More results

Similar Description - SML4730

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com