Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E521.40 Datasheet(PDF) 4 Page - ELMOS Semiconductor AG

Part # E521.40
Description  Transceiver compliant with PSI5 standard v1.3 and v2.1
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG

E521.40 Datasheet(HTML) 4 Page - ELMOS Semiconductor AG

  E521.40 Datasheet HTML 1Page - ELMOS Semiconductor AG E521.40 Datasheet HTML 2Page - ELMOS Semiconductor AG E521.40 Datasheet HTML 3Page - ELMOS Semiconductor AG E521.40 Datasheet HTML 4Page - ELMOS Semiconductor AG E521.40 Datasheet HTML 5Page - ELMOS Semiconductor AG E521.40 Datasheet HTML 6Page - ELMOS Semiconductor AG E521.40 Datasheet HTML 7Page - ELMOS Semiconductor AG E521.40 Datasheet HTML 8Page - ELMOS Semiconductor AG E521.40 Datasheet HTML 9Page - ELMOS Semiconductor AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 84 page
background image
2 Channel Multi-Mode PSI5 Transceiver
E521.40
Production Data – Apr 27, 2016
1.1 Pin Description QFN20L5
Table 1.1-1: Pin Description
No
Name
Type
Description
1
DGND
S
Digital voltage supply
2
VDD
S
Digital voltage supply
3
AGND
S
Analog ground
4
SIF1
HV_A_O
Sensor Interface 1
5
NC
Not connected
6
PGND
S
Power ground
7
CP2
HV_A_O
Sync charge pump fly capacitor
8
VBUS
HV_S
VBUS voltage
9
CP1
HV_A_O
Sync charge pump fly capacitor
10
CSYNC
HV_S
Sync supply voltage
11
NC
Not connected
12
SIF2
HV_A_O
Sensor Interface 2
13
VG
HV_A_O
Gate voltage for external transistor
14
VSUPPPLY
HV_S
Supply voltage
15
NRES
D_I
Negative reset and test mode pin
16
TRIG
D_I
Sync pulse trigger input
17
NCS
D_I
SPI chip select
18
SDI_RXD
D_I
SPI or UART data input
19
SDO_TXD
D_O
SPI or UART data output
20
SCLK
D_I
SPI clock input
EP
S
QFN20L5 package only
Exposed Pad. Connect to large copper ground plane for optimal heat dissipation.
Connect to GNDA and GNDD.
Note: A = Analog, D = Digital, S = Supply, I = Input, O = Output, B = Bidirectional, HV = High Voltage
Elmos Semiconductor AG reserves the right to change the detail specifications as may be required to permit improvements in the design of its products.
Elmos Semiconductor AG
Data Sheet
QM-No.: 25DS0110E.04
4 / 84


Similar Part No. - E521.40

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
E521.41 ELMOS-E521.41 Datasheet
1Mb / 89P
   Transceiver compliant with PSI5 standard v1.3 and v2.1
More results

Similar Description - E521.40

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
E521.41 ELMOS-E521.41 Datasheet
1Mb / 89P
   Transceiver compliant with PSI5 standard v1.3 and v2.1
logo
STMicroelectronics
L9663 STMICROELECTRONICS-L9663 Datasheet
1Mb / 104P
   PSI5 Transceiver IC
STLC2690 STMICROELECTRONICS-STLC2690 Datasheet
117Kb / 6P
   Bluetooth V2.1 and FM RDS transceiver system-on-chip
logo
Delta Electronics, Inc.
DPS-200PB-143 DELTA-DPS-200PB-143 Datasheet
117Kb / 1P
   Complies with SFX 12V V2.1
logo
Recom International Pow...
RELI-DA01 RECOM-RELI-DA01 Datasheet
124Kb / 4P
   Compliant with DALI Standard
logo
NXP Semiconductors
FXPS71407 NXP-FXPS71407 Datasheet
1Mb / 137P
   DSI3 and PSI5 compatible absolute and relative pressure sensor
Rev. 3.4 - 29 November 2023
logo
Texas Instruments
TSLM1100 TI-TSLM1100 Datasheet
103Kb / 7P
[Old version datasheet]   IrDA COMPLIANT TRANSCEIVER
logo
List of Unclassifed Man...
LPC2478-32 ETC2-LPC2478-32 Datasheet
403Kb / 6P
   OEM Board v1.3 DS
logo
Freescale Semiconductor...
MMA52XXKW FREESCALE-MMA52XXKW Datasheet
1Mb / 55P
   PSI5 Inertial Sensor
MMA52XXWR2 FREESCALE-MMA52XXWR2 Datasheet
1Mb / 61P
   PSI5 Inertial Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com