Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E98103A38B Datasheet(PDF) 3 Page - ELMOS Semiconductor AG

Part # E98103A38B
Description  Autonomous MAC and individual physical address
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG

E98103A38B Datasheet(HTML) 3 Page - ELMOS Semiconductor AG

  E98103A38B Datasheet HTML 1Page - ELMOS Semiconductor AG E98103A38B Datasheet HTML 2Page - ELMOS Semiconductor AG E98103A38B Datasheet HTML 3Page - ELMOS Semiconductor AG E98103A38B Datasheet HTML 4Page - ELMOS Semiconductor AG E98103A38B Datasheet HTML 5Page - ELMOS Semiconductor AG E98103A38B Datasheet HTML 6Page - ELMOS Semiconductor AG E98103A38B Datasheet HTML 7Page - ELMOS Semiconductor AG E98103A38B Datasheet HTML 8Page - ELMOS Semiconductor AG E98103A38B Datasheet HTML 9Page - ELMOS Semiconductor AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 51 page
background image
3/51
Elmos Semiconductor AG
Data Sheet
QM-No.: 25DS0046E.03
PRODUCTION DATA - JAN 15, 2015
Elmos Semiconductor AG reserves the right to change the detail specifications as may be required to permit improvements in the design of its products.
KNX/ EIB TRANSCEIVER
E981.03
Pin Description
Pin
Name
Type 1)
Pull
Description
1
OTEMP
D_O
-
Over-temperature warning
2
RESET
D_IO
Up
Bidirectional reset pin (low active)
3
i.c.
-
-
Reserved for factory use, connect to GND during operation.
4
AOUT
A_O
-
Analog multiplexer output
5
SETVCC
D_I
2)
Combination of
- selection of the VCC output voltage and
- alarm function activation
6
V33I
S
-
3.3V internal supply: Connect to external capacitor
7
WK
HV_D_IO -
Output with tri-state capability; used for KNX telegram trigger
Output [default]: VIO related output levels
Input: VST tolerant. Thresholds V
V33i related
8
CREC
HV_A_I
-
Receive pin for KNX bus communication
9
BUSN
S
-
Connection to the negative bus line
10
RTXL
HV_A_IO -
Ground connection of external resistor RTX
11
RTXH
HV_A_IO -
KNX send output pin - upper connection of external resistor RTX
12
BUSP
HV_S
-
Connection to positive KNX bus via external diode for reverse polar-
ity protection
13
i.c.
-
-
Reserved for factory use, connect to GND during operation.
14
V20
HV_S
-
20V DC supply output
15
VST
HV_S
-
Connection to external storage capacitor CST
16
i.c.
-
-
Do not connect externally
17
SW
HV_A_IO -
Switched output of DC/ DC converter
18
VCC
A_I
-
DC/ DC converter output voltage control input
19
VIO
S
-
Supply for digital IO pins (connect to VCC if no external supply is
used)
20
BS0
D_I
Down
Baud rate select pin 0
21
BS1
D_I
Down
Baud rate select pin 1
22
INT
D_O
-
Used for KNX collision trigger (low active)
23
EXTAL
D_O
-
External crystal terminal 2
24
XTAL
D_I
-
External crystal terminal 1 or clock input if no crystal is connected
25
TXD
D_O
-
UART transmit signal: from E981.03 to host processor (push/pull)
26
RXD
D_I
Down
UART receive signal: from host processor to E981.03
27
GND
S
-
GND pin
28
SCS
D_I
Up
SPI chip select (low active) or General Purpose Input if SPI is disabled
29
SCK
D_I
Down
SPI clock or GPI if SPI is disabled
30
MISO
D_IO
-
SPI master in slave out data line or GPIO if SPI is disabled
31
MOSI
D_IO
-
SPI master out slave in data line or GPIO if SPI is disabled
32
SAVE
D_O
Up
VST under voltage pre alarm signal (low active)
33
EP
Exposed Die Pad
1) D = digital, A = analog, S = supply, I = input, O = output, HV = high voltage
2) Internally weak pulled to V33I/2. A open pin is the alarm condition. To select a VCC voltage push it to VIO or pull it to GND.


Similar Part No. - E98103A38B

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
E981.07 ELMOS-E981.07 Datasheet
533Kb / 46P
   Two independent operating channels
E981.08 ELMOS-E981.08 Datasheet
557Kb / 47P
   Four independent operating channels
E981.10 ELMOS-E981.10 Datasheet
881Kb / 19P
   BASIC IO-LINK TRANSCEIVER
More results

Similar Description - E98103A38B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ACD80800 ETC1-ACD80800 Datasheet
103Kb / 19P
   Address Resolution Logic (8K MAC Addresses)
logo
ON Semiconductor
FUSB301A ONSEMI-FUSB301A Datasheet
315Kb / 14P
   Autonomous USB Type-C Controller with Configurable I2C Address
June, 2018 ??Rev. 0
logo
Texas Instruments
TS3A227E TI1-TS3A227E Datasheet
1Mb / 59P
[Old version datasheet]   Autonomous Audio Accessory Detection and Configuration Switch
logo
List of Unclassifed Man...
POLYPADK-4 ETC2-POLYPADK-4 Datasheet
557Kb / 2P
   Excellent dielectric and physical strength
logo
NXP Semiconductors
MC33772 NXP-MC33772 Datasheet
302Kb / 2P
   Controller and Transformer Physical Layer
REV 4
logo
STMicroelectronics
RM0321 STMICROELECTRONICS-RM0321 Datasheet
3Mb / 584P
   SPEAr320S address map and registers
logo
Mallory Sonalert Produc...
ZT028LDIC3R MSPI-ZT028LDIC3R Datasheet
135Kb / 1P
   INDIVIDUAL CONTROL OF LIGHT AND SOUND
logo
celduc-relais
P3S79129 CELDUC-P3S79129 Datasheet
890Kb / 6P
   AUTONOMOUS Safety Sensor
logo
Mallory Sonalert Produc...
ZT028LAIC1G MSPI-ZT028LAIC1G Datasheet
117Kb / 1P
   INDIVIDUAL CONTROL OF LIGHT AND SOUND
ZT028LAIC3G MSPI-ZT028LAIC3G Datasheet
117Kb / 1P
   INDIVIDUAL CONTROL OF LIGHT AND SOUND
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com