Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E52287A80D Datasheet(PDF) 3 Page - ELMOS Semiconductor AG

Part # E52287A80D
Description  Three integrated Linear Current Drivers (3*60mA)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG

E52287A80D Datasheet(HTML) 3 Page - ELMOS Semiconductor AG

  E52287A80D Datasheet HTML 1Page - ELMOS Semiconductor AG E52287A80D Datasheet HTML 2Page - ELMOS Semiconductor AG E52287A80D Datasheet HTML 3Page - ELMOS Semiconductor AG E52287A80D Datasheet HTML 4Page - ELMOS Semiconductor AG E52287A80D Datasheet HTML 5Page - ELMOS Semiconductor AG E52287A80D Datasheet HTML 6Page - ELMOS Semiconductor AG E52287A80D Datasheet HTML 7Page - ELMOS Semiconductor AG E52287A80D Datasheet HTML 8Page - ELMOS Semiconductor AG E52287A80D Datasheet HTML 9Page - ELMOS Semiconductor AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3/20
Triple 60mA Linear LED Controller
E522.84/85/86/87
Preliminary Information - Jan 21, 2015
Elmos Semiconductor AG
Data Sheet
QM-No.: 25DS0137E.00
This document contains information on a pre-production product. Elmos Semiconductor AG reserves the right to change specifications and information herein without notice.
Pin Description
Pin
Name
Type 1)
Description
1
RUN
HV_A_IO
RUN Diagnostic Bus Interface to link 522.8x Products
2
VS
HV_S
High-Voltage Supply Input
3
GND
S
Ground Connection
4
ENA
HV_A_I
High-Voltage Enable and optional analog Referencevoltage Input
5
IR
A_IO
Current Configuration Interface
6
LED3
HV_A_O
Output Channel 3, connect to LED directly
7
LED2
HV_A_O
Output Channel 2, connect to LED directly
8
LED1
HV_A_O
Output Channel 1, connect to LED directly
-
Exposed
Pad
Exposed Pad, Connect to GND for thermal connection
1) A = Analog, D = Digital, S = Supply, I = Input, O = Output, B = Bidirectional, HV = High Voltage


Similar Part No. - E52287A80D

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
E522 GILWAY-E522 Datasheet
1,012Kb / 8P
   Engineering Catalog 169
logo
ELMOS Semiconductor AG
E522.01 ELMOS-E522.01 Datasheet
1Mb / 25P
   Wide input voltage range 4.5V to 40V
E522.10 ELMOS-E522.10 Datasheet
192Kb / 2P
   LOW QUIESCENT CURRENT STEP DOWN CONVERTER
E522.31 ELMOS-E522.31 Datasheet
211Kb / 2P
   SWITCH-MODE CONSTANT CURRENT LED CONTROLLER FAMILY
E522.31 ELMOS-E522.31_16 Datasheet
504Kb / 20P
   CHANNEL SWITCHED MODE CONSTANT CURRENT CONTROLLER
More results

Similar Description - E52287A80D

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6308 RENESAS-ISL6308 Datasheet
1Mb / 28P
   Three-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
logo
Intersil Corporation
ISL6308A INTERSIL-ISL6308A Datasheet
660Kb / 28P
   Three-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
ISL8103 INTERSIL-ISL8103 Datasheet
770Kb / 27P
   Three-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
ISL6308 INTERSIL-ISL6308 Datasheet
765Kb / 27P
   Three-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
logo
Renesas Technology Corp
ISL6308A RENESAS-ISL6308A Datasheet
1Mb / 28P
   Three-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
ISL8103 RENESAS-ISL8103 Datasheet
1Mb / 28P
   Three-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
logo
Richtek Technology Corp...
RT9302 RICHTEK-RT9302 Datasheet
124Kb / 9P
   60mA 3-Channel Pulse Dimming Current Source LED Driver
RT9302 RICHTEK-RT9302_11 Datasheet
128Kb / 9P
   60mA 3-Channel Pulse Dimming Current Source LED Driver
logo
International Rectifier
IRU1237SC IRF-IRU1237SC Datasheet
54Kb / 7P
   THREE INTEGRATED, FIXED OUTPUT LINEAR VOLTAGE REGULATORS
logo
ON Semiconductor
CS5303 ONSEMI-CS5303 Datasheet
390Kb / 19P
   Three?뭁hase Buck Controller with Integrated Gate Drivers
July, 2006 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com