Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUC1G17YZAR Datasheet(PDF) 8 Page - Texas Instruments

Part # SN74AUC1G17YZAR
Description  SINGLE SCHMITT TRIGGER BUFFER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUC1G17YZAR Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74AUC1G17YZAR Datasheet HTML 4Page - Texas Instruments SN74AUC1G17YZAR Datasheet HTML 5Page - Texas Instruments SN74AUC1G17YZAR Datasheet HTML 6Page - Texas Instruments SN74AUC1G17YZAR Datasheet HTML 7Page - Texas Instruments SN74AUC1G17YZAR Datasheet HTML 8Page - Texas Instruments SN74AUC1G17YZAR Datasheet HTML 9Page - Texas Instruments SN74AUC1G17YZAR Datasheet HTML 10Page - Texas Instruments SN74AUC1G17YZAR Datasheet HTML 11Page - Texas Instruments SN74AUC1G17YZAR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
MECHANICAL DATA
MPDS025C – FEBRUARY 1997 – REVISED FEBRUARY 2002
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DCK (R-PDSO-G5)
PLASTIC SMALL-OUTLINE PACKAGE
0,10
M
0,10
0,65
0
°–8°
0,46
0,26
0,13 NOM
4093553-2/D 01/02
0,15
0,30
1,40
1,10
2,40
1,80
4
5
2,15
1,85
1
3
1,10
0,80
0,10
0,00
Seating Plane
0,15
Gage Plane
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion.
D. Falls within JEDEC MO-203


Similar Part No. - SN74AUC1G17YZAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC1G17YZPR TI1-SN74AUC1G17YZPR Datasheet
974Kb / 18P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER BUFFER
More results

Similar Description - SN74AUC1G17YZAR

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74AUP1G17 DIODES-74AUP1G17 Datasheet
190Kb / 11P
   SINGLE SCHMITT-TRIGGER BUFFER
logo
NXP Semiconductors
74LVC1G17 NXP-74LVC1G17_12 Datasheet
367Kb / 21P
   Single Schmitt trigger buffer
Rev. 10-29 June 2012
logo
Texas Instruments
SN74LVC1G17 TI-SN74LVC1G17_10 Datasheet
832Kb / 19P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER BUFFER
logo
Unisonic Technologies
U74LVC1G17 UTC-U74LVC1G17 Datasheet
104Kb / 5P
   SINGLE SCHMITT-TRIGGER BUFFER
logo
Texas Instruments
SN74LVC1G17-Q1 TI-SN74LVC1G17-Q1 Datasheet
259Kb / 9P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER BUFFER
logo
Diodes Incorporated
74LVC1G17_1107 DIODES-74LVC1G17_1107 Datasheet
266Kb / 13P
   SINGLE SCHMITT-TRIGGER BUFFER
74LVC1G17 DIODES-74LVC1G17 Datasheet
273Kb / 14P
   SINGLE SCHMITT-TRIGGER BUFFER
DS35124 Rev. 1 - 2
logo
Texas Instruments
SN74LVC1G17 TI-SN74LVC1G17_07 Datasheet
762Kb / 19P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER BUFFER
SN74LVC1G17 TI-SN74LVC1G17_08 Datasheet
832Kb / 19P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER BUFFER
logo
Unisonic Technologies
U74LVC1G17 UTC-U74LVC1G17_V01 Datasheet
180Kb / 5P
   SINGLE SCHMITT-TRIGGER BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com