Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS45VM32100D-6BLA1 Datasheet(PDF) 2 Page - Integrated Silicon Solution, Inc

Part # IS45VM32100D-6BLA1
Description  512K x 32Bits x 2Banks Low Power Synchronous DRAM
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS45VM32100D-6BLA1 Datasheet(HTML) 2 Page - Integrated Silicon Solution, Inc

  IS45VM32100D-6BLA1 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS45VM32100D-6BLA1 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS45VM32100D-6BLA1 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS45VM32100D-6BLA1 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS45VM32100D-6BLA1 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS45VM32100D-6BLA1 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS45VM32100D-6BLA1 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS45VM32100D-6BLA1 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS45VM32100D-6BLA1 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
2
IS42/45SM/RM/VM32100D
www.issi.com - dram@issi.com
Rev. A | November 2015
Figure1: 90Ball FBGA Ball Assignment
DQ26
DQ24
DQ23
DQ21
DQ28
VDDQ
VSSQ
DQ19
VSSQ
DQ27
DQ20
VDDQ
VSSQ
DQ29
DQ18
VDDQ
VDDQ
DQ31
DQ16
VSSQ
VSS
DQM3
DQM2
VDD
A4
A5
A0
A1
A7
A8
NC
NC
CLK
CKE
/CS
/RAS
DQM1
NC
/WE
DQM0
VDDQ
DQ8
DQ7
VSSQ
VSSQ
DQ10
DQ5
VDDQ
VSSQ
DQ12
DQ3
VDDQ
DQ11
VDDQ
VSSQ
DQ4
DQ13
DQ15
DQ0
DQ2
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
1
2
3
4
5
6
7
8
9
[Top View]
VDD
VDDQ
DQ22
DQ17
NC
A2
A10
NC
BA
/CAS
VDD
DQ6
DQ1
VDDQ
VDD
VSS
VSSQ
DQ25
DQ30
NC
A3
A6
NC
A9
NC
VSS
DQ9
DQ14
VSSQ
VSS


Similar Part No. - IS45VM32100D-6BLA1

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS45VM32160D ISSI-IS45VM32160D Datasheet
468Kb / 27P
   4M x 32Bits x 4Banks Mobile Synchronous DRAM
IS45VM32160E-6BLA1 ISSI-IS45VM32160E-6BLA1 Datasheet
885Kb / 33P
   4M x 32Bits x 4Banks Mobile Synchronous DRAM
IS45VM32160E-6BLA2 ISSI-IS45VM32160E-6BLA2 Datasheet
885Kb / 33P
   4M x 32Bits x 4Banks Mobile Synchronous DRAM
More results

Similar Description - IS45VM32100D-6BLA1

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
RMS132AW EMLSI-RMS132AW Datasheet
231Kb / 26P
   512K x 32Bits x 2Banks Low Power Synchronous DRAM
RMS132UAW EMLSI-RMS132UAW Datasheet
239Kb / 26P
   512K x 32Bits x 2Banks Low Power Synchronous DRAM
logo
Integrated Silicon Solu...
IS42VM32200G ISSI-IS42VM32200G Datasheet
284Kb / 27P
   512K x 32Bits x 4Banks Low Power Synchronous DRAM
IS42SM32200G ISSI-IS42SM32200G Datasheet
267Kb / 27P
   512K x 32Bits x 4Banks Low Power Synchronous DRAM
logo
Elite Semiconductor Mem...
M12S16161A ESMT-M12S16161A_1 Datasheet
627Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A Datasheet
566Kb / 27P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A_08 Datasheet
699Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A_05 Datasheet
697Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
M12S16161A ESMT-M12S16161A_07 Datasheet
613Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M52D32321A ESMT-M52D32321A Datasheet
690Kb / 29P
   512K x 32Bit x 2Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com