Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CJL3443 Datasheet(PDF) 1 Page - ZP Semiconductor

Part # CJL3443
Description  P - Channel 20-V(D-S) MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZPSEMI [ZP Semiconductor]
Direct Link  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor

CJL3443 Datasheet(HTML) 1 Page - ZP Semiconductor

  CJL3443 Datasheet HTML 1Page - ZP Semiconductor CJL3443 Datasheet HTML 2Page - ZP Semiconductor CJL3443 Datasheet HTML 3Page - ZP Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SOT-23-6L Plastic-Encapsulate MOSFETS
CJL3443
P-Channel 20-V(D-S) MOSFET
FEATURE
Fast Switching Speed
Low Gate Charge
High Performance Trench Technology for extremely Low RDS(on)
Description
This P-Channel MOSFET is produced using advanced PowerTrench
process that has been especially tailored to minimize on-state resistance
and yet maintain low gate charge for superior switching performance.
These devices have been designed to offer exceptional power dissipation
In a very small footprint for applications where the larger packages are impractical.
MARKING:
Maximum ratings (Ta=25
℃ unless otherwise noted)
Parameter
Symbol
Value
Unit
Drain-Source Voltage
VDS
-20
Continuous Gate-Source Voltage
VGS
±8
V
Continuous Drain Current
ID
-4
A
Power Dissipation
PD
0.35
W
Thermal Resistance from Junction to Ambient
RθJA
357
℃/W
Operating Temperature
Tj
150
Storage Temperature
Tstg
-55 ~+150
SOT-23-6L
1. GATE
2. DRAIN
3. SOURCE
3
5
6
4
1
2
3
R43
D
D
D
D
G
S
1 of 3
sales@zpsemi.com
www.zpsemi.com
CJL3443


Similar Part No. - CJL3443

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJL3407 ZPSEMI-CJL3407 Datasheet
346Kb / 2P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Jiangsu Changjiang Elec...
CJL3407 JIANGSU-CJL3407 Datasheet
719Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
logo
ZP Semiconductor
CJL3415 ZPSEMI-CJL3415 Datasheet
798Kb / 2P
   P-Channel MOSFET
logo
Jiangsu Changjiang Elec...
CJL3415 JIANGSU-CJL3415 Datasheet
797Kb / 5P
   P-Channel 20V(D-S) MOSFET
More results

Similar Description - CJL3443

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com