Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS46TR85120A-107MBLA2 Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # IS46TR85120A-107MBLA2
Description  512Mx8, 256Mx16 4Gb DDR3 SDRAM
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS46TR85120A-107MBLA2 Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS46TR85120A-107MBLA2 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS46TR85120A-107MBLA2 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS46TR85120A-107MBLA2 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS46TR85120A-107MBLA2 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS46TR85120A-107MBLA2 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS46TR85120A-107MBLA2 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS46TR85120A-107MBLA2 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS46TR85120A-107MBLA2 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS46TR85120A-107MBLA2 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 88 page
background image
IS43/46TR16256A, IS43/46TR16256AL,
IS43/46TR85120A, IS43/46TR85120AL
Integrated Silicon Solution, Inc.
– www.issi.com –
5
Rev. G2
07/28/2016
VSSQ
Supply
DQ Ground
VDD
Supply
Power Supply: 1.5 V +/- 0.075 V for standard voltage or 1.35V +0.1V, -0.067V for low voltage
VSS
Supply
Ground
VREFDQ
Supply
Reference voltage for DQ
VREFCA
Supply
Reference voltage for CA
ZQ
Supply
Reference Pin for ZQ
Note: Input only pins (BA0-BA2, A0-A15, RAS#, CAS#, WE#, CS#, CKE, ODT, and RESET#) do not supply termination.


Similar Part No. - IS46TR85120A-107MBLA2

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS46TR81280B ISSI-IS46TR81280B Datasheet
3Mb / 88P
   Programmable CAS Latency
IS46TR81280BL ISSI-IS46TR81280BL Datasheet
3Mb / 88P
   Programmable CAS Latency
IS46TR81280ED-125KBLA2 ISSI-IS46TR81280ED-125KBLA2 Datasheet
3Mb / 74P
   128MX8, 64MX16 1Gb DDR3 SDRAM WITH ECC
IS46TR81280ED-125KBLA3 ISSI-IS46TR81280ED-125KBLA3 Datasheet
3Mb / 74P
   128MX8, 64MX16 1Gb DDR3 SDRAM WITH ECC
IS46TR81280ED-15HBLA2 ISSI-IS46TR81280ED-15HBLA2 Datasheet
3Mb / 74P
   128MX8, 64MX16 1Gb DDR3 SDRAM WITH ECC
More results

Similar Description - IS46TR85120A-107MBLA2

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43TR16256A ISSI-IS43TR16256A Datasheet
3Mb / 81P
   512Mx8, 256Mx16 4Gb DDR3 SDRAM
logo
Hynix Semiconductor
H5TQ4G43MFR HYNIX-H5TQ4G43MFR Datasheet
486Kb / 34P
   4Gb DDR3 SDRAM
H5TQ4G43AMR HYNIX-H5TQ4G43AMR Datasheet
458Kb / 30P
   4Gb DDR3 SDRAM
H5TQ4G43AFR HYNIX-H5TQ4G43AFR Datasheet
458Kb / 35P
   4Gb DDR3 SDRAM
H5TQ4G43MMR HYNIX-H5TQ4G43MMR Datasheet
720Kb / 73P
   4Gb DDR3 SDRAM DDP(2Gbx2)
logo
Elpida Memory
EBJ42HE8BAFA ELPIDA-EBJ42HE8BAFA Datasheet
210Kb / 22P
   4GB Registered DDR3 SDRAM DIMM
EBJ41HE4BDFA ELPIDA-EBJ41HE4BDFA Datasheet
205Kb / 19P
   4GB Registered DDR3 SDRAM DIMM
EBJ41HE4BDFD ELPIDA-EBJ41HE4BDFD Datasheet
208Kb / 19P
   4GB Registered DDR3 SDRAM DIMM
logo
Nanya Technology Corpor...
NT5CBC512M8EQ NANYA-NT5CBC512M8EQ Datasheet
4Mb / 154P
   Automotive DDR3(L) 4Gb SDRAM
logo
Elpida Memory
EBJ41HE4BAFA ELPIDA-EBJ41HE4BAFA Datasheet
214Kb / 21P
   4GB Registered DDR3 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com