Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS67WVE1M16TBLL-70BLA1 Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS67WVE1M16TBLL-70BLA1
Description  16Mb Async/Page PSRAM
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS67WVE1M16TBLL-70BLA1 Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS67WVE1M16TBLL-70BLA1 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS67WVE1M16TBLL-70BLA1 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS67WVE1M16TBLL-70BLA1 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS67WVE1M16TBLL-70BLA1 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS67WVE1M16TBLL-70BLA1 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS67WVE1M16TBLL-70BLA1 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS67WVE1M16TBLL-70BLA1 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS67WVE1M16TBLL-70BLA1 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS67WVE1M16TBLL-70BLA1 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
1
IS66/67WVE1M16EALL/EBLL/ECLL
IS66/67WVE1M16TALL/TBLL/TCLL
Rev. C | Oct. 2015
www.issi.com - SRAM@issi.com
Overview
The IS66/67WVE1M16EALL/BLL/CLL and IS66/67WVE1M16TALL/BLL/CLL are integrated memory device
containing 16Mbit Pseudo Static Random Access Memory using a self-refresh DRAM array organized as 1M
words by 16 bits. The device includes several power saving modes : Partial Array Refresh mode where
data is retained in a portion of the array and Deep Power Down mode. Both these modes reduce standby
current drain. The die has separate power rails, VDDQ and VSSQ for the I/O to be run from a separate
power supply from the device core.
Asynchronous and page mode interface
Dual voltage rails for optional performance
ALL: VDD 1.7V~1.95V, VDDQ 1.7V~1.95V
BLL: VDD 2.7V~3.6V, VDDQ 2.7V~3.6V
CLL: VDD 1.7V~1.95V, VDDQ 2.7V~3.6V
Page mode read access
Interpage Read access : 60ns, 70ns
Intrapage Read access : 25ns
Low Power Consumption
Asynchronous Operation < 30 mA
Intrapage Read < 23mA
Standby < 150 µA (max.)
Deep power-down (DPD)
ALL/CLL: < 3µA (Typ)
BLL: < 10µA (Typ)
Low Power Feature
Temperature Controlled Refresh
Partial Array Refresh
Deep power-down (DPD) mode
Operating temperature Range
Industrial: -40°C~85°C
Automotive A1: -40°C~85°C
Packages:
48-ball TFBGA, 48-pin TSOP-I
16Mb Async/Page PSRAM
Features
Copyright © 2015 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its
products at any time without notice. ISSI assumes no liability arising out of the application or use of any information, products or services
described herein. Customers are advised to obtain the latest version of this device specification before relying on any published information
and before placing orders for products.
Integrated Silicon Solution, Inc. does not recommend the use of any of its products in life support applications where the failure or
malfunction of the product can reasonably be expected to cause failure of the life support system or to significantly affect its safety or
effectiveness. Products are not authorized for use in such applications unless Integrated Silicon Solution, Inc. receives written assurance to
its satisfaction, that:
a.) the risk of injury or damage has been minimized;
b.) the user assume all such risks; and
c.) potential liability of Integrated Silicon Solution, Inc is adequately protected under the circumstances
Notes :
1. The 48-pin TSOP-I package option is not yet available. Please contact SRAM marketing at sram@issi.com for
additional information.
NOVEMBER 2015


Similar Part No. - IS67WVE1M16TBLL-70BLA1

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS67WVE1M16BLL ISSI-IS67WVE1M16BLL Datasheet
664Kb / 32P
   Asynchronous and page mode interface
IS67WVE1M16CLL ISSI-IS67WVE1M16CLL Datasheet
664Kb / 32P
   Asynchronous and page mode interface
IS67WVE1M16EALL ISSI-IS67WVE1M16EALL Datasheet
664Kb / 32P
   Asynchronous and page mode interface
More results

Similar Description - IS67WVE1M16TBLL-70BLA1

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS66WVE1M16ALL ISSI-IS66WVE1M16ALL Datasheet
522Kb / 30P
   1.8V Core Async/Page PSRAM
IS66WVE1M16BLL ISSI-IS66WVE1M16BLL Datasheet
589Kb / 30P
   3.0V Core Async/Page PSRAM
IS66WVE2M16DALL ISSI-IS66WVE2M16DALL Datasheet
505Kb / 28P
   1.8V Core Async/Page PSRAM
IS66WVE4M16BLL ISSI-IS66WVE4M16BLL Datasheet
530Kb / 30P
   3.0V Core Async/Page PSRAM
IS66WVE2M16DBLL ISSI-IS66WVE2M16DBLL Datasheet
505Kb / 28P
   3.0V Core Async/Page PSRAM
IS66WVE4M16ALL ISSI-IS66WVE4M16ALL Datasheet
597Kb / 30P
   1.8V Core Async/Page PSRAM
IS41C16105C ISSI-IS41C16105C Datasheet
712Kb / 20P
   16Mb DRAM WITH FAST PAGE MODE
IS41C44052C ISSI-IS41C44052C Datasheet
411Kb / 17P
   16Mb DRAM WITH FAST PAGE MODE
IS41C16100C ISSI-IS41C16100C Datasheet
615Kb / 22P
   16Mb DRAM WITH EDO PAGE MODE
IS41C44002C ISSI-IS41C44002C Datasheet
367Kb / 19P
   16Mb DRAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com